Part Number Hot Search : 
M61538FP 20N10 SM7744M MC10E175 ANTX2 2SK14 1N4936 G40N60A4
Product Description
Full Text Search
 

To Download VTT1222WH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  phototransistors www .optoelectronics.perkinelmer.com 19 description phototransistors are photodiode-amplifier combinations integrated within a single silicon chip. these are combined to overcome the major fault of photodiodes: unity gain. many applications demand a greater output signal from the photodetector than can be generated by a photodiode alone. while the signal from a photodiode can always be amplified through use of an external op-amp or other circuitry, this approach is often not as practical or as cost-effective as the use of phototransistors. the phototransistor can be viewed as a photodiode whose output photocurrent is fed into the base of a conventional small-signal transistor . while not required for operation of the device as a photodetector, a base connection is often provided, allowing the designer the option of using base current to bias the transistor. the typical gain of a phototransistor can range from 100 to over 1500. phototransistors can be used as ambient-light detectors. when used with a controllable light source, typically an ired, they ar e often employed as the detector element for optoisolators and transmissive or reflective optical switches. all phototransistors are rohs compliant. features ? low-cost visible and near-ir p hotodetection ? available with gains from 100 t o over 1500 ? moderately fast response times ? available in a wide range of packages including epoxy-coated, transfer-molded, cast, hermetic packages, chip form and surface mounting technology ? usable with almost any visible or near-infrared light source such as ireds, neon, fluorescent, incandescent bulbs, lasers, flame sources, sunlight, etc. ? same general electrical characteristics as familiar signal transistors typical applications ?computer/business equipment ?write-protect control ? mar gin contr olsrinters ?industrial ? led light sourceight pens ? security systems ?safety shields ?consumer ? coin counters ? lottery card readers ? position sensorsoysticks ?remote controllersoys, appliances, audio/visual equipment ? gamesaser tag ? camera shutter control principle of operation phototransistors ar e solid-state light detectors that possess inter nal gain. they can be used to provide either an analog or digital output signal. datasheets available upon request. absolute maximum ratings max imum t emperatur es -25 to 80c (cr10te, cr50te) storage and operating: -40c to 100 -40 c to 110 (vtt1015, vtt1016, vtt1017, vtt1115, vtt1116, and vtt1117) -40 to 85c (vtt7222, vtt7223, vtt7225, vtt7122, vtt7123, and vtt7125) -40 to 70c (vtt9002, vtt9003, vtt9102, and vtt9103) continuous power dissipation: 50 mw 100 mw (vtt9002, vtt9003, vtt9102, and vtt9103) 200 mw (cr10te, cr50te) 250 mw (vtt1015, vtt1016, vtt1017, vtt1115, vtt1116, and vtt1117) derate above 30: 0.71 mw/?c 2.5 mw/?c (vtt9002, vtt9003, vtt9102, and vtt9103) 3.12 mw/?c (vtt1015, vtt1016, vtt1017, vtt1115, vtt1116, and vtt1117) 0.91 mw/?c (vtt7122, vtt7123, vtt7125) maximum current: 25 ma 200 ma (vtt1015, vtt1016, vtt1017, vtt1115, vtt1116, and vtt1117) lead-soldering temperature: 260 (1.6 mm from case, 5 sec. max.) phototransistors
npn phototransistors 0.25", small area, high speed 0.04", medium area, high sensitivity 0.05", large area, high sensitivity 20 www .optoelectronics.perkinelmer.com light current dark current angular p art h fc (mw/cm 2 ) na v c e v b r(ceo) v b r(eco) v c e(sat) t r / t f r esponse n umber ma min. v c e = 5 v max. volts volts min. volts min. volts max. ?ec, typ. q 1/2 v tt1222wh 1 .9 100 (5) 10 20 50 6 0.25 2 ?0? vtt1223wh 1 .5 100 (5) 10 20 40 6 0.25 3 ?0? vtt1225h 4 100 (5) 100 10 30 5 0.25 1.5 ?? vtt1226h 7 .5 100 (5) 100 10 30 5 0.25 3 ?? vtt1227h 12 100 (5) 100 10 30 5 0.25 4 ?? v tt1322wh 0.8 1 00 (5) 10 20 50 6 0.25 2 ?0? v tt1323wh 1 100 (5) 10 20 40 6 0.25 3 ?0? v tt3122eh 1.2 100 (5) 100 20 40 6 0.25 2.5 ?? vtt3123eh 4 100 (5) 100 10 30 4 0.25 4 ?? vtt3323lah 2 20 (1) 100 10 30 5 0.25 3 ?0? vtt3324lah 4 20 (1) 100 10 30 5 0.25 4 10? vtt3325lah 6 20 (1) 100 10 30 5 0.25 5 10? vtt3423lah 1 20 (1) 100 10 30 5 0.25 3 10? vtt3424lah 2 20 (1) 100 10 30 5 0.25 4 10? vtt3425lah 3 20 (1) 100 10 30 5 0.25 5 10? vtt7122h 1 100 (5) 100 10 30 5 0.25 2 ?6? vtt7123h 2 100 (5) 100 10 30 5 0.25 2 ?6? vtt7125h 4.5 100 (5) 100 10 30 5 0.25 2 ?6? vtt7222h 0.9 100 (5) 100 10 30 5 0.25 2 ?6? vtt7223h 1.8 100 (5) 100 10 30 5 0.25 2 ?6? vtt7225h 4 100 (5) 100 10 30 5 0.25 4 ?6? .025x .025npn phototransistors t echnical specification table key i c light current i ceo dark current h=0 v br(ceo) collector br eakdown i c =100 a, h=0 v br(eco) emitter br eakdown i e =100 a, h=0 v ce(sat) saturation voltage i c =1 ma, h=400 fc t r /t f rise/fall time i c =1 ma, r l =100 w electro-optical characteristics @ 25 light current dark current angular part h fc (mw/cm 2 )na v ce v br(ceo) v br(eco) v ce(sat) t r /t f response number ma min. v ce =5 v max. v olts v olts min. volts min. volts max. ?ec, typ. q 1/2 vtt1212h 2 20 (1) 100 10 30 5 0.25 4 ?0? vtt1214h 4 20 (1) 100 10 30 5 0.25 6 10? vtt1312h 1 20 (1) 100 10 30 5 0.25 4 ?0? vtt1314h 2.4 20 (1) 100 10 30 5 0.25 6 ?0? vtt9002h 2 100 (5) 100 10 30 6 0.55 4 ?0? vtt9003h 5 100 (5) 100 10 30 6 0.55 6 ?0? vtt9102h 6 100 (5) 100 5 30 4 0.55 6 ?2? vtt9103h 13 100 (5) 100 5 30 4 0.55 10 ?2? .04 x .04npn phototransistors t echnical specification electro-optical characteristics @ 25 phototransistors clear t- 1 3/4 (5 mm) plastic package vtt1212 vtt1223w vtt1227 vtt1214 vtt1225 vt t1222w vtt1226 irt t-1 3/4 (5mm) plastic package vtt1322w vtt1312 vtt1323w vtt1314 coax hermetic (with case lead) vtt3122e vtt3123e clear long t- 1 (3 mm) plastic package vtt3323la vtt3324la vtt3325la irt long t- 1 (3 mm) plastic package vtt3423la vtt3424la vtt3425la molded, lensed lateral package vtt7122 vtt7123 vtt7125 irt molded, lensed lateral package vtt7222 vtt7223 vtt7225 clear epoxy to-106 ceramic package vtt9002 vtt9003 epoxy lensed to-106 ceramic package vtt9102 vtt9103
www .optoelectronics.perkinelmer.com 21 phototransistors light current dark current angular p art h fc (mw/cm 2 ) na v c e v b r(ceo) v b r(eco) v c e(sat) t r / t f r esponse n umber ma min. v c e = 5 v max. volts volts min. volts min. volts max. ?ec, typ. q 1/2 v tt1015h 0 .4 100 (5) 25 20 40 6 0.4 5 ?5? vtt1016h 1 100 (5) 25 20 30 6 0.4 5 ?5? vtt1017h 2 .5 100 (5) 25 10 20 4 0.4 8 ?5? vtt1115h 1 20 (1) 100 10 30 6 0.4 5 ?5? vtt1116h 2 20 (1) 100 10 30 4 0.4 8 ?5? v tt1117h 4 2 0 (1) 100 10 30 4 0.4 8 ?5? .05x .05npn phototransistors t echnical specification to-46 flat window package vtt1015 vtt1016 vtt1017 to-46 lensed package vtt1115 vtt1116 vtt1117 table key i c light current i ceo d ark current h=0 v br(ceo) collector breakdown i c =100 ?, h=0 v br(eco) emitter breakdown i e =100 ?, h=0 v c e(sat) saturation v oltage i c =1 ma, h=400 fc t r /t f rise/fall time i c =1 ma, r l =100 w electro-optical characteristics @ 25 cr10te ? surface mounting device ? solid state ceramic chip ? high thermal conductivity ? special type (cr10te-dlf) with daylight filter on request p e ak sensitivity dark a ctive rise/fall p art s pectral wavelength vce p-current current area time n umber package* range (nm) (v) (na) (mm 2 ) orientation cr10te c eramic 4 00C070 850 40 3 400 0.19 10/10 high vce smd (a1) cr50te ceramic 400C070 850 40 3 400 0.19 10/10 high vce smd (a2) i t echnical specification * all packages are listed on our website.


▲Up To Search▲   

 
Price & Availability of VTT1222WH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X