Part Number Hot Search : 
67401ANL LT553 SM104 NSC5009B PJS6400 TLRO4420 D0Z14GN 74HC273P
Product Description
Full Text Search
 

To Download UFP30C50 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  description features mechanical dimensions maximum ratings peak repetitive reverse voltage...v rrm working peak reverse voltage...v rwm dc blocking voltage...v dc rms reverse voltage...v r(rms) series average forward rectified current...i f(av) t c = 150 c @ rated v dc repetitive peak forward surge current...i fm @ rated v dc , square wave, 20 khz, t c = 150 c non-repetitive peak forward surge current...i fsm @ rated load cond., ? wave, single phase, 60hz operating & storage temperature range...t j , t strg maximum forward voltage...v f @ i f = 15 amps, pw = 300 m st c = 150 c t c =25 c maximum dc reverse current...i r @ rated dc blocking voltage t c =150 c t c =25 c maximum reverse recovery time...t rr i f = 1.0 amp, di/dt = 50 amps/ m s page 4-40 05 10 15 20 30 40 50 60 50 100 150 200 300 400 500 600 50 100 150 200 300 400 500 600 50 100 150 200 300 400 500 600 35 70 105 140 210 280 350 420 data sheet units volts volts volts volts amps amps amps amps c volts volts m amps m amps ns n n meets ul specification 94v-0 n low forward voltage n high surge capability ........................................ -65 to 175 ......................................... ............................................. 1 5 ............................................... ............................................. 3 0 ............................................... ............................................. 3 0 ............................................... ............................................. 300 ............................................... ............................................. 500 ............................................... ............................................. 10 ............................................... < ................ 35 ............... > < .................. 50 .................. > < ................ 0.880 .............. > < ..... 1.12 ... > < ..... 1.34 ...... > < ................ 0.975 .............. > < ..... 1.3 ... > < ..... 1.5 ...... > to-3p 1 1 1 3 3 3 2 2 2 double suffix ??d?? common anode suffix ??a?? common cathode suffix ??c?? case case case electrical characteristics ufp30c05~30c60 ufp30c05....30c60 30 amp gpp superfast power rectifiers superfast recovery time
data sheet ratings at 25 deg. c ambient temperature unless otherwise specified. single phase half wave, 60 hz resistive or inductive load. for capacitive load, derate current by 20%. forward current derating curve 10 5 0 25 50 75 100 150 125 175 ambient temperature ( c) average forward current (a) 15 junction capacitance (pf) reverse voltage (v) typical junction capacitance peak forward surge current (a) non-repetitive peak forward surge current number of cycles @ 60 hz reverse recovery characteristics typical instantaneous forward characteristics oscilliscope note 1 pulse generator note 2 (-) (+) notes: 1. rise time = 7 ns max. impedance = 1 megohm, 22 pf 2. rise time = 10 ns max. source impedance = 50 ohms time base set @ 50/100ns/cm +.5a 0a -.25a -1.0a 1 cm typical reverse characteristics reverse current ( m m m m m a) t rr forward current (a) forward voltage (v) 50 w w w w w (-) (+) 25 vdc non-inductive 1 w w w w w non- inductive d.u.t 10 w w w w w 1000 500 200 100 50 10 1 1 10 100 reverse voltage (v) 30 a m p g pp su per fast powe r re ct i f iers


▲Up To Search▲   

 
Price & Availability of UFP30C50

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X