typical intermodulation performance at 25 oc second order harmonic intercept point ...... +58 dbm (typ.) second order two tone intercept point ....... +53 dbm (typ.) third order two tone intercept point ........... +39 dbm (typ.) available as: tm5137pm, 4 pin to-8 (t4) TN5137PM, 4 pin surface mount (sm3) fp5137pm, 4 pin flatpack (fp4) bx5137pm, connectorized housing (h1) features ! ! ! ! ! superior phase noise performance ! ! ! ! ! high output power: +22.5 dbm typical ! ! ! ! ! high third order intercept: +39 dbm typical ! ! ! ! ! operating temp. -55 oc to + 85 oc ! ! ! ! ! environmental screening available typical performance data maximum ratings ambient operating temperature ................ -55oc to +100 oc storage temperature ................................. -62oc to +125 oc case temperature .................................................. +125 oc dc voltage .......................................................... +18 volts continuous rf input power .................................. +18 dbm short term rf input power ........... 100 mw (1 minute max.) maximum peak power ................... 0.2 watt (3 msec max.) guaranteed phase noise performance (dbc/hz) frequency typical 100 hz 1 khz 10 khz 100 khz 1 mhz guarantee (min.) * rf amplifier model tm5137pm residual phase noise test conditions: ! carrier frequency: 160 mhz ! power output +22 dbm ! temperature: 25 o c ! ! ! ! ! agilent es5500 system note: care should always be taken to effectively ground the case of each unit. specifications legend +25 oc +85 oc - - - - - - -55 oc -165 -170 -175 -178 -178 -162 -170 -174 -166 -174 3/31/04 13 14 12 11 10 - 10 0 - 20 - 30 - 40 5 6 4 3 2 +23 +24 +22 +21 + 20 2.0 1.5 1.0 2.0 1.5 1.0 10k 1k 100k 100 1m -140 -150 -160 -170 -180 -130 _________guarantee __ __ __ __typical -190 start 10 mhz stop 200 mhz start 10 mhz stop 200 mhz start 10 mhz stop 200 mhz start 10 mhz stop 200 mhz start 10 mhz stop 200 mhz start 10 mhz stop 200 mhz gain (db) reverse isolation (db) phase noise (dbc/hz) 1 db comp. (dbm) noise figure (db) input vswr output vswr characteristic typical min/max ta= 25 oc ta = -55 oc to +85 oc frequency (mhz) 10 - 200 mhz 10 - 200 mhz gain (db) 12.7 12.2 min. power @ 1 db comp. (dbm) +22.5 +20.5 min. reverse isolation (db) -18 - 17 max. vswr in <1.6:1 2.0:1 max. out <1.75:1 2.0:1 max. noise figure (db) <3.5 4.2 max. power vdc +15 +15 ma 75 80 max. spectrum microwave 2144 franklin drive n.e. palm bay, florida 32905 ph (888) 553-7531 fax (888) 553-7532 spectrum microwave 2707 black lake place philadelphia, pennsylvania 19154 ph (215) 464-4000 fax (215) 464-4001 www.spectrummicrowave.com
|