Part Number Hot Search : 
PUMH1 4ALVCH MMBD353 25VF08 MC10E 2SA1535A DT54FC LTC37
Product Description
Full Text Search
 

To Download TLP250INV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tlp250(inv) 2007-10-01 1 toshiba photocoupler gaalas ired & photo-ic tlp250(inv) transistor inverter inverters for air conditioner igbt gate drive power mos fet gate drive the toshiba tlp250(inv) consists of a gaalas light emitting diode and a integrated photodetector. this unit is 8-lead dip. tlp250(inv) is suitable for gate driving circuit of igbt or power mos fet. z input threshold current : i f =5ma(max) z supply current(icc) : 11ma(max) z supply voltage(vcc) : 10~35v z output current(io) : 2.0a(max) z switching time(tplh/tphl) : 0.5 s(max) z isolation voltage : 2500vrms z ul recognized : ul1577,file no.e67349 z option(d4) vde approved : din en 60747-5-2 certificate no.40011913 maximum operating insulation voltage : 630v pk highest permissible over voltage : 4000v pk note: when a en 60747-5-2 approved type is needed, please designate the ?option(d4)? z creepage distance : 6.4mm(min) clearance : 6.4mm(min ) truth table tr 1 tr 2 on on off input led off off on 1:n. c. 2: anode 3:cathode 4:n. c. 5:gnd 6:vo(output) 7:vo 8:vcc pin configuration (top view) i cc tr1 tr 8 6 5 vf if 2 + 3 - v cc v o v o gnd a 0.1 f bypass ca pacitor must be connecte d betwee n pin 8 and 5( see note 5 ). i o schematic toshiba 11 ? 10c4 weight: 0.54 g (typ.) unit in mm
tlp250(inv) 2007-10-01 2 absolute maximum ratings (ta=25c) characteristics symbol rating unit forward current i f 20 ma forward current derating (ta 70 ) ? i f /?ta ? 0.36 ma /c peak transient forward current (note 1) i fpt 1 a reverse voltage v r 5 v led junction temperature tj 125 c pw 2.5 s , f 15 khz ? 1.5 ?h? peak output current pw 1.0 s , f 15 khz i oph ? 2.0 a pw 2.5 s , f 15 khz +1.5 ?l? peak output current pw 1.0 s , f 15 khz (note 2) i opl +2.0 a (ta 70c) 35 output voltage (ta=85c) v o 24 v (ta 70c) 35 supply voltage (ta=85c) v cc 24 v output voltage derating (ta 70c) ? v o /?ta ? 0.73 v /c supply voltage derating (ta 70c) ? v cc / ? ta ? 0.73 v /c detector junction temperature t j 125 c operating frequency (note 3) f 25 khz operating temperature range t opr ? 20~85 c storage temperature range t stg ? 55~125 c lead soldering temperature(10s) t sol 260 c isolation voltage (ac,1min., r.h. 60%,ta=25c) (note 4) bv s 2500 vrms note: using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operat ing temperature/current/voltage, etc. ) are within the absolute maximum ratings. please design the appropriate reliability upon reviewing the toshiba semiconductor reliability handbook (?handling precautions?/?derating concept and methods?) and individual reliability data (i.e. reliability test report and estimated failure rate, etc). (note 1) : pulse width pw 1 s,300pps (note 2) : exporenential waveform (note 3) : exporenential waveform i oph ? 1.0a ( 2.5 s) , i opl +1.0a ( 2.5 s) (note 4) : device considerd a two terminal device : pins 1,2,3 and 4 shorted together and pins 5,6,7 and 8 shorted together. (note 5) : a ceramic capacitor(0.1 f) should be connected from pin 8 to pin 5 to stabilize the operation of the high gain linear amplifier.failure to provide the bypassi ng may impair the switching proparty.t he total lead length between capacitor and coupler should not exceed 1cm. recommended operating conditions characteristics symbol min typ. max unit input current, on i f (on) 7 8 10 ma input voltage, off v f (off) 0 ? 0.8 v supply voltage v cc 15 ? 30 20 v peak output current i oph / i opl ? ? 0.5 a operating temperature t opr ? 20 25 70 85 c note: recommended operating conditions are given as a design guideline to obtain expected performance of the device. additionally, each item is an independent guide line respectively. in developing designs using this product, please confirm specified characteristics shown in this document.
tlp250(inv) 2007-10-01 3 electrical characteristics (ta = ? 20 ~ 70c, unless otherwise specified) characteristics symbol test circuit test condition min typ. max unit input forward voltage v f ? i f = 10 ma, ta = 25c ? 1.6 1.8 v temperature coefficient of forward voltage ? v f /?ta ? i f = 10 ma ? ? 2.0 ? mv /c input reverse current i r ? v r = 5 v, ta = 25c ? ? 10 a input capacitance c t ? v = 0, f = 1 mhz, ta = 25c ? 45 250 pf ?h? level i oph 2 i f = 10 ma v 8 ? 6 = 4 v ? 1.0 ? 1.5 ? output current ?l? level i opl 1 v cc = 30 v (*1) i f = 0 v 6 ? 5 = 2.5 v 1.0 2 ? a ?h? level v oh 3 v cc1 = +15 v v ee1 = ? 15 v r l = 200 ? , i f = 5 ma 11 12.8 ? output voltage ?l? level v ol 4 v cc1 = +15 v v ee1 = ? 15 v r l = 200 ? , v f = 0.8 v ? ? 14.2 ? 12.5 v i f = 10 ma ta = 25c ? 7 ? ?h? level i cch ? i f = 10 ma ? ? 11 ma i f = 0 ma ta = 25c ? 7.5 ? supply current ?l? level i ccl ? v cc = 30 v i f = 0 ma ? ? 11 ma threshold input current l h i flh v cc1 = +15 v v ee1 = ? 15 v r l = 200 ? , v o > 0v ? 1.2 5 ma threshold input voltage h l v fhl ? v cc1 = +15 v v ee1 = ? 15 v r l = 200 ? , v o < 0v 0.8 ? ? v supply voltage v cc ? ? 10 ? 35 v capacitance (input-output) c s ? v s = 0, f = 1 mhz, ta = 25c ? 1.0 2.0 pf resistance (input-output) r s ? v s = 500 v, ta = 25c r.h. 60% 1 10 12 10 14 ? ? (*) : all typical values are at ta=25c (*1) : duration of io time 50 s
tlp250(inv) 2007-10-01 4 switching characteristics (ta = ? 20~70c,unless otherwise specified) characteristics symbol test circuit test condition min typ. max unit l h t plh 0.05 0.15 0.5 propagation delay time h l t phl 0.05 0.15 0.5 switching time dispersion between on and off |tphl-tplh| ? ? 0.45 output rise time t r ? ? output fall time t f 5 i f = 8 ma, v cc = 15 v r l = 20 ? , c l = 10nf ? ? s common mode transient immunity at high level output cm h v cm = 1000 v, i f = 8 ma v cc = 30 v, ta = 25c ? 15000 ? ? v / s common mode transient immunity at low level output cm l 6 v cm = 1000 v, i f = 0 ma v cc = 30 v, ta = 25c 15000 ? ? v / s fig.1 i opl test circuit fig.2 i oph test circuit a i opl 0.1 a v 6-5 v cc 1 8 4 v cc a i oph 0.1 a v 8-6 1 8 4 fig.3 v oh test circuit fig.4 v ol test circuit v v oh 0.1 a r l v cc1 i f 1 8 4 v ee1 v cc1 v ee1 v v ol 0.1 a r l 1 8 4 vf
tlp250(inv) 2007-10-01 5 fig.5 t plh , t phl , t r , t f test circuit t r tf tplh tphl 90% 50% 10% if v o 0.1 f v cc rl cl if v o 1 4 5 8 fig.6 cm h , cm l test circuit 0.1 f v o v cm + v cc 1 8 4 if sw a b 1000v cm h cm l v cm 10% sw : a ( if=8ma ) 90% t r 3v 26v t f sw : b ( if=0ma ) v o 800(v) t r ( s) cm l = 800(v) cm h = t f ( s) cml(cmh) is the maximum rate of rise(fa ll) of the common mode voltage that can be sustained with the output vo ltage in the low(high)state.
tlp250(inv) 2007-10-01 6 restrictions on product use ? toshiba corporation, and its s ubsidiaries and affiliates (collectively ?toshiba?), reserve the right to make changes to the in formation in this document, and related hardware, software and systems (collectively ?product?) without notice. ? this document and any information herein may not be reproduced without prior written permission from toshiba. even with toshiba?s written permission, reproduction is permissible only if reproduction is without alteration/omission. ? though toshiba works continually to improv e product?s quality and reliabilit y, product can malfunction or fail. customers are responsible for complying with safety standards and for providing adequate designs and safeguards for their hardware, software and systems which minimize risk and avoid situations in which a malf unction or failure of product could cause loss of human life, b odily injury or damage to property, including data loss or corruption. be fore creating and producing designs and using, customers mus t also refer to and comply with (a) the latest versions of all relevant toshiba information, including without limitation, this d ocument, the specifications, the data sheets and applicat ion notes for product and the precautions and conditions set forth in the ?tosh iba semiconductor reliability h andbook? and (b) the in structions for the application that produc t will be used with or for. custome rs are solely responsible for all aspects of their own product design or applications, including but not limited to (a) determining th e appropriateness of the use of this product in such design or app lications; (b) evaluating and determining the applicability of any information contained in this document, or in charts, diagrams, pr ograms, algorithms, sample application circuits, or any other referenced documents; and (c) validating all operating parameters for such designs and applications. toshiba assumes no liability for customers? product design or applications. ? product is intended for use in general electronics applications (e.g., computers, personal equipment, office equipment, measur ing equipment, industrial robots and home electronics appliances) or for specific applications as expressly stated in this document . product is neither intended nor warranted for use in equipment or systems that require extraordinarily high levels of quality a nd/or reliability and/or a malfunction or failure of which may cause loss of human life, bodily injury, serious pro perty damage or se rious public impact (?unintended use?). unintended us e includes, without limitati on, equipment used in nuclear facilities, equipment used in the aerospace industry, medical equipment, equipment used for au tomobiles, trains, ships and other transportation, traffic s ignaling equipment, equipment used to control combustions or explosions, sa fety devices, elevators and escalators, devices related to el ectric power, and equipment used in finance-related fields. do not use pr oduct for unintended use unless specifically permitted in thi s document. ? do not disassemble, analyze, reverse-engineer, alter, modify, translate or copy product, whether in whole or in part. ? product shall not be used for or incorporated into any products or systems whose manufacture, use, or sale is prohibited under any applicable laws or regulations. ? the information contained herein is presented only as guidance for product use. no responsibility is assumed by toshiba for an y infringement of patents or any other intellectual property rights of third parties that may result from the use of product. no license to any intellectual property right is granted by this document, whether express or implied, by estoppel or otherwise. ? absent a written signed agreement, except as provid ed in the relevant terms and conditions of sale for product, and to the maximum extent allowable by law, toshiba (1) assumes no liability whatsoever, including without limitation, indirect, co nsequential, special, or incidental damages or loss, including without limitation, loss of profit s, loss of opportunities, business interruption and loss of data, and (2) disclaims any and all express or implied warranties and conditions related to sale, use of product, or information, including warranties or conditions of merchantability, fitness for a particular purpose, accuracy of information, or noninfringement. ? gaas (gallium arsenide) is used in product. ga as is harmful to humans if consumed or absorbed, whether in the form of dust or vapor. handle with care and do not break, cut, crush, grind, di ssolve chemically or otherwise expose gaas in product. ? do not use or otherwise make available product or related software or technology for any military purposes, including without limitation, for the design, development, use, stockpiling or manufacturing of nuclear, chemical, or biological weapons or missi le technology products (mass destruction weapons). product and re lated software and technology may be controlled under the japanese foreign exchange and foreign trade law and the u.s. export ad ministration regulations. export and re-export of product or related software or technology are strictly prohibited except in compliance with all applicable export laws and regulations. ? please contact your toshiba sales representative for details as to environmental matters such as the rohs compatibility of pro duct. please use product in compliance with all applicable laws and regula tions that regulate the inclusion or use of controlled subs tances, including without limitation, the eu rohs directive. toshiba assumes no liability for damages or losses occurring as a result o f noncompliance with applicable laws and regulations.


▲Up To Search▲   

 
Price & Availability of TLP250INV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X