Part Number Hot Search : 
8205A MV363TGN 100D12N2 5N06V FUR420 023R3 ST6230 HXX06
Product Description
Full Text Search
 

To Download STD3NK90ZT4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this is information on a product in full production. january 2013 doc id 9193 rev 2 1/20 20 std3nk90z, stp3nk90z, stp3nk90zfp n-channel 900 v, 4.1 typ., 3 a zener-protected supermesh? power mosfet in dpak, to-220 and to-220fp packages datasheet ? production data features extremely high dv/dt capability 100% avalanche tested gate charge minimized very good manufacturing repeatability very low intrinsic capacitances applications switching applications description the supermesh? series is obtained through an extreme optimization of st?s well established strip-based powermesh? layout. in addition to pushing on-resistance significantly down, special care is taken to ensure a very good dv/dt capability for the most demanding applications. figure 1. internal schematic diagram order codes v ds r ds(on) i d p tot STD3NK90ZT4 900 v 4.8 3 a 90 w stp3nk90z stp3nk90zfp 25 w 1 2 3 1 3 tab 2 to-220 to-220fp dpak    4! " s c15010 , tab table 1. device summary order codes marking package packaging STD3NK90ZT4 d3nk90z dpak tape and reel stp3nk90z p3nk90z to-220 tube stp3nk90zfp p3nk90zfp to-220fp www.st.com
contents std3nk90z, stp3nk90z, stp3nk90zfp 2/20 doc id 9193 rev 2 contents 1 electrical ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 2 electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 2.1 electrical characteristics (curves) . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 3 test circuits . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 4 package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 5 packaging mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17 6 revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
std3nk90z, stp3nk90z, stp3nk90zfp electrical ratings doc id 9193 rev 2 3/20 1 electrical ratings table 2. absolute maximum ratings symbol parameter value unit dpak, to-220 to-220fp v ds drain-source voltage 900 v v gs gate-source voltage 30 v i d drain current (continuous) at t c = 25c 3 3 (1) 1. limited by maximum junction temperature a i d drain current (continuous) at t c = 100c 1.89 1.89 (1) a i dm (2) 2. pulse width limited by safe operating area drain current (pulsed) 12 12 (1) a p tot total dissipation at t c = 25c 90 25 w derating factor 0.72 0.2 w/c e sd gate-source human body model (r=1,5 k , c=100 pf) 4kv dv/dt (3) 3. i sd < 3a, di/dt < 200a/s, v dd =80% v (br)dss peak diode recovery voltage slope 4.5 v/ns v iso insulation withstand voltage (rms) from all three leads to external heat sink (t=1s;t c =25c) 2500 v t j t stg operating junction temperature storage temperature -55 to 150 c table 3. thermal data symbol parameter dpak to-220 to-220fp unit r thj-case thermal resistance junction-case max 1.38 5 c/w r thj-amb thermal resistance junction-amb max 62.5 c/w r thj-pcb (1) 1. when mounted on 1inch2 fr-4 board, 2 oz cu thermal resistance junction-pcb max 50 c table 4. avalanche characteristics symbol parameter max value unit i ar avalanche current, repetitive or not- repetitive (pulse width limited by t j max ) 3a e as single pulse avalanche energy (starting tj=25c, i d =i ar , v dd = 50v) 180 mj
electrical characteristics std3nk90z, stp3nk90z, stp3nk90zfp 4/20 doc id 9193 rev 2 2 electrical characteristics (tcase =25c unless otherwise specified) table 5. on /off states symbol parameter test conditions min. typ. max. unit v (br)dss drain-source breakdown voltage i d = 1 ma, v gs = 0 900 v i dss zero gate voltage drain current (v gs = 0) v ds = 900 v v ds = 900 v, t j =125 c 1 50 a a i gss gate body leakage current (v ds = 0) v gs = 20 v, v ds = 0 10 a v gs(th) gate threshold voltage v ds = v gs , i d = 50 a 3 3.75 4.5 v r ds(on) static drain-source on- resistance v gs = 10 v, i d = 1.5 a 4.1 4.8 table 6. dynamic symbol parameter test conditions min. typ. max. unit g fs (1) 1. pulsed: pulse duration = 300s, duty cycle 1.5% forward transconductance v ds =15 v, i d = 1.5 a - 2.7 - s c iss c oss c rss input capacitance output capacitance reverse transfer capacitance v ds =25 v, f=1 mhz, v gs =0 - 590 63 13 - pf pf pf c oss eq (2) 2. c oss eq . is defined as a constant equivalent capac itance giving the same charging time as c oss when v ds increases from 0 to 80% equivalent ouput capacitance v gs =0, v ds =0 v to 400 v - 34 - pf q g q gs q gd total gate charge gate-source charge gate-drain charge v dd =720 v, i d = 3 a v gs =10 v see (figure 18) - 22.7 4.2 12 - nc nc nc table 7. switching times symbol parameter test conditions min. typ. max unit t d(on) t r turn-on delay time rise time v dd =450 v, i d = 1.5 a, r g =4.7 , v gs =10 v see (figure 17) - 18 7 - ns ns t d(off) t f turn-off delay time fall time v dd =720 v, i d = 1.5 a, r g =4.7 , v gs =10 v see (figure 17) - 45 18 - ns ns
std3nk90z, stp3nk90z, stp3nk90zfp electrical characteristics doc id 9193 rev 2 5/20 the built-in back-to-back zener diodes have been specifically designed to enhance not only the device?s esd capability, but also to make them capable of safely absorbing any voltage transients that may occasionally be applied from gate to source. in this respect, the zener voltage is appropriate to achieve efficient and cost-effective protection of device integrity. the integrated zener diodes thus eliminate the need for external components. table 8. source drain diode symbol parameter test conditions min. typ. max. unit i sd i sdm (1) 1. pulse width limited by safe operating area source-drain current source-drain current (pulsed) - 3 12 a a v sd (2) 2. pulsed: pulse duration = 300s, duty cycle 1.5% forward on voltage i sd = 3 a, v gs = 0 - 1.6 v t rr q rr i rrm reverse recovery time reverse recovery charge reverse recovery current i sd = 3 a, di/dt = 100a/s, v dd =40 v, t j =150c (figure 22) - 510 2.2 8.7 ns c a table 9. gate-source zener diode symbol parameter test conditions min. typ. max. unit v (br)gso gate-source breakdown voltage i gs = 1 ma, i d =0 30 - - v
electrical characteristics std3nk90z, stp3nk90z, stp3nk90zfp 6/20 doc id 9193 rev 2 2.1 electrical characteristics (curves) figure 2. safe operating area for dpak and to-220 figure 3. thermal impedance for dpak and to-220 figure 4. safe operating area for to-220fp figure 5. thermal impedance for to-220fp figure 6. output characterisics figure 7. transfer characteristics
std3nk90z, stp3nk90z, stp3nk90zfp electrical characteristics doc id 9193 rev 2 7/20 figure 8. transconductance figure 9. static drain-source on-resistance figure 10. gate charge vs gate-source voltage figure 11. capacitance variations figure 12. normalized gate threshold voltage vs temperature figure 13. normalized on-resistance vs temperature
electrical characteristics std3nk90z, stp3nk90z, stp3nk90zfp 8/20 doc id 9193 rev 2 figure 14. source-drain diode forward characteristics figure 15. maximum avalanche energy vs temperature figure 16. normalized b vdss vs temperature
std3nk90z, stp3nk90z, stp3nk90zfp test circuits doc id 9193 rev 2 9/20 3 test circuits figure 17. switching times test circuit for resistive load figure 18. gate charge test circuit figure 19. test circuit for inductive load switching and diode recovery times figure 20. unclamped inductive load test circuit figure 21. unclamped inductive waveform figure 22. switching time waveform
package mechanical data std3nk90z, stp3nk90z, stp3nk90zfp 10/20 doc id 9193 rev 2 4 package mechanical data in order to meet environmental requirements, st offers these devices in different grades of ecopack ? packages, depending on their level of environmental compliance. ecopack ? specifications, grade definitions and product status are available at: www.st.com . ecopack ? is an st trademark.
std3nk90z, stp3nk90z, stp3nk90zfp package mechanical data doc id 9193 rev 2 11/20 table 10. dpak (to-252) mechanical data dim. mm min. typ. max. a2.20 2.40 a1 0.90 1.10 a2 0.03 0.23 b0.64 0.90 b4 5.20 5.40 c0.45 0.60 c2 0.48 0.60 d6.00 6.20 d1 5.10 e6.40 6.60 e1 4.70 e2.28 e1 4.40 4.60 h 9.35 10.10 l1 l1 2.80 l2 0.80 l4 0.60 1 r0.20 v2 0 8
package mechanical data std3nk90z, stp3nk90z, stp3nk90zfp 12/20 doc id 9193 rev 2 figure 23. dpak (to-252) drawing figure 24. dpak footprint (a) a. all dimensions are in millimeters 006 8 772_i 6.7 1.6 1.6 2. 3 2. 3 6.7 1. 8 3 am0 88 50v1
std3nk90z, stp3nk90z, stp3nk90zfp package mechanical data doc id 9193 rev 2 13/20 table 11. to-220 type a mechanical data dim. mm min. typ. max. a4.40 4.60 b0.61 0.88 b1 1.14 1.70 c0.48 0.70 d 15.25 15.75 d1 1.27 e 10 10.40 e2.40 2.70 e1 4.95 5.15 f1.23 1.32 h1 6.20 6.60 j1 2.40 2.72 l13 14 l1 3.50 3.93 l20 16.40 l30 28.90 ? p3.75 3.85 q2.65 2.95
package mechanical data std3nk90z, stp3nk90z, stp3nk90zfp 14/20 doc id 9193 rev 2 figure 25. to-220 type a drawing 00159 88 _typea_rev_ s
std3nk90z, stp3nk90z, stp3nk90zfp package mechanical data doc id 9193 rev 2 15/20 table 12. to-220fp mechanical data dim. mm min. typ. max. a4.4 4.6 b2.5 2.7 d2.5 2.75 e 0.45 0.7 f0.75 1 f1 1.15 1.70 f2 1.15 1.70 g 4.95 5.2 g1 2.4 2.7 h10 10.4 l2 16 l3 28.6 30.6 l4 9.8 10.6 l5 2.9 3.6 l6 15.9 16.4 l7 9 9.3 dia 3 3.2
package mechanical data std3nk90z, stp3nk90z, stp3nk90zfp 16/20 doc id 9193 rev 2 figure 26. to-220fp drawing 7012510_rev_k_b
std3nk90z, stp3nk90z, stp3nk90zfp packaging mechanical data doc id 9193 rev 2 17/20 5 packaging mechanical data table 13. dpak (to-252) tape and reel mechanical data tape reel dim. mm dim. mm min. max. min. max. a0 6.8 7 a 330 b0 10.4 10.6 b 1.5 b1 12.1 c 12.8 13.2 d 1.5 1.6 d 20.2 d1 1.5 g 16.4 18.4 e 1.65 1.85 n 50 f 7.4 7.6 t 22.4 k0 2.55 2.75 p0 3.9 4.1 base qty. 2500 p1 7.9 8.1 bulk qty. 2500 p2 1.9 2.1 r40 t 0.25 0.35 w 15.7 16.3
packaging mechanical data std3nk90z, stp3nk90z, stp3nk90zfp 18/20 doc id 9193 rev 2 figure 27. tape for dpak (to-252) figure 28. reel for dpak (to-252) p1 a0 d1 p0 f w e d b0 k0 t u s er direction of feed p2 10 pitche s c u m u l a tive toler a nce on t a pe +/- 0.2 mm u s er direction of feed r bending r a di us b1 for m a chine ref. only incl u ding dr a ft a nd r a dii concentric a ro u nd b0 am0 88 52v1 top cover t a pe a d b f u ll r a di us g me asu red a t h ub c n reel dimen s ion s 40mm min. acce ss hole at s lot loc a tion t t a pe s lot in core for t a pe s t a rt 25 mm min. width am0 88 51v2
std3nk90z, stp3nk90z, stp3nk90zfp revision history doc id 9193 rev 2 19/20 6 revision history table 14. document revision history date revision changes 24-oct-2006 1 first release. 29-jan-2013 2 ? the part number std3nk90z-1 has been moved to a separate datasheet ? minor text changes ? updated: section 4: package mechanical data
std3nk90z, stp3nk90z, stp3nk90zfp 20/20 doc id 9193 rev 2 please read carefully: information in this document is provided solely in connection with st products. stmicroelectronics nv and its subsidiaries (?st ?) reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described he rein at any time, without notice. all st products are sold pursuant to st?s terms and conditions of sale. purchasers are solely responsible for the choice, selection and use of the st products and services described herein, and st as sumes no liability whatsoever relating to the choice, selection or use of the st products and services described herein. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. i f any part of this document refers to any third party products or services it shall not be deemed a license grant by st for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoev er of such third party products or services or any intellectual property contained therein. unless otherwise set forth in st?s terms and conditions of sale st disclaims any express or implied warranty with respect to the use and/or sale of st products including without limitation implied warranties of merchantability, fitness for a particular purpose (and their equivalents under the laws of any jurisdiction), or infringement of any patent, copyright or other intellectual property right. unless expressly approved in writing by two authorized st representatives, st products are not recommended, authorized or warranted for use in military, air craft, space, life saving, or life sustaining applications, nor in products or systems where failure or malfunction may result in personal injury, death, or severe property or environmental damage. st products which are not specified as "automotive grade" may only be used in automotive applications at user?s own risk. resale of st products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by st for the st product or service described herein and shall not create or extend in any manner whatsoev er, any liability of st. st and the st logo are trademarks or register ed trademarks of st in various countries. information in this document supersedes and replaces all information previously supplied. the st logo is a registered trademark of stmicroelectronics. all other names are the property of their respective owners. ? 2013 stmicroelectronics - all rights reserved stmicroelectronics group of companies australia - belgium - brazil - canada - china - czech republic - finland - france - germany - hong kong - india - israel - ital y - japan - malaysia - malta - morocco - philippines - singapore - spain - sweden - switzerland - united kingdom - united states of america www.st.com


▲Up To Search▲   

 
Price & Availability of STD3NK90ZT4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X