Part Number Hot Search : 
00GASME CP720 45DCB PW035XS4 74HCT534 MA4P160 ST3222C 126254H
Product Description
Full Text Search
 

To Download SRDC211R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  srdc200r series vdc vdc % typ. ma typ. srdc201r 5 50 srdc202r 12 54 srdc203r 15 57 srdc204r 12 53 srdc205r 15 51 srdc206r 5 50 srdc207r 12 56 srdc208r 15 62 srdc209r 12 59 srdc210r 15 59 SRDC211R 5 51 srdc212r 12 61 srdc213r 15 61 srdc214r 12 61 srdc215r 15 61 srdc216r 5 50 srdc217r 12 59 srdc218r 15 59 srdc219r 12 51 srdc220r 15 51 pin sin g les duals 1 +vin +vin 2 nc -vout 3 nc common 10 -vout common 11 +vout +vout 12 -vin -vin 13 -vin -vin 14 +vout +vout 15 -vout common 22 nc common 23 nc -vout 24 +vin +vin 12.1g (0.43oz) tolerance millimeters inches x.x0.25 x.xx0.01 x.xx0.13 x.xxx0.005 pin 0.05 0.002 2463 208th street, ste. 205 http://www.mpsind.com torrance, ca 90501 e-mail: sales@mpsind.com 2w, low cost dip, single & dual output dc/dc converters 31.8x20.3x10.2mm (1.25x0.80x0.40inch) case material ? 400 ma mps industries srdc200r model 2w dc/dc's are specially designed to provide 40ma output ripple, continuous short circuit in a low- profile 24-pin dip package. the series consists of 20 models with input voltages of 5v, 12v, 24v and 48vdc which offers regulated output voltages of 5v, 12v, 15v, 12v and 15vdc. the -25c to +71c operating temperature range makes it ideal for data communication equipment, mobile battery driven equipment, distributed power systems, telecommunication equipment, mixed analog/digital subsystems, automatic test instrumentation, and industrial robot systems. case size ? pin connections 83 133 66 tel: (310) 533-1455 fax: (310) 533-1853 non-conductive black plastic mechanical dimensions weight ? 83 66 400 165 5 (4.5 ? 5.5) 400 165 165 165 133 83 66 133 400 selection guide model number input voltage output voltage efficiency reflected ripple current output current 80 30 15 10 nc: no connection key features ? low cost ? 500vdc isolation ? mtbf > 800,000 hours ? 40mv p-p ripple and noise ? input 5, 12, 24 and 48vdc ? output 5, 12, 15, 12 and 15vdc ? temperature performance -25c to +71c ? short circuit protection ? ul 94v-0 package material ? internal smd construction 12 (10.8 ? 13.2) 24 (21.6 ? 26.4) 48 (43.2 ? 52.8) 133 83 66 31.8 [1.25] 1 0 . 2 [ 0 . 4 0 ] 2 0 . 3 [ 0 . 8 0 ] 2.0 [0.08] bottom 3 . 8 [ 0 . 1 5 ] side 1 23 11 10 12 15 14 13 23 24 22 0.50 [0.020] 2.54 [0.100] 1 5 . 2 2 [ 0 . 6 0 0 ] 2 . 5 [ 0 . 1 0 ]
srdc200r series min. max. units parameter min. typ. max. units 5vdc input models -0.7 7.5 vdc isolation voltage 500 --- --- vdc 12vdc input models -0.7 15 vdc isolation resistance 1000 --- --- m ? 24vdc input models -0.7 30 vdc isolation capacitance --- 100 150 pf 48vdc input models -0.7 55 vdc switching frequency 40 80 --- khz --- 260 c --- 3000 mw parameter conditions min. max. units parameter min. typ. max. units operating temperature ambient -25 71 c line regulation --- 0.2 0.5 % operating temperature case -25 90 c load regulation --- 0.2 0.5 % storage temperature -40 125 c ripple & noise --- 40 50 mv p-p humidity --- 95 % short circuit cooling units uf 2463 208th street, ste. 205 http://www.mpsind.com torrance, ca 90501 e-mail: sales@mpsind.com tel: (310) 533-1455 fax: (310) 533-1853 derating curve (other outputs) models by output voltage (each output on duals) notes: 1. specifications typical at ta=+25c, resistive load, nominal input voltage, rated output current unless otherwise noted. 2. transient recovery time is measured to within 1% error band for a load step change of 50% to 100%. 3. all dc/dc converters should be externally fused at the front end for protection. 4. other input and output voltage may be available, please contact factory. 5. all specifications subject to change without notice. 6. for detailed data sheet, please contact us directly. singles --- mhrs environmental characteristics free-air convection output characteristics continuous 20mhz bw exceeding the unit absolute maximum ratings could cause damage. these are not continuous operating ratings. --- general characteristics lead temperature (1.5mm from case for 10sec.) 2w, low cost dip, single & dual output dc/dc converters absolute maximum ratings parameter conditions 100khz, 1v 60 seconds mil-hdbk-217f @25c ground benign conditions vin = min. to max. io = 10% to 100% internal power dissipation input surge voltage (1000ms) duals 470 220 derating curve (5v output) 500vdc mtbf 0.8 maximum capacitive load ?? ] ambient temperature output power (%) 0 20 40 60 80 100 -40 50 60 80 100 110 90 70 400lfm 200lfm 100lfm natural convection ?? ] ambient temperature output power (%) 0 20 40 60 80 100 -40 50 60 80 100 110 90 70 400lfm 200lfm 100lfm natural convection


▲Up To Search▲   

 
Price & Availability of SRDC211R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X