Part Number Hot Search : 
4ACPZ 2SD1933 NQ80220 3P4MH NJM084 C25DRY MC34063A D1200F
Product Description
Full Text Search
 

To Download SPP80N03 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  data sheet 1 05.99 sipmos power transistor product summary drain source voltage 30 v ds v drain-source on-state resistance w 0.006 r ds(on) i d continuous drain current 80 a features n channel enhancement mode avalanche rated d v /d t rated 175?c operating temperature pin 1 pin 2 pin 3 g d s packaging type package ordering code SPP80N03 tube p-to220-3-1 q67040-s4734-a2 spb80n03 tabe and reel q67040-s4734-a3 p-to263-3-2 maximum ratings , at t j = 25 ?c, unless otherwise specified parameter symbol unit value continuous drain current t c = 25 ?c, 1) t c = 100 ?c 80 80 i d a pulsed drain current t c = 25 ?c i dpulse 320 avalanche energy, single pulse i d = 80 a, v dd = 25 v, r gs = 25 w mj e as 700 avalanche energy, periodic limited by t j max 30 e ar reverse diode d v /d t i s = 80 a, v ds = 24 v, d i /d t = 200 a/s, t jmax = 175 ?c d v /d t 6 kv/s gate source voltage v gs 20 v power dissipation t c = 25 ?c p tot 300 w operating and storage temperature t j , t st g ?c -55... +175 55/175/56 iec climatic category; din iec 68-1 spp 80n03
spp 80n03 data sheet 2 05.99 thermal characteristics parameter values symbol unit typ. max. min. characteristics r thjc - - 0.5 k/w thermal resistance, junction - case - thermal resistance, junction - ambient, leded r thja - 62 - - - - 62 40 smd version, device on pcb: @ min. footprint @ 6 cm 2 cooling area 2) r thja electrical characteristics , at t j = 25 ?c, unless otherwise specified parameter symbol unit values min. max. typ. static characteristics drain- source breakdown voltage v gs = 0 v, i d = 0.25 ma, t j = 25 ?c - v (br)dss 30 - v gate threshold voltage, v gs = v ds i d = 240 a v gs(th) 4 3 2.1 zero gate voltage drain current v ds = 30 v, v gs = 0 v, t j = 25 ?c v ds = 30 v, v gs = 0 v, t j = 150 ?c - i dss a 1 100 0.1 - gate-source leakage current v gs = 20 v, v ds = 0 v i gss - 10 na 100 drain-source on-state resistance v gs = 10 v, i d = 80 a r ds(on) - 0.0038 0.006 w 1 current limited by bond wire 2 device on 40mm*40mm*1.5mm epoxy pcb fr4 with 6 cm2 (one layer, 70m thick) copper area for drain connection. pcb is vertical without blown air.
spp 80n03 data sheet 3 05.99 electrical characteristics , at t j = 25 ?c, unless otherwise specified parameter symbol values unit min. typ. max. dynamic characteristics transconductance v ds 3 2* i d * r ds(on)max , i d = 80 a g fs 30 93 - s input capacitance v gs = 0 v, v ds = 25 v, f = 1 mhz c iss - 3970 5000 pf output capacitance v gs = 0 v, v ds = 25 v, f = 1 mhz c oss - 1920 2500 reverse transfer capacitance v gs = 0 v, v ds = 25 v, f = 1 mhz c rss - 775 1000 turn-on delay time v dd = 15 v, v gs = 10 v, i d = 80 a, r g = 2.5 w t d(on) - 22 33 ns rise time v dd = 15 v, v gs = 10 v, i d = 80 a, r g = 2.5 w t r - 25 38 turn-off delay time v dd = 15 v, v gs = 10 v, i d = 80 a, r g = 2.5 w t d(off) - 55 85 fall time v dd = 15 v, v gs = 10 v, i d = 80 a, r g = 2.5 w t f - 40 60
spp 80n03 data sheet 4 05.99 electrical characteristics , at t j = 25 ?c, unless otherwise specified parameter symbol values unit min. typ. max. dynamic characteristics gate to source charge v dd = 24 v, i d = 80 a 30 nc 20 q gs - - 51 q gd gate to drain charge v dd = 24 v, i d = 80 a 76.5 gate charge total v dd = 24 v, i d = 80 a, v gs = 0 to 10 v - 112 175 q g gate plateau voltage v dd = 24 v, i d = 80 a v (plateau) 4.7 - v - reverse diode inverse diode continuous forward current t c = 25 ?c i s - - 80 a inverse diode direct current,pulsed t c = 25 ?c i sm - - 320 inverse diode forward voltage v gs = 0 v, i f = 160 a v sd - 1.1 v 1.7 reverse recovery time v r = 15 v, i f = i s , d i f /d t = 100 a/s t rr - 60 ns 90 reverse recovery charge v r = 15 v, i f = l s , d i f /d t = 100 a/s q rr - c 0.06 0.09
spp 80n03 data sheet 5 05.99 power dissipation p tot = f ( t c ) 0 20 40 60 80 100 120 140 160 ?c 190 t c 0 40 80 120 160 200 240 w 320 SPP80N03 p tot drain current i d = f ( t c ) parameter: v gs 3 10 v 0 20 40 60 80 100 120 140 160 ?c 190 t c 0 10 20 30 40 50 60 70 a 90 SPP80N03 i d transient thermal impedance z thjc = f ( t p ) parameter : d = t p / t 10 -7 10 -6 10 -5 10 -4 10 -3 10 -2 10 0 s t p -5 10 -4 10 -3 10 -2 10 -1 10 0 10 1 10 k/w SPP80N03 z thjc single pulse 0.01 0.02 0.05 0.10 0.20 d = 0.50 safe operating area i d = f ( v ds ) parameter : d = 0 , t c = 25 ?c 10 -1 10 0 10 1 10 2 v v ds 1 10 2 10 3 10 a SPP80N03 i d r ds(on) = v ds / i d dc 10 ms 1 ms 100 s t p = 54.0 s
spp 80n03 data sheet 6 05.99 typ. output characteristics i d = f ( v ds ) parameter: t p = 80 s 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 v 5.0 v ds 0 20 40 60 80 100 120 140 160 a 190 SPP80N03 i d v gs [v] a a 4.0 b b 4.5 c c 5.0 d d 5.5 e e 6.0 f f 6.5 g g 7.0 h h 7.5 i i 8.0 j j 8.5 k k 9.0 l p tot = 300 w l 10.0 typ. drain-source-on-resistance r ds(on) = f ( i d ) parameter: v gs 0 20 40 60 80 100 120 a 150 i d 0.000 0.002 0.004 0.006 0.008 0.010 0.012 0.014 0.016 w 0.019 SPP80N03 r ds(on) v gs [v] = a a 4.0 b b 4.5 c c 5.0 d d 5.5 e e 6.0 f f 6.5 g g 7.0 h h 7.5 i i 8.0 j j 8.5 k k 9.0 l l 10.0 typ. transfer characteristics i d = f ( v gs ) parameter: t p = 80 s v ds 3 2 x i d x r ds(on) max 0 1 2 3 4 v 6 v gs 0 5 10 15 20 25 30 35 40 45 50 55 60 a 70 i d typ. forward transconductance g fs = f ( i d ) ; t j = 25?c parameter: g fs 0 10 20 30 40 a 60 i d 0 10 20 30 40 50 60 70 s 85 g fs
spp 80n03 data sheet 7 05.99 drain-source on-resistance r ds(on) = f ( t j ) parameter : i d = 80 a, v gs = 10 v -60 -20 20 60 100 140 ?c 200 t j 0.000 0.001 0.002 0.003 0.004 0.005 0.006 0.007 0.008 0.009 0.010 0.011 0.012 w 0.015 SPP80N03 r ds(on) typ 98% gate threshold voltage v gs(th) = f ( t j ) parameter : v gs = v ds , i d = 240 a -60 -20 20 60 100 140 ?c 200 t j 0.0 0.4 0.8 1.2 1.6 2.0 2.4 2.8 3.2 3.6 4.0 4.4 v 5.0 v gs(th) min typ max typ. capacitances c = f (v ds ) parameter: v gs = 0 v, f = 1 mhz 0 5 10 15 20 25 30 v 40 v ds 500 1500 2500 3500 4500 5500 6500 7500 pf 9500 c ciss coss crss forward characteristics of reverse diode i f = f ( v sd ) parameter: t j , t p = 80 s 0.0 0.4 0.8 1.2 1.6 2.0 2.4 v 3.0 v sd 0 10 1 10 2 10 3 10 a SPP80N03 i f t j = 25 ?c typ t j = 25 ?c (98%) t j = 175 ?c typ t j = 175 ?c (98%)
spp 80n03 data sheet 8 05.99 typ. gate charge v gs = f ( q gate ) parameter: i d puls = 80 a 0 20 40 60 80 100 120 140 nc 170 q gate 0 2 4 6 8 10 12 v 16 SPP80N03 v gs ds max v 0,8 ds max v 0,2 avalanche energy e as = f ( t j ) parameter: i d = 80 a, v dd = 25 v r gs = 25 w 20 40 60 80 100 120 140 ?c 180 t j 0 50 100 150 200 250 300 350 400 450 500 550 600 mj 700 e as drain-source breakdown voltage v (br)dss = f ( t j ) -60 -20 20 60 100 140 ?c 200 t j 27 28 29 30 31 32 33 34 35 v 37 SPP80N03 v (br)dss


▲Up To Search▲   

 
Price & Availability of SPP80N03

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X