Part Number Hot Search : 
T01KO 600BW LMV358 MS51D BAS85 MX770 MC3476P1 MC3476P1
Product Description
Full Text Search
 

To Download SAFEA751MFM0F00R12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  may.25 , 2010 saw filter for band13 murata part number : safea751mfm0f00 marking : laser printing package dimensions specification 1/5 (1) (3)(4) others unit : unbalance port : balance port : ground : mm d q 1.35 0.05 5-0.25 0.05 0.5max. 2-0.25 0.05 5-0.325 0.050 (0.075) 2-0.25 0.05 (0.05) (1) (2) (3) (5) (4) (0.17) dot marking( ? 0 .3 ) 1.05 0.05 2-0.25 0.05 (5) (4) (2) (3) (1) nominal center frequency(fc) 1) 10 to 686 mhz 45 db min. 45 db min. 69 db 2) 716 to 728 mhz 20 db min. 20 db min. 40 db 3) 777 to 787 mhz 50 db min. 50 db min. 54 db 4) 787 to 2500 mhz 40 db min. 40 db min. 57 db 5) 2500 to 6000 mhz 37 db min. 37 db min. 42 db 6) 6000 to 8000 mhz 20 db min. 20 db min. 41 db max. max. 0.5 db vswr 2.0 max. 2.0 max. 1.6 (746 to 756mhz) 1.3db max. 1.3db max. (746 to 756mhz) ripple deviation unbalance port matching impedance (nominal) 1.0db 1.0db max. amplitude balance (746 to 756mhz) phase balance 1805deg. 1805deg. 2.9db max. 2.7db max. 2.2 db balance port matching impedance (nominal) 100 w 50 w 180+1deg. (746 to 756mhz) max. +0.1db item specification -30 to 85c 252c typ. 751mhz (746 to 756mhz) insertion loss absolute attenuation
may.25 , 2010 saw filter for band13 murata part number : safea751mfm0f00 frequency performance 2/5
may.25 , 2010 saw filter for band13 murata part number : safea751mfm0f00 3/5 dimensions of carrier tape dimensions of reel SAFEA751MFM0F00R12 2000pcs/reel safea751mfm0f00r14 4000pcs/reel dimensions of tape unit: mm unit: mm 160 ... 1 9 0 80 ...1 2 0 4 0 0 ... 56 0 trailer tape components leader cavity unit : m m 2.0 0.5 9.0 0.5 13 .5max. ( ? 60) ?? 1 7 8 ) ? 13.0 0.5 d q direction of feed cover tape 4.0 0.1 2 . 0 0 0. 05 3 max. +0.1 ? 0.8 -0.0 1.3 0.1 0.30 0. 05 1.6 0.1 3 max. 0.70 0.10 8.0 0.2 3.50 0.0 5 1.75 0.10 4.0 0.1 +0.1 ? 1.5 -0.0 d q d q
may.25 , 2010 saw filter for band13 murata part number : safea751mfm0f00 4/5 recommended land pattern test circuit : land pattern unit : mm 0.25 1.3 0.25 0.325 0.425 0.425 0.325 0.525 0.25 1.6 0.25 0.325 0.525 1 100 w 5 4 2 3 50 w
may.25 , 2010 saw filter for band13 murata part number : safea751mfm0f00 ? caution - limitation of applications please contact us before using our products for the applications listed below which require especially for the prevention of defects which might directly cause damage to the third partys life, body or property. a. aircraft equipment b. aerospace equipment c. undersea equipment d. nuclear control equipment e. medical equipment f. transportation equipment (vehicles, trains, ships, etc.) g. traffic signal equipment h. disaster prevention / crime prevention equipment i. data - processing equipment j. application of similar complexity and / or reliability requirements to the applications listed in the above ? this pdf datasheet is downloaded from the website of murata manufacturing co., ltd. therefore, its specifications are subject to change or our products in it may be discontinued without advance notice. please check with our sales representatives or product engineers before ordering. ? this pdf datasheet has only typical specifications because there is no space for detailed specifications. therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. rohs compliance this component is compliant with rohs directive. this component was always rohs compliant from the first date of manufacture. 5/5


▲Up To Search▲   

 
Price & Availability of SAFEA751MFM0F00R12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X