Part Number Hot Search : 
AS393P STA51 STP5NB90 645ETT BYQ28E ON2675 RJ2037 EFH3016
Product Description
Full Text Search
 

To Download PCN13-20S-254DSA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  a29 features 1. compliant with din standard comply with iec603-2/din41612 standard. 2. variation in number of contacts 10, 16, 20, 24, 28, 30, 32, 44, 48, 50, 64, 90, 96, 100, 128, and 144 contacts are available. 3. two point contact construction pcn10 and 12 series are constructed with high reliable double- sided two point contacts. pcn13 series pursues after cost performance, and constructed with single sided two point contacts. 4. broad applications din standard types of b, c, r, and q are available. the flux tight product is available. the easy lock pin type to prefix the board is available. 5. stacking height variation pcn10h series contains 25, 30, 35, 40 and 45mm stacking height. 6. circuit protection function available pcn10mc series utilizes a sequence structure for circuit protection function. 7. cable connector id connector for ribbon cable is available. the connector is prepared for crimping connection for awc#26 to 30 cables. application control equipment, exchange, measuring instruments etc. single-sided two point contact system stacking connector double-sided two point contact system pcn10, 12, 13 series (product compliant to din standard: through hole,wrapping type) pcn series the product information in this catalog is for reference only. please request the engineering drawing for the most current and accurate design information. all non-rohs products have been discontinued, or will be discontinued soon. please check the products status on the hirose website rohs search at www.hirose-connectors.com, or contact your hirose sales representative.
a30 product specifications ordering information pcn10 a ? * p ? 2.54 ds material 1 2 4 3 5 6 100v dc 1000v ac (insulation displacement, crimping type: 650v ac) /1 minute. 0.1a frequency: 10 to 55 hz, single amplitude of 0.75 mm, 2 hours in each of the 3 directions. 96 hours at temperature of 40? and humidity of 90% to 95% 500 cycles manual soldering: 300? for 3 seconds 10 6 m ohms no flashover or insulation breakdown. 20m ohms max. no electrical discontinuity of 10s or more insulation resistance : 10 6 m ohms min. contact resistance : 20m ohms max. no deformation of components affecting performance. no damage, cracks, or parts looseness. (-65 ? : 30 minutes 15 to 35 ? : 5 minutes max. 125 ? : 30 minutes 15 to 35 ? : 5 minutes max.) 5 cycles 1.insulation resistance 2.withstanding voltage 3.contact resistance 4. vibration 5. humidity(steady state) 6.temperature cycle 7. durability (mating/un-mating) 8. resistance to soldering heat item specification condition note 1: includes temperature rise caused by current flow. note 2: the term "storage" refers to products stored for long period of time prior to mounting and use. operating temperature r ange and humidity range covers non conducting condition of installed connectors in storage, shipment or during transportation. parts material finish remarks contact insulator pin header receptacle pbt brass copper alloy gray contact area: gold plated remainer: tin-lead plated ul94v-0 --------------- --------------- rating current rating: 2a voltage rating: 300v ac operating temperature range: - 55 to + 85 ? (note 1) operating humidity range: 85 % max storage temperature range: - 10 to + 60 ? (note 2) storage humidity range: 40 to 70 % (note 2) pcn 10 series series name : pcn10 blank a mold type (as listed below) b c : flux prevention type (dsa only) d : rack installation type ea : with board prefixed lock pin h : stacking height 35mm type ha : stacking height 30mm type hb : stacking height 25mm type hc : stacking height 45mm type hd : stacking height 40mm type mc : circuit protection function type connector type : p : pin header : s : receptacle contact pitch : 2.54mm contact type ds : right angle through hole type dsa : straight through hole type wa : wrapping type (0.5tx0.7w) wb : wrapping type (0.5tx0.5w) r : insulation displacement type c : crimping type number of contacts: 2-row : 16, 20, 24, 32, 44, 50, 64, 90, 100 3-row : 48, 96, 144 4-row : 128 1 2 3 4 5 6 } * * the product information in this catalog is for reference only. please request the engineering drawing for the most current and accurate design information. all non-rohs products have been discontinued, or will be discontinued soon. please check the products status on the hirose website rohs search at www.hirose-connectors.com, or contact your hirose sales representative.
a31 pcn12 a - * p - 2.54 ds 1 2 4 3 5 6 pcn12 e - * s - 2.54 dsa 1 2 4 3 5 6 pcn13 e - * s - 2.54 dsa 1 2 4 3 5 6 * pcn13 series are only socket type. pcn10 and 12 series are mating connectors. pcn 12 series (plug) pcn 12e- * s-2.54 dsa(socket) r s : socket t contact pitch : 2.54mm y contact type : dsa: straight through hole type q series name : pcn12 w no symbol : standard type e : with board prefixed lock pin type e number of contacts : 2-row: 10, 16, 20, 28, 32, 44, 50, 64, 90, 100 3-row: 96 pcn 13e- * s-2.54 dsa (socket) e number of contacts : 2-row: 10, 16, 20, 24, 28, 32, 44, 50, 64, 90, 100 3-row: 96 r p : plug t contact pitch : 2.54mm y contact type : ds: right angle through hole type q series name : pcn12 w no symbol : din standard type c (96 contacts) a : original type e-ea : with board prefixed lock pin type r s : socket t contact pitch : 2.54mm y contact style : ds: right angle through hole type : dsa: straight through hole type q series name : pcn13 w no symbol : standard type e : with board prefixed easy pin type e number of contacts : 2-row: 10, 16, 20, 30, 32, 44, 50, 64, 90, 100 3-row: 48, 96 the product information in this catalog is for reference only. please request the engineering drawing for the most current and accurate design information. all non-rohs products have been discontinued, or will be discontinued soon. please check the products status on the hirose website rohs search at www.hirose-connectors.com, or contact your hirose sales representative.
a32 b din connector mating condition din connectors of hirose should be used under conditions as illustrated below. the product information in this catalog is for reference only. please request the engineering drawing for the most current and accurate design information. all non-rohs products have been discontinued, or will be discontinued soon. please check the products status on the hirose website rohs search at www.hirose-connectors.com, or contact your hirose sales representative.
a33 b contact numbers receptacle straight type type c (type b) according to the inter-combination with din standard type c (type b) and type r (type q), the contact numbers and row numbers represent contact no. (no.1 to 32) and row no. (a, b, c). din standard type c and type r represent the 3-row 96 contacts type, including 32 contacts in single-row. din standard type b and type q represent the 2-row 64 contacts type, including 32 contacts in single-row. note: the din connector is basically standardized in combination with straight and right angle types. as shown above in illustrationss; the contact numbers is matched in combination with (1)-(2) and (3)-(4), while the contact numbers are inverted in combination with (1)-(2) and (3)-(4). pin header right angle type type c (type b) pin header straight type type r (type q) receptacle right angle type type r (type q) 1 2 3 4 the product information in this catalog is for reference only. please request the engineering drawing for the most current and accurate design information. all non-rohs products have been discontinued, or will be discontinued soon. please check the products status on the hirose website rohs search at www.hirose-connectors.com, or contact your hirose sales representative.
a62 pcn13 series socket: 2-row straight type pcn13- * s-2.54dsa pcn13- * s-2.54ds b pcb mounting pattern b pcb mounting pattern socket: 2-row right angle type unit:mm cl no. part number 583-3000-5 583-3001-8 583-3002-0 583-3003-3 583-3004-6 583-3005-9 583-3006-1 583-3007-4 583-3008-7 583-3009-0 pcn13- 0 10s-2.54dsa pcn13- 0 16s-2.54dsa pcn13- 0 20s-2.54dsa pcn13- 0 30s-2.54dsa pcn13- 0 32s-2.54dsa pcn13- 0 44s-2.54dsa pcn13- 0 50s-2.54dsa pcn13- 0 64s-2.54dsa pcn13- 0 90s-2.54dsa pcn13-100s-2.54dsa number of contacts 10 16 20 30 32 44 50 64 90 100 a b 26.42 34.04 39.12 51.82 54.36 69.6 0 77.22 95 .00 128.02 140.72 21.42 29.04 34.12 46.82 49.36 64.6 0 72.22 90 .00 123.02 135.72 c d 10.16 17.78 22.86 35.56 38.1 0 53.34 60.96 78.74 111.76 124.46 16.42 24.04 29.12 41.82 44.36 59.6 0 67.22 85 .00 118.02 130.72 cl no. part number 583-3030-6 583-3031-9 583-3032-1 583-3033-4 583-3034-7 583-3035-0 583-3036-2 583-3037-5 583-3039-0 pcn13- 10s-2.54ds pcn13- 16s-2.54ds pcn13- 20s-2.54ds pcn13- 30s-2.54ds pcn13- 32s-2.54ds pcn13- 44s-2.54ds pcn13- 50s-2.54ds pcn13- 64s-2.54ds pcn13-100s-2.54ds number of contacts 10 16 20 30 32 44 50 64 100 a b 30.4 0 38.02 43.1 0 55.8 0 58.34 73.58 81.2 0 98.98 144.7 0 16.42 24.04 29.12 41.82 44.36 59.6 0 67.22 85 .00 130.72 c d 10.16 17.78 22.86 35.56 38.1 0 53.34 60.96 78.74 124.46 25.4 33.02 38.1 0 50.8 53.34 68.58 76.2 93.98 139.7 unit:mm the product information in this catalog is for reference only. please request the engineering drawing for the most current and accurate design information. all non-rohs products have been discontinued, or will be discontinued soon. please check the products status on the hirose website rohs search at www.hirose-connectors.com, or contact your hirose sales representative.
a63 b pcb mounting pattern socket: 3-row right angle type b pcb mounting pattern socket: 3-row straight type unit:mm unit:mm pcn13- 48s -2.54dsa 96s pcn13- 48s -2.54ds 96s cl no. part number 583-3010-9 583-3011-1 pcn13-48s-2.54dsa pcn13-96s-2.54dsa number of contacts 48 96 a 54.36 95 .00 b 50 .00 90 .00 c 44.36 85 .00 d 38.1 0 78.74 cl no. part number 583-3040-0 583-3041-2 pcn13-48s-2.54ds pcn13-96s-2.54ds number of contacts 48 96 a 53.36 94 .00 b 44.36 85 .00 c 38.1 0 78.74 d 48.26 88.9 0 the product information in this catalog is for reference only. please request the engineering drawing for the most current and accurate design information. all non-rohs products have been discontinued, or will be discontinued soon. please check the products status on the hirose website rohs search at www.hirose-connectors.com, or contact your hirose sales representative.
a27 product compliant to din41612/iec603-2 standard pcn series pin header side straight through hole type receptacle side straight through hole pcn10 ea - * * s-2.54dsa pcn10c a - * * s-2.54dsa pcn10ea- * * s-2.54dsa pcn10d a - * * s-2.54dsa pcn12 ea - * * s-2.54dsa pcn12e a - * * s-2.54dsa pcn13 ea - * * s-2.54dsa stacking through hole type right angle through hole type (mounted on the board edge) right angle through hole type (mounted on the board) press fit type wrapping type pcn10 ea - * * s-2.54w * right angle through hole type (mounted on the board edge) pcn10b a - * * s-2.54ds right angle through hole type (mounted on the board) pcn10a e - * * s-2.54ds pcn10c a - * * s-2.54ds pcn13 ea - * * s-2.54ds press fit short pin type pcn11- * * s-2.54pfb-2 press fit long pin type pcn11- * * s-2.54wb-2 cable type pcn10- * * s-2.54c + pcn10- * * * * sc * pcn10- * * s-2.54r pcn10 ea - * * p-2.54dsa pcn10h * - * * p-2.54dsa pcn10 ea - * * p-2.54ds pcn12 ea - * * p-2.54ds pcn12e a - * * p-2.54ds pcn10a e - * * p-2.54ds pcn10ea- * * p-2.54ds pcn12a e - * * p-2.54ds pcn12ea- * * p-2.54ds pcn11- * * p-2.54w * -2 + pcn11- * * p-2.54h-2 the product information in this catalog is for reference only. please request the engineering drawing for the most current and accurate design information. all non-rohs products have been discontinued, or will be discontinued soon. please check the products status on the hirose website rohs search at www.hirose-connectors.com, or contact your hirose sales representative.
a28 pin header side right angle through hole type (mounted on the board edge) receptacle side straight through hole type pcn10f a - * * s-2.54dsa coaxial connector and high current contact composite type right angle through hole type (mounted on the board) wrapping type pcn10f a - * * s-2.54w * right angle through hole type (mounted on the board edge) pcn10fb- * * s-2.54ds right angle through hole type (mounted on the board) pcn10fa- * * s-2.54ds press fit short pin type pcn11f- * * s-2.54pfb-2 press fit long pin type pcn11f- * * s-2.54wb-2 circuit protection function type pin header side right angle through hole type receptacle side pcn10mc * - * * p-2.54ds straight through hole type pcn10mc * - * * s-2.54dsa wrapping type pcn10mc * - * * s-2.54w * pcn10f- * * p-2.54ds pcn10fa- * * p-2.54ds the product information in this catalog is for reference only. please request the engineering drawing for the most current and accurate design information. all non-rohs products have been discontinued, or will be discontinued soon. please check the products status on the hirose website rohs search at www.hirose-connectors.com, or contact your hirose sales representative.
a64 b application pattern vertical connection 2-row type ' : mounting hole center c.l. :center line the product information in this catalog is for reference only. please request the engineering drawing for the most current and accurate design information. all non-rohs products have been discontinued, or will be discontinued soon. please check the products status on the hirose website rohs search at www.hirose-connectors.com, or contact your hirose sales representative.
a65 3-row type ' : mounting hole center c.l. :center line 48 contacts: 17.9 48 contacts: 19.09 48 contacts: 19.09 the product information in this catalog is for reference only. please request the engineering drawing for the most current and accurate design information. all non-rohs products have been discontinued, or will be discontinued soon. please check the products status on the hirose website rohs search at www.hirose-connectors.com, or contact your hirose sales representative.
a66 3-row 144 contact type 4-row type 48 contacts: 19.09 ' : mounting hole center c.l. :center line the product information in this catalog is for reference only. please request the engineering drawing for the most current and accurate design information. all non-rohs products have been discontinued, or will be discontinued soon. please check the products status on the hirose website rohs search at www.hirose-connectors.com, or contact your hirose sales representative.
a67 b application pattern horizontal connection 2-row type ' : mounting hole center c.l. :center line 4-row type the product information in this catalog is for reference only. please request the engineering drawing for the most current and accurate design information. all non-rohs products have been discontinued, or will be discontinued soon. please check the products status on the hirose website rohs search at www.hirose-connectors.com, or contact your hirose sales representative.
a68 3-row type ' : mounting hole center c.l. :center line 48 contacts: 19.09 the product information in this catalog is for reference only. please request the engineering drawing for the most current and accurate design information. all non-rohs products have been discontinued, or will be discontinued soon. please check the products status on the hirose website rohs search at www.hirose-connectors.com, or contact your hirose sales representative.
a69 b application pattern horizontal connection 2-row type 4-row type 3-row type 48 contacts: 17.9 48 contacts: 17.9 ' : mounting hole center c.l. :center line the product information in this catalog is for reference only. please request the engineering drawing for the most current and accurate design information. all non-rohs products have been discontinued, or will be discontinued soon. please check the products status on the hirose website rohs search at www.hirose-connectors.com, or contact your hirose sales representative.
a70 b application pattern circuit protection function type 2-row type 3-row type ' : mounting hole center c.l. :center line stacking connector * g : 35, 30, 25, 45, 40 ' : mounting hole center c.l. :center line 64 contacts : the sequential contacts are indicated at 22 points to contact no.1 to 4 and 26 to 32 in both rows a and b. 100 contacts : the sequential contact is indicated at 22 points to contact no.1 to 4 and 44 to 50 in both rows a and b. the sequential contacts are located at 22 points to a1 and a32. the product information in this catalog is for reference only. please request the engineering drawing for the most current and accurate design information. all non-rohs products have been discontinued, or will be discontinued soon. please check the products status on the hirose website rohs search at www.hirose-connectors.com, or contact your hirose sales representative.


▲Up To Search▲   

 
Price & Availability of PCN13-20S-254DSA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X