Part Number Hot Search : 
DS1413 U4221B 02101 R2002 AAT1299 MAX662A SF603 STV9326
Product Description
Full Text Search
 

To Download PCBMMCXFSTJSMTHT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  spe - 12 - 8 - 139 / b /wy page 1 of 3 specification part no. : pcb.mmcxfstj. smt. ht product name : mmcx (f) surface mount jack feature : mmcx (f) jack surface mount pcb jack frequency range: dc up to 6 ghz finish: gold leg length: 0.76 mm total length: 5 mm rohs compliant
spe - 12 - 8 - 139 / b /wy page 2 of 3 1. introd uction the pcb.mmcxfstj. smt. ht connector was designed to be surface mounted on a pcb . t he maximum thickness of pcb that the connector can be used with is 0.4 mm. the con nector pin is directly soldered on to pads on the pcb . the connector is a stand ard mmcx ( f) jack . taoglas connectors are all rohs compliant. 2. specification electrical impedance 50? frequency range dc ~ 6 ghz working voltage max. 170 v rms dielectric withstanding voltage 500 vrms insulation resistance 1 00 0 m m? mechanical connector dimens ion 5mm* ? 3.5mm max. thickness pcb acceptable 0. 4 mm connector pin diameter 0.7 5 mm c onnector type mmcx(f) jack for surface mount environmental rohs compliant
spe - 12 - 8 - 139 / b /wy page 3 of 3 3. connector drawing name material finish qty 1 body brass gold 1 2 insulato r teflon white 1 3 female contact phosphor bronze gold 1 taoglas makes no warranties based on the accuracy or completeness of the contents of this document and reserves the right to make changes to specifications and product descriptions at any time wi thout notice. taoglas reserves all rights to this document and the information contained herein. reproduction, use or disclosure to third p arties without express permission is strictly prohibited. copyright ? 2012, taoglas ltd.


▲Up To Search▲   

 
Price & Availability of PCBMMCXFSTJSMTHT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X