Part Number Hot Search : 
5MFP100 2SD1046 2SC410 BC200 4ALVCH16 ON0231 TC6133AF PCH1632
Product Description
Full Text Search
 

To Download ONSEMICONDUCTOR-MC14528BDR2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2000 march, 2000 rev. 3 1 publication order number: mc14528b/d
  
 
   the mc14528b is a dual, retriggerable, resettable monostable multivibrator. it may be triggered from either edge of an input pulse, and produces an output pulse over a wide range of widths, the duration of which is determined by the external timing components, c x and r x . ? separate reset available ? diode protection on all inputs ? triggerable from leading or trailing edge pulse ? supply voltage range = 3.0 vdc to 18 vdc ? capable of driving two lowpower ttl loads or one lowpower schottky ttl load over the rated temperature range ? pinforpin replacement with the mc14538b maximum ratings (voltages referenced to v ss ) (note 2.) symbol parameter value unit v dd dc supply voltage range 0.5 to +18.0 v v in , v out input or output voltage range (dc or transient) 0.5 to v dd + 0.5 v i in , i out input or output current (dc or transient) per pin 10 ma p d power dissipation, per package (note 3.) 500 mw t a ambient temperature range 55 to +125 c t stg storage temperature range 65 to +150 c t l lead temperature (8second soldering) 260 c 2. maximum ratings are those values beyond which damage to the device may occur. 3. temperature derating: plastic ap and d/dwo packages: 7.0 mw/  c from 65  c to 125  c this device contains protection circuitry to guard against damage due to high static voltages or electric fields. however, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this highimpedance circuit. for proper operation, v in and v out should be constrained to the range v ss  (v in or v out )  v dd . unused inputs must always be tied to an appropriate logic voltage level (e.g., either v ss or v dd ). unused outputs must be left open. http://onsemi.com a = assembly location wl or l = wafer lot yy or y = year ww or w = work week device package shipping ordering information mc14528bcp pdip16 2000/box mc14528bd soic16 48/rail mc14528bdr2 soic16 2500/tape & reel 1. for ordering information on the eiaj version of the soic packages, please contact your local on semiconductor representative. marking diagrams 1 16 pdip16 p suffix case 648 mc14528bcp awlyyww soic16 d suffix case 751b 1 16 14528b awlyww soeiaj16 f suffix case 966 1 16 mc14528b awlyww mc14528bfel soeiaj16 see note 1. mc14528bf soeiaj16 see note 1.
mc14528b http://onsemi.com 2 pin assignment 13 14 15 16 9 10 11 12 5 4 3 2 1 8 7 6 a2 reset 2 c x 2/r x 2 v ss v dd q2 q2 b2 a1 reset 1 c x 1/r x 1 v ss v ss q1 q1 b1 block diagram reset 1 reset 2 v dd v dd q1 q1 q2 q2 a1 b1 a2 b2 c x 1 c x 2 r x 2 r x 1 12 4 5 3 6 7 14 15 12 11 13 10 9 v dd = pin 16 v ss = pin 1, pin 8, pin 15 r x and c x are external components oneshot selection guide 100 ns 1  s 10  s 100  s 1 ms 10 ms 100 ms 1 s 10 s mc14528b mc14536b mc14538b mc14541b mc4538a* 23 hr 5 min. total output pulse width range recommended pulse width range *limited operating voltage (26 v)
mc14528b http://onsemi.com 3 ????????????????????????????????? ????????????????????????????????? electrical characteristics (voltages referenced to v ss ) v dd 55  c 25  c 125  c characteristic symbol vdc min max min typ (4.) max min max unit output voltage a0o level v in = v dd or 0 v ol 5.0 10 15 e e e 0.05 0.05 0.05 e e e 0 0 0 0.05 0.05 0.05 e e e 0.05 0.05 0.05 vdc a1o level v in = 0 or v dd v oh 5.0 10 15 4.95 9.95 14.95 e e e 4.95 9.95 14.95 5.0 10 15 e e e 4.95 9.95 14.95 e e e vdc input voltage a0o level (v o = 4.5 or 0.5 vdc) (v o = 9.0 or 1.0 vdc) (v o = 13.5 or 1.5 vdc) v il 5.0 10 15 e e e 1.5 3.0 4.0 e e e 2.25 4.50 6.75 1.5 3.0 4.0 e e e 1.5 3.0 4.0 vdc a1o level (v o = 0.5 or 4.5 vdc) (v o = 1.0 or 9.0 vdc) (v o = 1.5 or 13.5 vdc) v ih 5.0 10 15 3.5 7.0 11 e e e 3.5 7.0 11 2.75 5.50 8.25 e e e 3.5 7.0 11 e e e vdc output drive current (v oh = 2.5 vdc) source (v oh = 4.6 vdc) (v oh = 9.5 vdc) (v oh = 13.5 vdc) i oh 5.0 5.0 10 15 1.2 0.64 1.6 4.2 e e e e 1.0 0.51 1.3 3.4 1.7 0.88 2.25 8.8 e e e e 0.7 0.36 0.9 2.4 e e e e madc (v ol = 0.4 vdc) sink (v ol = 0.5 vdc) (v ol = 1.5 vdc) i ol 5.0 10 15 0.64 1.6 4.2 e e e 0.51 1.3 3.4 0.88 2.25 8.8 e e e 0.36 0.9 2.4 e e e madc input current i in 15 e 0.1 e 0.00001 0.1 e 1.0 m adc input capacitance (v in = 0) c in e e e e 5.0 7.5 e e pf quiescent current (per package) i dd 5.0 10 15 e e e 5.0 10 20 e e e 0.005 0.010 0.015 5.0 10 20 e e e 150 300 600 m adc total supply current at an external load capacitance (c l ) and at external timing capacitance (c x ), use the formula e (5.) i t e i t (c l , c x ) = [(c l + 0.36c x )v dd f + 2x10 8 r x c x (v dd 2 ) 2 f] x 10 3 where: i t in m a (per circuit), c l and c x in pf, r x in megohms, v dd in vdc, f in khz is input frequency. m adc 4. data labelled atypo is not to be used for design purposes but is intended as an indication of the ic's potential performance. 5. the formulas given are for the typical characteristics only at 25  c.
mc14528b http://onsemi.com 4 switching characteristics (8.) (c l = 50 pf, t a = 25  c) characteristic symbol c x pf r x k w v dd vdc min typ (9.) max unit output rise and fall time t tlh , t thl = (1.5 ns/pf) c l + 25 ns t tlh , t thl = (0.75 ns/pf) c l + 12.5 ns t tlh , t thl = (0.55 ns/pf) c l + 9.5 ns t tlh , t thl e e 5.0 10 15 e e e 100 50 40 200 100 80 ns turnoff, turnon delay time e a or b to q or q t plh , t phl = (1.7 ns/pf) c l + 240 ns t plh , t phl = (0.66 ns/pf) c l + 87 ns t plh , t phl = (0.5 ns/pf) c l + 65 ns t plh , t phl 15 5.0 5.0 10 15 e e e 325 120 90 650 240 180 ns turnoff, turnon delay time e a or b to q or q t plh , t phl = (1.7 ns/pf) c l + 620 ns t plh , t phl = (0.66 ns/pf) c l + 257 ns t plh , t phl = (0.5 ns/pf) c l + 185 ns t plh , t phl 1000 10 5.0 10 15 e e e 705 290 210 e e e ns input pulse width e a or b t wh 15 5.0 5.0 10 15 150 75 55 70 30 30 e e e ns t wl 1000 10 5.0 10 15 e e e 70 30 30 e e e ns output pulse width e q or q (for c x < 0.01 m f use graph for appropriate v dd level.) t w 15 5.0 5.0 10 15 e e e 550 350 300 e e e ns output pulse width e q or q (for c x > 0.01 m f use formula: t w = 0.2 r x c x ln [v dd v ss ]) (6.) t w 10,000 10 5.0 10 15 15 10 15 30 50 55 45 90 95 m s pulse width match between circuits in the same package t1 t2 10,000 10 5.0 10 15 e e e 6.0 8.0 8.0 25 35 35 % reset propagation delay e reset to q or q t plh , t phl 15 5.0 5.0 10 15 e e e 325 90 60 600 225 170 ns 1000 10 5.0 10 15 e e e 1000 300 250 e e e ns retrigger time t rr 15 5.0 5.0 10 15 0 0 0 e e e e e e ns 1000 10 5.0 10 15 0 0 0 e e e e e e ns external timing resistance r x e e e 5.0 e 1000 k w external timing capacitance c x e e e no limits (7.) m f 6. r x is in ohms, c x is in farads, v dd and v ss in volts, pw out in seconds. 7. if c x > 15 m f, use discharge protection diode d x , per fig. 9. 8. the formulas given are for the typical characteristics only at 25  c. 9. data labelled atypo is not to be used for design purposes but is intended as an indication of the ic's potential performance.
mc14528b http://onsemi.com 5 function table inputs outputs reset a b q q h h h l h l not triggered h h not triggered h l, h, h not triggered h l l, h, not triggered l x x l h x x not triggered figure 1. output source current test circuit figure 2. output sink current test circuit v dd v dd open v ss v ss open v ol reset a b q q 16 8 16 8 i ol reset a b q q i oh v oh figure 3. power dissipation test circuit and waveforms v dd duty cycle = 50% c l c l c l c l i d 500 pf v ss v in 20 ns 20 ns v dd 0 v v in 90% 10% 0.1  f ceramic r x c x r x c x a b reset a b reset q q q q
mc14528b http://onsemi.com 6 ?????????????? ?????????????? input connections characteristics reset a b t plh , t phl , t tlh , t thl t w v dd pg1 v dd t plh , t phl , t tlh , t thl t w v dd v ss pg2 t plh(r) , t phl(r) , t w pg3 pg1 pg2 figure 5. ac test waveforms v dd v ss v dd v ss v dd v ss v oh v ol v oh v ol 90% 10% 90% 10% 50% 50% 50% 50% 50% t rr 50% t tlh t thl t tlh t thl 90% 10% t tlh t thl t thl t tlh 50% 90% 10% 50% 50% t wl t plh 50% 50% 50% 90% 10% a b q q reset t wh t tlh t thl t phl t phl t phl t wl t phl t w figure 6. pulse width versus c x 100,000 10,000 1000 100 10 c x , external capacitance (pf) pulse width ( s) t , w  1000 100 10 1.0 0.1 v dd = 15 v 10 v 5.0 v 15 v 10 v 5.0 v 15 v 10 v 5.0 v r x = 5.0 k  15 v 10 v 5.0 v r x = 100 k  r x = 10 k  figure 4. ac test circuit pulse generator pulse generator pulse generator v dd r x c x r x c x v ss a b reset a b reset q q q q c l c l c l c l pg1 = pg2 = pg3 = *c x = 15 pf *c l = 15 pf r x = 5.0 k  * includes capacitance of probes, wiring, and fixture parasitic. note: ac test waveforms for pg1, pg2, and pg3 on next page.
mc14528b http://onsemi.com 7 typical applications figure 7. retriggerable monostables circuitry figure 8. nonretriggerable monostables circuitry v dd r x c x v dd q q reset falling edge trigger rising edge trigger v dd r x c x v dd q q reset a b a b v dd v dd r x c x v dd q q reset falling edge trigger rising edge trigger v dd r x c x v dd q q reset a b a b figure 9. use of a diode to limit power down current surge figure 10. connection of unused sections v dd v dd v dd d x r x c x v dd q q reset reset v dd v dd nc nc nc a b 1, 15 2, 14 q q
mc14528b http://onsemi.com 8 package dimensions pdip16 p suffix plastic dip package case 64808 issue r notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. dimension l to center of leads when formed parallel. 4. dimension b does not include mold flash. 5. rounded corners optional. a b f c s h g d j l m 16 pl seating 18 9 16 k plane t m a m 0.25 (0.010) t dim min max min max millimeters inches a 0.740 0.770 18.80 19.55 b 0.250 0.270 6.35 6.85 c 0.145 0.175 3.69 4.44 d 0.015 0.021 0.39 0.53 f 0.040 0.70 1.02 1.77 g 0.100 bsc 2.54 bsc h 0.050 bsc 1.27 bsc j 0.008 0.015 0.21 0.38 k 0.110 0.130 2.80 3.30 l 0.295 0.305 7.50 7.74 m 0 10 0 10 s 0.020 0.040 0.51 1.01    
mc14528b http://onsemi.com 9 package dimensions soic16 d suffix plastic soic package case 751b05 issue j notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimensions a and b do not include mold protrusion. 4. maximum mold protrusion 0.15 (0.006) per side. 5. dimension d does not include dambar protrusion. allowable dambar protrusion shall be 0.127 (0.005) total in excess of the d dimension at maximum material condition. 18 16 9 seating plane f j m r x 45  g 8 pl p b a m 0.25 (0.010) b s t d k c 16 pl s b m 0.25 (0.010) a s t dim min max min max inches millimeters a 9.80 10.00 0.386 0.393 b 3.80 4.00 0.150 0.157 c 1.35 1.75 0.054 0.068 d 0.35 0.49 0.014 0.019 f 0.40 1.25 0.016 0.049 g 1.27 bsc 0.050 bsc j 0.19 0.25 0.008 0.009 k 0.10 0.25 0.004 0.009 m 0 7 0 7 p 5.80 6.20 0.229 0.244 r 0.25 0.50 0.010 0.019 
mc14528b http://onsemi.com 10 package dimensions h e a 1 dim min max min max inches 2.05 0.081 millimeters 0.05 0.20 0.002 0.008 0.35 0.50 0.014 0.020 0.18 0.27 0.007 0.011 9.90 10.50 0.390 0.413 5.10 5.45 0.201 0.215 1.27 bsc 0.050 bsc 7.40 8.20 0.291 0.323 0.50 0.85 0.020 0.033 1.10 1.50 0.043 0.059 0 0.70 0.90 0.028 0.035 0.78 0.031 a 1 h e q 1 l e  10  0  10  l e q 1  notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimensions d and e do not include mold flash or protrusions and are measured at the parting line. mold flash or protrusions shall not exceed 0.15 (0.006) per side. 4. terminal numbers are shown for reference only. 5. the lead width dimension (b) does not include dambar protrusion. allowable dambar protrusion shall be 0.08 (0.003) total in excess of the lead width dimension at maximum material condition. dambar cannot be located on the lower radius or the foot. minimum space between protrusions and adjacent lead to be 0.46 ( 0.018). m l detail p view p c a b e m 0.13 (0.005) 0.10 (0.004) 1 16 9 8 d z e a b c d e e l m z soeiaj16 f suffix plastic eiaj soic package case 96601 issue o
mc14528b http://onsemi.com 11 notes
mc14528b http://onsemi.com 12 on semiconductor and are trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to make changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. atypicalo parameters which may be provided in scill c data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. all operating parameters, including atypicalso must be validated for each customer application by customer's technical experts. scillc does not convey any license under its patent r ights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into t he body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. publication ordering information central/south america: spanish phone : 3033087143 (monfri 8:00am to 5:00pm mst) email : onlitspanish@hibbertco.com asia/pacific : ldc for on semiconductor asia support phone : 3036752121 (tuefri 9:00am to 1:00pm, hong kong time) toll free from hong kong & singapore: 00180044223781 email : onlitasia@hibbertco.com japan : on semiconductor, japan customer focus center 4321 nishigotanda, shinagawaku, tokyo, japan 1418549 phone : 81357402745 email : r14525@onsemi.com on semiconductor website : http://onsemi.com for additional information, please contact your local sales representative. mc14528b/d north america literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 3036752175 or 8003443860 toll free usa/canada fax : 3036752176 or 8003443867 toll free usa/canada email : onlit@hibbertco.com fax response line: 3036752167 or 8003443810 toll free usa/canada n. american technical support : 8002829855 toll free usa/canada europe: ldc for on semiconductor european support german phone : (+1) 3033087140 (mf 1:00pm to 5:00pm munich time) email : onlitgerman@hibbertco.com french phone : (+1) 3033087141 (mf 1:00pm to 5:00pm toulouse time) email : onlitfrench@hibbertco.com english phone : (+1) 3033087142 (mf 12:00pm to 5:00pm uk time) email : onlit@hibbertco.com european tollfree access*: 0080044223781 *available from germany, france, italy, england, ireland


▲Up To Search▲   

 
Price & Availability of ONSEMICONDUCTOR-MC14528BDR2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X