Part Number Hot Search : 
BUZ11 3C272M BD634 3N190 CTR922 74F5300 122LI0 90814
Product Description
Full Text Search
 

To Download NM4SOL3B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dokumentname: nic_nmsol3b.doc seite 1 von 1 ausgabedatum: 07-10-31 a-1130 wien lilienberggasse 13 tel.: +43-1-403 08 12 fax: +43-1-408 72 13 e-mail: info@knap.at http://www.knap.at wolfgang knap gesellschaft m.b.h. & co.kg 5x7,5mm smt crystal-oscillators nmsol3b -20/+70c 3,3v 15pf frequenzstabilit?t frequency stability betriebsbedingungen operating conditions modell model nm1sol3b 100ppm/-20~+70c betriebstemperatur operating temp. -20~+70c nm2sol3b 50ppm/-20~+70c lagertemperatur storage temperature -55~+125c nm3sol3b 25ppm/-20~+70c betriebsspannung v dd NM4SOL3B 20ppm/-20~+70c supply voltage +3,3v 0,3v nicht alle toleranzen sind bei frequenzen ber 70 mhz m?glich not all tolerances are available at frequencies above 70 mhz elektrische daten electrical characteristics t a = 25c, v dd = 3,3 v, c l = 15 pf parameter parameter bedingungen conditions frequenzbereich frequency. range spezifikationen specifications max. stromaufnahme max. input current i dd 12 khz ~ 32,000 mhz 32,000 + ~ 50,000 mhz 50,000 + ~ 67,000 mhz 67,000 + ~ 125,000 mhz 125,000 + ~ 170,000 mhz 12,5 ma 16,5 ma 18 ma 40 ma 50 ma frequenzstabilit?t frequency stability ber alles *) all conditions *) 12 khz ~ 99,999 mhz 100,000 + ~ 170,000 mhz 20 ppm ~ 100 ppm 25 ppm ~ 100 ppm tastverh?ltnis symmetry @50% v dd 12 khz ~ 50,000 mhz 50,000 + ~ 170,000 mhz 45/55 % 40/60 % ausgangsspannung output voltage v ol v oh ?0? level ?1? level 12 khz ~ 170,000 mhz 0,33 v max. 2,97 v min. anstiegszeit max. rise time max. t r 10% - 90% v dd 12 khz ~ 80,000 mhz 80,000 + ~ 125,000 mhz 125,000 + ~ 170,000 mhz 6 ns 4 ns 3 ns abfallzeit max. fall time max. t f 90% - 10% v dd 12 khz ~ 80,000 mhz 80,000 + ~ 125,000 mhz 125,000 + ~ 170,000 mhz 6 ns 4 ns 3 ns ausgangsstrom min. output current min. i ol i oh ?0? level ?1? level 12 khz ~ 170,000 mhz 2 ma 2 ma standby current max. v il 30% v dd 12 khz ~ 170,000 mhz 10 a ttl 12 khz ~ 170,000 mhz 10 ls-ttl max. belastbarkeit max. driving ability hcmos 12 khz ~ 170,000 mhz 15 pf startzeit max. start-up time max. 0,0 - 3,3 v 12 khz ~ 32,000 mhz 32,000 + ~ 170,000 mhz 5 ms 10 ms *) anmerkung: inkl. abgleichtoleranz, temperaturgang, spannungs- und last?nderung, alterung, schock und vibration note: incl. frequency and temperature tolerance, suppl y voltage and load change, aging, shock and vibration anschlu?belegung pin connections abmessungen in mm dimensions in mm empfohlenes layout recommended solder pad layout #1 e/d #2 gnd #3 out #4 v dd funktionstabelle (f. nmsol3b) enable /disable function inh (pin #1) output (pin #3) open active ?1? (v ih 70% v dd ) active ?0? (v il 30% v dd ) high z 5,08 1,4 #1 #2 #4 #3 2,6 #1 #2 #4 #3 5,0 max. 7,5 max. 1,4 0,1 lead-free/rohs-conformal 5,08 4,2 2,0 1,8


▲Up To Search▲   

 
Price & Availability of NM4SOL3B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X