Part Number Hot Search : 
10A07 BF554 BD3825FS 10700447 HRC0202A 2151K PRMA40Z UPD780
Product Description
Full Text Search
 

To Download NLV14040BDG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2013 april, 2013 ? rev. 10 1 publication order number: mc14040b/d mc14040b 12-bit binary counter the mc14040b 12 ? stage binary counter is constructed with mos p ? channel and n ? channel enhancement mode devices in a single monolithic structure. this part is designed with an input wave shaping circuit and 12 stages of ripple ? carry binary counter. the device advances the count on the negative ? going edge of the clock pulse. applications include time delay circuits, counter controls, and frequency ? driving circuits. features ? fully static operation ? diode protection on all inputs ? supply voltage range = 3.0 vdc to 18 vdc ? capable of driving two low ? power ttl loads or one low ? power schottky ttl load over the rated temperature range ? common reset line ? pin ? for ? pin replacement for cd4040b ? these devices are pb ? free and are rohs compliant ? nlv prefix for automotive and other applications requiring unique site and control change requirements; aec ? q100 qualified and ppap capable maximum ratings (voltages referenced to v ss ) symbol parameter value unit v dd dc supply voltage range ? 0.5 to +18.0 v v in , v out input or output voltage range (dc or transient) ? 0.5 to v dd + 0.5 v i in , i out input or output current (dc or transient) per pin 10 ma p d power dissipation, per package (note 1) 500 mw t a ambient temperature range ? 55 to +125 c t stg storage temperature range ? 65 to +150 c t l lead temperature (8 ? second soldering) 260 c stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above the recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may affect device reliability. 1. temperature derating: plastic ?p and d/dw? packages: ? 7.0 mw/  c from 65  c to 125  c this device contains protection circuitry to guard against damage due to high static voltages or electric fields. however, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high ? impedance circuit. for proper operation, v in and v out should be constrained to the range v ss  (v in or v out )  v dd . unused inputs must always be tied to an appropriate logic voltage level (e.g., either v ss or v dd ). unused outputs must be left open. http://onsemi.com marking diagrams pdip ? 16 p suffix case 648 mc14040bcp awlyywwg soic ? 16 d suffix case 751b tssop ? 16 dt suffix case 948f 14040bg awlyww soeiaj ? 16 f suffix case 966 mc14040b alywg see detailed ordering and shipping information in the package dimensions section on page 2 of this data sheet. ordering information 16 1 1 16 1 16 14 040b alyw   1 16 a = assembly location wl, l = wafer lot yy, y = year ww, w = work week g or  = pb ? free package (note: microdot may be in either location)
mc14040b http://onsemi.com 2 truth table clock reset output state 0 no change 0 advance to next state x 1 all outputs are low x = don?t care logic diagram clock 10 reset 11 q1 q2 q3 q10 q11 q12 976 14151 q4 = pin 5 q5 = pin 3 q6 = pin 2 q7 = pin 4 q8 = pin 13 q9 = pin 12 v dd = pin 16 v ss = pin 8 cq r cq cq r cq cq r cq cq r cq cq r cq cq r c pin assignment 13 14 15 16 9 10 11 12 5 4 3 2 1 8 7 6 q9 q8 q10 q11 v dd q1 c r q7 q5 q6 q12 v ss q2 q3 q4 ordering information device package shipping ? mc14040bcpg pdip ? 16 (pb ? free) 500 units / tape & ammunition box mc14040bdg soic ? 16 (pb ? free) 48 units / rail NLV14040BDG* mc14040bdr2g soic ? 16 (pb ? free) 2500 units / tape & reel nlv14040bdr2g* mc14040bdtr2g tssop ? 16 (pb ? free) 2500 units / tape & reel nlv14040bdtr2g* mc14040bfelg soeiaj ? 16 (pb ? free) 2000 units / tape & reel ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d. *nlv prefix for automotive and other applications requiring unique site and control change requirements; aec ? q100 qualified and ppap capable.
mc14040b http://onsemi.com 3 ????????????????????????????????? ????????????????????????????????? (voltages referenced to v ss ) ?????????? ?????????? ?????????? ?????????? characteristic ???? ???? ???? ???? ??? ??? ??? ??? ????? ????? ? 55  c ????????? ?????????  c ????? ?????  c ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ???? ???? ???? ??? ??? ??? (note 2) ???? ???? ???? max ??? ??? ??? ??? ??? ??? ?????????? ?????????? ?????????? ?????????? ?????????? output voltage ?0? level v in = v dd or 0 ?1? level v in = 0 or v dd ???? ???? ???? ??? ??? ??? ??? ??? ??? ? ? ? ??? ??? ??? 0.05 0.05 0.05 ???? ???? ???? ? ? ? ??? ??? ??? 0 0 0 ???? ???? ???? ??? ??? ??? ? ? ? ??? ??? ??? 0.05 0.05 0.05 ??? ??? ??? ???? ???? ???? ??? ??? ??? ??? ??? ??? ??? ??? ??? ???? ???? ???? ??? ??? ??? ???? ???? ???? ? ? ? ??? ??? ??? 4.95 9.95 14.95 ??? ??? ??? ? ? ? ??? ??? ??? vdc ?????????? ?????????? ?????????? ?????????? ?????????? ?????????? ?????????? ???? ???? ???? ???? ??? ??? ??? ??? ??? ??? ??? ??? ? ? ? ??? ??? ??? ??? 1.5 3.0 4.0 ???? ???? ???? ???? ? ? ? ??? ??? ??? ??? 2.25 4.50 6.75 ???? ???? ???? ???? ??? ??? ??? ??? ? ? ? ??? ??? ??? ??? 1.5 3.0 4.0 ??? ??? ??? ??? ???? ???? ???? ???? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ? ? ? ???? ???? ???? ???? 3.5 7.0 11 ??? ??? ??? ??? ???? ???? ???? ???? ? ? ? ??? ??? ??? ??? 3.5 7.0 11 ??? ??? ??? ??? ? ? ? ??? ??? ??? ??? vdc ?????????? ?????????? ?????????? ?????????? ?????????? ?????????? ?????????? ???? ???? ???? ???? ???? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ? ? ? ? ???? ???? ???? ???? ???? ? 2.4 ? 0.51 ? 1.3 ? 3.4 ??? ??? ??? ??? ??? ???? ???? ???? ???? ???? ? ? ? ? ??? ??? ??? ??? ??? ? 1.7 ? 0.36 ? 0.9 ? 2.4 ??? ??? ??? ??? ??? ? ? ? ? ??? ??? ??? ??? ??? madc ???? ???? ???? ??? ??? ??? ??? ??? ??? ??? ??? ??? ? ? ? ???? ???? ???? 0.51 1.3 3.4 ??? ??? ??? ???? ???? ???? ? ? ? ??? ??? ??? 0.36 0.9 2.4 ??? ??? ??? ? ? ? ??? ??? ??? madc ?????????? ?????????? ???? ???? ??? ??? ??? ??? ? ??? ??? 0.1 ???? ???? ? ??? ??? 0.00001 ???? ???? 0.1 ??? ??? ? ??? ??? 1.0 ??? ???  adc ?????????? ?????????? ?????????? ???? ???? ???? ??? ??? ??? ? ??? ??? ??? ??? ??? ??? ???? ???? ???? ??? ??? ??? 5.0 ???? ???? ???? ??? ??? ??? ? ??? ??? ??? ??? ??? ??? pf ?????????? ?????????? ?????????? ???? ???? ???? ??? ??? ??? ??? ??? ??? ? ? ? ??? ??? ??? 5.0 10 20 ???? ???? ???? ? ? ? ??? ??? ??? 0.005 0.010 0.015 ???? ???? ???? ??? ??? ??? ? ? ? ??? ??? ??? 150 300 600 ??? ??? ???  adc ?????????? ?????????? ?????????? ?????????? ?????????? ???? ???? ???? ???? ???? ??? ??? ??? ??? ??? ????????????????? ????????????????? ????????????????? ????????????????? ?????????????????  a/khz) f + i dd i t = (0.85  a/khz) f + i dd i t = (1.43  a/khz) f + i dd ??? ??? ??? ??? ???  adc 2. data labelled ?typ? is not to be used for design purposes but is intended as an indication of the ic?s potential performance. 3. the formulas given are for the typical characteristics only at 25  c. 4. to calculate total supply current at loads other than 50 pf: i t (c l ) = i t (50 pf) + (c l ? 50) vfk where: i t is in  a (per package), c l in pf, v = (v dd ? v ss ) in volts, f in khz is input frequency, and k = 0.001.
mc14040b http://onsemi.com 4 ????????????????????????????????? ????????????????????????????????? (note 5) (c l = 50 pf, t a = 25  c) ??????????????? ??????????????? ??????????????? characteristic ????? ????? ????? ???? ???? ???? ???? ???? ???? ???? ???? ???? (note 6) ???? ???? ???? max ??? ??? ??? ??????????????? ??????????????? ??????????????? output rise and fall time t tlh , t thl = (1.5 ns/pf) c l + 25 ns t tlh , t thl = (0.75 ns/pf) c l + 12.5 ns t tlh , t thl = (0.55 ns/pf) c l + 9.5 ns ????? ????? ????? ???? ???? ???? ???? ???? ???? ? ? ? ???? ???? ???? 100 50 40 ???? ???? ???? ??? ??? ??? ??????????????? ??????????????? ??????????????? ??????????????? ??????????????? ??????????????? ??????????????? ??????????????? ????? ????? ????? ????? ????? ????? ????? ????? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ? ? ? ???? ???? ???? ???? ???? 260 115 80 ???? ???? ???? ???? ???? ??? ??? ??? ??? ??? ???? ???? ???? ???? ???? ???? ???? ???? ? ? ? ???? ???? ???? ???? 1625 720 500 ???? ???? ???? ???? ??? ??? ??? ??? ??????????????? ??????????????? ??????????????? ??????????????? ????? ????? ????? ????? ???? ???? ???? ???? ???? ???? ???? ???? ? ? ? ???? ???? ???? ???? 370 155 115 ???? ???? ???? ???? ??? ??? ??? ??? ??????????????? ??????????????? ??????????????? ????? ????? ????? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ? ? ? ??? ??? ??? ns ??????????????? ??????????????? ??????????????? ??????????????? ????? ????? ????? ????? ???? ???? ???? ???? ???? ???? ???? ???? ? ? ? ???? ???? ???? ???? 2.1 7.0 10.0 ???? ???? ???? ???? ??? ??? ??? ??? ??????????????? ??????????????? ??????????????? ????? ????? ????? ???? ???? ???? ?????????? ?????????? ?????????? ??? ??? ??? ??????????????? ??????????????? ??????????????? ????? ????? ????? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ? ? ? ??? ??? ??? ns ??????????????? ??????????????? ??????????????? ????? ????? ????? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ? ? ? ??? ??? ??? ns 5. the formulas given are for the typical characteristics only at 25  c. 6. data labelled ?typ? is not to be used for design purposes but is intended as an indication of the ic?s potential performance. figure 1. power dissipation test circuit and waveform figure 2. switching time test circuit and waveforms pulse generator pulse generator 500  f 0.01  f ceramic v dd v ss c l c l c l i d q1 q2 q n c r 20 ns 20 ns v dd v ss 90% 50% 10% clock 50% duty cycle v dd v ss c l c l c l q1 q2 q n c r 20 ns 20 ns clock 90% 50% 10% t wh t phl t plh q 90% 50% 10% t tlh t thl
mc14040b http://onsemi.com 5 figure 3. timing diagram clock reset q1 q2 q3 q4 q5 q6 q7 q8 q9 q10 q11 q12 1 2 4 8 16 32 64 128 256 512 1024 2048 4096 applications information time ? base generator a 60 hz sinewave obtained through a 1.0 megohm resistor connected directly to a standard 120 vac power line is applied to the clock input of the mc14040b. by selecting outputs q5, q10, q11, and q12 division by 3600 is accomplished. the mc14012b decodes the counter outputs, produces a single output pulse, and resets the binary counter. the resulting output frequency is 1.0 pulse/minute. mc14040b figure 4. time ? base generator clock q5 q10 q11 q12 v cc 13 12 10 9 1 2 4 5 8 1/2 14012b 6 1/6 of hc14a 20pf 1.0m 1.0 pulse/minute output v cc 120vac 60hz note: ground must be isolated by a transformer or opto ? isolator for safety reasons. 1/2 14012b
mc14040b http://onsemi.com 6 package dimensions pdip ? 16 p suffix plastic dip package case 648 ? 08 issue t notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. dimension l to center of leads when formed parallel. 4. dimension b does not include mold flash. 5. rounded corners optional. ? a ? b f c s h g d j l m 16 pl seating 18 9 16 k plane ? t ? m a m 0.25 (0.010) t dim min max min max millimeters inches a 0.740 0.770 18.80 19.55 b 0.250 0.270 6.35 6.85 c 0.145 0.175 3.69 4.44 d 0.015 0.021 0.39 0.53 f 0.040 0.70 1.02 1.77 g 0.100 bsc 2.54 bsc h 0.050 bsc 1.27 bsc j 0.008 0.015 0.21 0.38 k 0.110 0.130 2.80 3.30 l 0.295 0.305 7.50 7.74 m 0 10 0 10 s 0.020 0.040 0.51 1.01    
mc14040b http://onsemi.com 7 package dimensions soic ? 16 d suffix plastic soic package case 751b ? 05 issue k notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimensions a and b do not include mold protrusion. 4. maximum mold protrusion 0.15 (0.006) per side. 5. dimension d does not include dambar protrusion. allowable dambar protrusion shall be 0.127 (0.005) total in excess of the d dimension at maximum material condition. 18 16 9 seating plane f j m r x 45  g 8 pl p ? b ? ? a ? m 0.25 (0.010) b s ? t ? d k c 16 pl s b m 0.25 (0.010) a s t dim min max min max inches millimeters a 9.80 10.00 0.386 0.393 b 3.80 4.00 0.150 0.157 c 1.35 1.75 0.054 0.068 d 0.35 0.49 0.014 0.019 f 0.40 1.25 0.016 0.049 g 1.27 bsc 0.050 bsc j 0.19 0.25 0.008 0.009 k 0.10 0.25 0.004 0.009 m 0 7 0 7 p 5.80 6.20 0.229 0.244 r 0.25 0.50 0.010 0.019  6.40 16x 0.58 16x 1.12 1.27 dimensions: millimeters 1 pitch 16 89 8x *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint*
mc14040b http://onsemi.com 8 package dimensions tssop ? 16 dt suffix plastic tssop package case 948f ? 01 issue b 7.06 16x 0.36 16x 1.26 0.65 dimensions: millimeters 1 pitch ??? ??? dim min max min max inches millimeters a 4.90 5.10 0.193 0.200 b 4.30 4.50 0.169 0.177 c ??? 1.20 ??? 0.047 d 0.05 0.15 0.002 0.006 f 0.50 0.75 0.020 0.030 g 0.65 bsc 0.026 bsc h 0.18 0.28 0.007 0.011 j 0.09 0.20 0.004 0.008 j1 0.09 0.16 0.004 0.006 k 0.19 0.30 0.007 0.012 k1 0.19 0.25 0.007 0.010 l 6.40 bsc 0.252 bsc m 0 8 0 8 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimension a does not include mold flash. protrusions or gate burrs. mold flash or gate burrs shall not exceed 0.15 (0.006) per side. 4. dimension b does not include interlead flash or protrusion. interlead flash or protrusion shall not exceed 0.25 (0.010) per side. 5. dimension k does not include dambar protrusion. allowable dambar protrusion shall be 0.08 (0.003) total in excess of the k dimension at maximum material condition. 6. terminal numbers are shown for reference only. 7. dimension a and b are to be determined at datum plane ? w ? .  section n ? n seating plane ident. pin 1 1 8 16 9 detail e j j1 b c d a k k1 h g ? u ? s u 0.15 (0.006) t s u 0.15 (0.006) t s u m 0.10 (0.004) v s t 0.10 (0.004) ? t ? ? v ? ? w ? 0.25 (0.010) 16x ref k n n *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint*
mc14040b http://onsemi.com 9 package dimensions soeiaj ? 16 f suffix plastic eiaj soic package case 966 ? 01 issue a h e a 1 dim min max min max inches --- 2.05 --- 0.081 millimeters 0.05 0.20 0.002 0.008 0.35 0.50 0.014 0.020 0.10 0.20 0.007 0.011 9.90 10.50 0.390 0.413 5.10 5.45 0.201 0.215 1.27 bsc 0.050 bsc 7.40 8.20 0.291 0.323 0.50 0.85 0.020 0.033 1.10 1.50 0.043 0.059 0 0.70 0.90 0.028 0.035 --- 0.78 --- 0.031 a 1 h e q 1 l e  10  0  10  l e q 1  notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimensions d and e do not include mold flash or protrusions and are measured at the parting line. mold flash or protrusions shall not exceed 0.15 (0.006) per side. 4. terminal numbers are shown for reference only. 5. the lead width dimension (b) does not include dambar protrusion. allowable dambar protrusion shall be 0.08 (0.003) total in excess of the lead width dimension at maximum material condition. dambar cannot be located on the lower radius or the foot. minimum space between protrusions and adjacent lead to be 0.46 ( 0.018). m l detail p view p c a b e m 0.13 (0.005) 0.10 (0.004) 1 16 9 8 d z e a b c d e e l m z on semiconductor and are registered trademarks of semiconductor co mponents industries, llc (scillc). scillc owns the rights to a numb er of patents, trademarks, copyrights, trade secrets, and other intellectual property. a list ing of scillc?s product/patent coverage may be accessed at ww w.onsemi.com/site/pdf/patent ? marking.pdf. scillc reserves the right to make changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and s pecifically disclaims any and all liability, including without limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/ or specifications can and do vary in different applications and actual performance may vary over time. all operating parame ters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the right s of others. scillc products are not designed, intended, or a uthorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in whic h the failure of the scillc product could create a situation where personal injury or death may occur. should buyer purchase or us e scillc products for any such unintended or unauthorized appli cation, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unin tended or unauthorized use, even if such claim alleges that scil lc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyrig ht laws and is not for resale in any manner. publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81 ? 3 ? 5817 ? 1050 mc14040b/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 toll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative


▲Up To Search▲   

 
Price & Availability of NLV14040BDG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X