Part Number Hot Search : 
RF5836 TBA1402B SSL20 L20PF M4001 LVTH3 70M6T RF540
Product Description
Full Text Search
 

To Download MT100DT08L1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mt100dt18l1 document number: s-m0057 www. apt-semi .com rev.1.0, may.31, 2013 1 module type diode maximum ratings symbol item conditions values units i d output current(d.c.) tc=100 three phase full wave 100 a i fsm surge forward current t=10ms tvj =45 1200 a i 2 t circuit fusing consideration 7200 a 2 s visol isolation breakdown voltage(r.m.s) a.c.50hz;r.m.s.;1min 3000 v tvj operating junction temperature -40 to +150 tstg storage temperature -40 to +125 mt mounting torque to terminals(m5) 315% nm ms to heatsink(m5) 315% nm weight module approximately 210 g thermal characteristics symbol item conditions values units r th(j-c) thermal impedance, max. junction to case(total) 0.18 /w rth(c-s) thermal impedance, ma x. case to heatsink 0.10 /w electrical characteristics three phase bridge + thyristor v rrm / v drm 800 to 1800v i f a v / i t a v 100am p features y blocking voltage:800 to 1800v y three phase bridge and a thyristor y isolated module package applications y inverter for ac or dc motor control y current stabilized power supply y switching power supply y ul recognized applied for file no. e360040 type v rrm / v drm v rsm MT100DT08L1 mt100dt12l1 mt100dt16l1 mt100dt18l1 800v 1200v 1600v 1800v 900v 1300v 1700v 1900v circuit symbol item conditions values units v fm forward voltage drop, max. t=25 i f =100a 1.35 v i rrm repetitive peak reverse current, max. t vj =25 v rd =v rrm t vj =150 v rd =v rrm 0.5 6 ma ma
mt100dt18l1 document number: s-m0057 www. apt-semi .com rev.1.0, may.31, 2013 2 thyristor maximum ratings electrical and thermal characteristics symbol item conditions values units i tav average on-state current tc=92 , single phase half wave 180 o conduction 100 a i tsm surge on-state current t vj =45 t=10ms (50hz), sine v r =0 1200 a i 2 t circuit fusing consideration 7200 a 2 s visol isolation breakdown voltage(r.m.s) a.c.50h z ;r.m.s.;1 min 3000 v tvj operating junction temperature -40 to +125 tstg storage temperature -40 to +125 mt mounting torque to terminals(m5) 315% nm ms to heatsink(m5) 315% nm di/dt critical rate of rise of on-state current t vj =t vjm , v d =1/2v drm ,i g =100ma d ig /d t =0.1a/ s 150 a/ s dv/dt critical rate of rise of off-state voltage, min. t j =t vjm ,v d =2/3v drm ,linear voltage rise 500 v/ s symbol item conditions values units min. typ. max. v tm peak on-state voltage, max. t=25 i t =100a 1.25 v i rrm /i drm repetitive peak reverse current, max. / repetitive peak off-state current, max. t vj =t vjm ,v r =v rrm ,v d =v drm 20 ma v gt gate trigger voltage, max. t vj =25 , v d =6v 3 v i gt gate trigger current, max. t vj =25 , v d =6v 150 ma rth(j-c) thermal impedance, max. junction to case 0.26 /w rth(c-s) thermal impedance, max. case to heatsink 0.10 /w
mt100dt18l1 document number: s-m0057 www. apt-semi .com rev.1.0, may.31, 2013 3 performance curves fi g 1. power dissi p ation fig2. forward current derating curve fig3. transient thermal impedance fig4. max non-repetitive forward surge current fig5. forward characteristics 0.001 t 0.01 0.1 1.0 10 s 100 0.20 / w 0.10 0 z th(j- c ) 1 10 cycles 100 50hz 2000 a 1000 0 0.5 v f 1.0 1.5 2.0 v 2.5 1000 a 100 i f 10 max . tj=25 0 tc 50 100 150 200 a 160 120 80 40 0 i d fi g 6. scr power dissi p ation single phase half wave tj=25 start per one element three phase 0 i d 20 40 60 80 a 100 300 w 240 180 120 60 p vtot 0 three phase 150 w 120 90 60 30 p tav 0 0 i d 20 40 60 80 a 100
mt100dt18l1 document number: s-m0057 www. apt-semi .com rev.1.0, may.31, 2013 4 fig7. scr forward current derating curve fig8. scr transient thermal impedance fig9. scr forward characteristics 0.5 v tm 1.0 1.5 2.0 v 2.5 max . 0 tc 50 100 150 200 a 160 120 80 40 0 i tavm 0.001 t 0.01 0.1 1.0 10 s 100 0.50 / w 0.25 0 1000 a 100 i t 10 tj=25 z th(j- c ) a v e r a g e g a t e p o w e r ( 3 w ) p e a k g a t e p o w e r ( 1 0 w ) fig10. gate trigger characteristics max. 10 1 i g 10 2 10 3 ma 10 4 peak forward gate voltage (10v) 100 v 10 1 v g 0.1 maximum gate non- trigger voltage 25 -10 135 peak gate current (3a)
mt100dt18l1 document number: s-m0057 www. apt-semi .com rev.1.0, may.31, 2013 5 package outline information case: l1 dimensions in mm


▲Up To Search▲   

 
Price & Availability of MT100DT08L1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X