Part Number Hot Search : 
34PN010 MKP378 MA27P02 216T1 AK5388A A5800 CXA1314 BD14010
Product Description
Full Text Search
 

To Download MICROSEMIPOWERPRODUCTSGROUP-APT5020BVFRG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  characteristic / test conditions drain-source breakdown voltage (v gs = 0v, i d = 250 m a) on state drain current 2 (v ds > i d(on) x r ds(on) max, v gs = 10v) drain-source on-state resistance 2 (v gs = 10v, 0.5 i d[cont.] ) zero gate voltage drain current (v ds = v dss , v gs = 0v) zero gate voltage drain current (v ds = 0.8 v dss , v gs = 0v, t c = 125 c) gate-source leakage current (v gs = 30v, v ds = 0v) gate threshold voltage (v ds = v gs , i d = 1.0ma) 050-5527 rev c maximum ratings all ratings: t c = 25 c unless otherwise specified. symbol v dss i d i dm v gs v gsm p d t j ,t stg t l i ar e ar e as parameter drain-source voltage continuous drain current @ t c = 25 c pulsed drain current 1 gate-source voltage continuous gate-source voltage transient total power dissipation @ t c = 25 c linear derating factor operating and storage junction temperature range lead temperature: 0.063" from case for 10 sec. avalanche current 1 (repetitive and non-repetitive) repetitive avalanche energy 1 single pulse avalanche energy 4 unit volts amps volts watts w/ c c amps mj static electrical characteristics symbol bv dss i d(on) r ds(on) i dss i gss v gs(th) unit volts amps ohms m a na volts min typ max 500 26 0.20 250 1000 100 24 apt5020bvfr 500 26 104 30 40 300 2.4 -55 to 150 300 26 30 1300 apt5020bvfr 500v 26a 0.200 w to-247 fredfet g d s fredfet power mos v ? is a new generation of high voltage n-channel enhancement mode power mosfets. this new technology minimizes the jfet effect, increases packing density and reduces the on-resistance. power mos v ? also achieves faster switching speeds through optimized gate layout. ? fast recovery body diode ? 100% avalanche tested ? lower leakage ? popular to-247 package ? faster switching power mos v ? caution: these devices are sensitive to electrostatic discharge. proper handling procedures should be followed. usa 405 s.w. columbia street bend, oregon 97702-1035 phone: (541) 382-8028 fax: (541) 388-0364 europe avenue j.f. kennedy bat b4 parc cadra nord f-33700 merignac - france phone: (33) 5 57 92 15 15 fax: (33) 5 56 47 97 61 apt website - http://www.advancedpower.com
dynamic characteristics 050-5527 rev c z q jc , thermal impedance ( c/w) 10 -5 10 -4 10 -3 10 -2 10 -1 1.0 10 rectangular pulse duration (seconds) figure 1, maximum effective transient thermal impedance, junction-to-case vs pulse duration 0.5 0.1 0.05 0.01 0.005 0.001 note: duty factor d = t 1 / t 2 peak t j = p dm x z q jc + t c t 1 t 2 p dm 0.1 single pulse 0.02 0.05 0.2 d=0.5 0.01 source-drain diode ratings and characteristics characteristic / test conditions continuous source current (body diode) pulsed source current 1 (body diode) diode forward voltage 2 (v gs = 0v, i s = -i d [cont.]) peak diode recovery dv / dt 5 reverse recovery time (i s = -i d [cont.], di / dt = 100a/ m s) reverse recovery charge (i s = -i d [cont.], di / dt = 100a/ m s) peak recovery current (i s = -i d [cont.], di / dt = 100a/ m s) symbol i s i sm v sd dv / dt t rr q rr i rrm unit amps volts v/ns ns m c amps symbol c iss c oss c rss q g q gs q gd t d (on) t r t d (off) t f characteristic input capacitance output capacitance reverse transfer capacitance total gate charge 3 gate-source charge gate-drain ("miller") charge turn-on delay time rise time turn-off delay time fall time test conditions v gs = 0v v ds = 25v f = 1 mhz v gs = 10v v dd = 0.5 v dss i d = i d [cont.] @ 25 c v gs = 15v v dd = 0.5 v dss i d = i d [cont.] @ 25 c r g = 1.8 w min typ max 3700 4440 510 715 200 300 150 225 25 37 70 105 12 25 10 20 50 75 815 unit pf nc ns min typ max 26 104 1.3 5 t j = 25 c 250 t j = 125 c 500 t j = 25 c 1.3 t j = 125 c 4.5 t j = 25 c 12 t j = 125 c 18 1 repetitive rating: pulse width limited by maximum junction 3 see mil-std-750 method 3471 temperature. 4 starting t j = +25 c, l = 3.85mh, r g = 25 w , peak i l = 26a 2 pulse test: pulse width < 380 m s, duty cycle < 2% 5 i s -i d [cont.], di / dt = 100a/ m s, v dd v dss , t j 150 c, r g = 2.0 w , v r = 200v. apt reserves the right to change, without notice, the specifications and information contained herein. thermal characteristics symbol r q jc r q ja min typ max 0.42 40 unit c/w characteristic junction to case junction to ambient apt5020bvfr
v ds , drain-to-source voltage (volts) v ds , drain-to-source voltage (volts) figure 2, typical output characteristics figure 3, typical output characteristics v gs , gate-to-source voltage (volts) i d , drain current (amperes) figure 4, typical transfer characteristics figure 5, r ds (on) vs drain current t c , case temperature ( c) t j , junction temperature ( c) figure 6, maximum drain current vs case temperature figure 7, breakdown voltage vs temperature t j , junction temperature ( c) t c , case temperature ( c) figure 8, on-resistance vs. temperature figure 9, threshold voltage vs temperature r ds (on), drain-to-source on resistance i d , drain current (amperes) i d , drain current (amperes) i d , drain current (amperes) (normalized) v gs (th), threshold voltage bv dss , drain-to-source breakdown r ds (on), drain-to-source on resistance i d , drain current (amperes) (normalized) voltage (normalized) 0 50 100 150 200 250 0 2 4 6 8 10 02468 020406080 25 50 75 100 125 150 -50 -25 0 25 50 75 100 125 150 -50 -25 0 25 50 75 100 125 150 -50 -25 0 25 50 75 100 125 150 apt5020bvfr i d = 0.5 i d [cont.] v gs = 10v 50 40 30 20 10 0 1.8 1.6 1.4 1.2 1.0 0.8 1.15 1.10 1.05 1.00 0.95 0.90 1.2 1.1 1.0 0.9 0.8 0.7 0.6 50 40 30 20 10 0 50 40 30 20 10 0 30 25 20 15 10 5 0 2.5 2.0 1.5 1.0 0.5 0.0 050-5527 rev c v ds > i d (on) x r ds (on)max. 250 m sec. pulse test @ <0.5 % duty cycle v gs =10v v gs =20v t j = -55 c t j = +125 c t j = +25 c t j = -55 c t j = +125 c 5.5v 5v 4.5v 4v v gs =6v, 7v, 10v & 15v 6v 5.5v 5v 4.5v 4v v gs =15v v gs =7v & 10v normalized to v gs = 10v @ 0.5 i d [cont.]
v ds , drain-to-source voltage (volts) v ds , drain-to-source voltage (volts) figure 10, maximum safe operating area figure 11, typical capacitance vs drain-to-source voltage q g , total gate charge (nc) v sd , source-to-drain voltage (volts) figure 12, gate charges vs gate-to-source voltage figure 13, typical source-drain diode forward voltage v gs , gate-to-source voltage (volts) i d , drain current (amperes) i dr , reverse drain current (amperes) c, capacitance (pf) 15.49 (.610) 16.26 (.640) 5.38 (.212) 6.20 (.244) 6.15 (.242) bsc 4.50 (.177) max. 19.81 (.780) 20.32 (.800) 20.80 (.819) 21.46 (.845) 1.65 (.065) 2.13 (.084) 1.01 (.040) 1.40 (.055) 3.50 (.138) 3.81 (.150) 2.87 (.113) 3.12 (.123) 4.69 (.185) 5.31 (.209) 1.49 (.059) 2.49 (.098) 2.21 (.087) 2.59 (.102) 0.40 (.016) 0.79 (.031) drain drain source gate 5.45 (.215) bsc dimensions in millimeters and (inches) 2-plcs. 1 5 10 50 100 500 .01 .1 1 10 50 0 50 100 150 200 250 300 0 0.4 0.8 1.2 1.6 2.0 apt5020bvfr t c =+25 c t j =+150 c single pulse 200 100 50 10 5 1 .5 .1 20 16 12 8 4 0 20,000 10,000 5,000 1,000 500 100 200 100 50 10 5 1 050-5527 rev c operation here limited by r ds (on) 10 m s t j =+150 c t j =+25 c c rss c oss c iss v ds =250v v ds =100v v ds =400v 1ms 10ms 100ms dc 100 m s apt's devices are covered by one or more of the following u.s.patents: 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 i d = i d [cont.] to-247 package outline


▲Up To Search▲   

 
Price & Availability of MICROSEMIPOWERPRODUCTSGROUP-APT5020BVFRG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X