Part Number Hot Search : 
G12864 PM100RL L1110 SMK0760F CIT2211 SMCJ1 00380 B4048
Product Description
Full Text Search
 

To Download MBRS1035CT13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  creat by art ? low power loss, high efficiency ? high current capability, low forward voltage drop ? guard-ring for overvoltage protection mechanical data mbrs10xxct d2pak 800 / 13" reel rn maximum ratings and el ectrical characteristics rating at 25 ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% symbol mbrs 1035 ct mbrs 1045 ct mbrs 1050 ct mbrs 1060 ct mbrs 1090 ct mbrs 10100 ct mbrs 10150 ct unit v rrm 35 45 50 60 90 100 150 v v rms 24 31 35 42 63 70 105 v v dc 35 45 50 60 90 100 150 v i f(av) a i rrm a 0.88 0.78 0.98 0.88 r jc o c/w t j o c t stg o c mbrs1035ct - mbrs10150ct 10.0amps surface mount sc hottky barrier rectifiers d 2 pak features ? ul recognized file # e-326854 ? case: jedec d 2 pak molded plastic body ? terminals: pure tin plated, lead free, solderable per mil-std-750, method 2026 ? polarity: as marked ? mounting position:any ? plastic material used carriers underwriters laboratory classification 94v-0 ? metal silicon junction, majority carrier conduction ? high surge capability ? for use in low voltage, high frequency inverters, free wheeling, and polarity protection applications ? high temperature soldering guaranteed: 260 /10 seconds/.25", (6.35mm) from case ? green compound with suffix "g" on packing code & prefix "g" on datecode a ? mounting torque: 5 in. - lbs, max ? weight: 1.35 grams type number maximum repetitive peak reverse voltage maximum rms voltage maximum dc blocking voltage 0.85 maximum average forward rectified current 10 peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method) i fsm 120 0.95 peak repetitive reverse surge current (note 1) 1 maximum instantaneous forward voltage (note 2) if=5a, t a =25 if=5a, t a =125 if=10a, t a =25 if=10a, t a =125 v f 0.67 0.75 5 v 0.70 0.80 0.85 0.57 0.65 0.75 0.80 0.90 storage temperature range - 65 to + 175 maximum reverse current @ rated vr t a =25 t a =100 t a =125 i r 0.1 ma 15 10 - - rng note: "x" is device code from "35" thru "150". note 1: 2.0us pulse width, f=1.0khz note 2: pulse test : 300us pulse width, 1% duty cycle version:g12 typical thermal resistance 2 operating temperature range - 65 to + 150 ordering information part no. package packing packing code green compound packing code
ratings and characteristic curves (mbrs1035ct thru mbrs10150ct) version:g12 0 2 4 6 8 10 12 50 60 70 80 90 100 110 120 130 140 150 average forward a current (a) case temperature ( o c) fig.1 forward current derating curve resistive or inductiveload 0 30 60 90 120 150 180 1 10 100 peak forward surge current (a) number of cycles at 60 hz fig. 2 maximum non-repetitive forward surge current per leg 8.3ms single half sine wave jedec method 0.001 0.01 0.1 1 10 100 0 20 40 60 80 100 120 140 instantaneous reverse a current (ma) percent of rated peak reverse voltage (%) fig. 4 typical reverse characteristics per leg ta=75 ta=25 0 100 200 300 400 500 600 700 800 900 1000 0.1 1 10 100 junction capacitance (pf) a reverse voltage (v) fig. 5 typical junction capacitance ta=25 f=1.0mhz vsig=50mvp-p 0.1 1 10 100 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 1.2 1.3 instantaneous forward a current (a) forward voltage (v) fig. 3 typical forward characterisrics per leg mbrs1050ct- mbrs1035ct-1045ct mbrs10150ct mbrs1090ct-10100ct 0.1 1 10 100 0.01 0.1 1 10 100 transient thermal impedance a ( /w) t-pulse duration(s) fig. 6 typical transient thermal impedance per leg
tape & reel specification abcdngt max 0.5 0.5 min 0.5 +2.0;-0 max 13" 24mm 330 2 13 20.2 75 24.4 30.4 unit (mm) symbol a b c d e f g 9.5 2.5 1.1 3.5 16.9 reel size tape size suggested pad layout unit(mm) 10.8 7
dimensions min max min max a - 10.5 - 0.413 b 14.60 15.88 0.575 0.625 c 2.41 2.67 0.095 0.105 d 0.68 0.94 0.027 0.037 e 2.29 2.79 0.090 0.110 f 4.44 4.70 0.175 0.185 g 1.14 1.40 0.045 0.055 h 1.14 1.40 0.045 0.055 i 8.25 9.25 0.325 0.364 j 0.36 0.53 0.014 0.021 k 2.03 2.79 0.080 0.110 p/n = specific device code g = green compound yww = date code unit(inch) marking diagram dim. unit(mm)


▲Up To Search▲   

 
Price & Availability of MBRS1035CT13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X