Part Number Hot Search : 
MAX15022 15A02 F538L CMPS5062 M4004 T4700N 256P30 30SC4MT
Product Description
Full Text Search
 

To Download MBR1670CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  MBR1670CT thru mbr16100ct symbol characteristics i (av) maximum average forward rectified current @t c =100 c i fsm maximum ratings 16 125 a a unit o maximum forward voltage (note 1) i f =8a @t j =25 c i f =8a @t j =125 c i f =16a @t j =25 c i f =16a @t j =125 c v f i r maximum dc reverse current at rated dc blocking voltage @t j =25 c @t j =125 c c j typical junction capacitance per element (note 3) t j operating temperature range 0.85 0.75 0.95 0.85 0.1 100 2.0 275 -55 to +150 -55 to +175 v ma pf o o o o o typical thermal resistance (note 2) r ojc c/w o c o notes: 1. 300us pulse width, duty cycle 2%. 2. thermal resistance junction to case. 3. measured at 1.0mhz and applied reverse voltage of 4.0v dc. o MBR1670CT mbr1680ct mbr1690ct mbr16100ct v rrm v 70 80 90 100 v rms v 49 56 63 70 v dc v 70 80 90 100 peak forward surge current 8.3ms single half-sine-wave superimposed on rated load (jedec method) dv/dt voltage rate of change (rated v r ) 10000 v/us c o t stg storage temperature range features * metal of silicon rectifier, majority carrier conducton * guard ring for transient protection * low power loss, high efficiency * high current capability, low v f * high surge capacity * for use in low voltage, high frequency inverters, free whelling, and polarity protection applications mechanical data * case: to-220ab molded plastic * polarity: as marked on the body * weight: 0.08 ounces, 2.24 grams * mounting position: any a=anode, c=cathode, tab=cathode a a c c(tab) a c a dim. a b c d e f g h j k m n q r milimeter min. max. 12.70 13.97 14.73 16.00 9.91 10.66 3.54 4.08 5.85 6.85 2.54 3.18 1.15 1.65 2.79 5.84 0.64 1.01 2.54 bsc 4.32 4.82 1.14 1.39 0.35 0.56 2.29 2.79 inches min. max. 0.500 0.550 0.580 0.630 0.390 0.420 0.139 0.161 0.230 0.270 0.100 0.125 0.045 0.065 0.110 0.230 0.025 0.040 0.100 bsc 0.170 0.190 0.045 0.055 0.014 0.022 0.090 0.110 dimensions to-220ab www.kersemi.com
MBR1670CT thru mbr16100ct percent o f ra t e d peak reverse vo l t ag e (%) f ig.3 - t y p i ca l re v e rs e c h a r a c t e ris t i c s i n st ant a n e o u s reverse current , ( ma) 20 40 12 0 14 0 0 0. 0 0 1 0. 1 1. 0 10 0 10 60 80 1 0 0 t j = 1 2 5 c 0. 01 t j = 25 c t j = 75 c i n st an t a n e o u s f o r w a r d v o l t ag e , vo l t s f ig.4 - t y p i c a l f o r w a rd cha r a c t e r i s t i cs i n s t a n t a n e o u s f o r w a r d cu rr en t , ( a) 0. 2 0 . 3 0. 7 0. 8 1. 0 10 100 0. 4 0 . 5 0 . 6 0. 1 1. 0 0. 9 0. 1 1. 0 10 100 0. 1 pu l s e w i d t h 3 0 0 u s 2 % d u ty c y c l e t j = 2 5 c fi g . 2 - ma x i mu m n o n - r epet i t i v e s u r g e c u r r e n t n u m b e r o f cy cl e s a t 6 0 h z peak f o rw ard surg e current , a m p e r e s 1 51 0 5 0 100 2 20 0 25 50 75 100 125 150 f i g . 1 - f o r w ar d cu rr e n t de r a t i ng c u r v e av er ag e f o rw ar d c u r r e n t am p e res 20 60 80 1 0 0 120 0 40 20 140 8 . 3 m s s i n g le h a lf - s in e - w a ve ( j e d e c m e t h o d ) 0 4 r e s i s t i v e or i nduct i v e l o a d ca se t e m p er a t u r e , c 8 12 16 16 0 fi g . 5 - typ i c a l j u n c ti o n c a p a c i tan c e capaci t ance , (p f ) re ve rs e v o l t a g e , v o l t s 10 1 100 10 0 0 100 10 0. 1 4 t j = 2 5 c, f = 1 m hz www.kersemi.com


▲Up To Search▲   

 
Price & Availability of MBR1670CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X