Part Number Hot Search : 
AD8324 MC100LV AM29F 7815AB 1N4732A 18VUV AF4000 314008
Product Description
Full Text Search
 

To Download KSMC632A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features ? crisp clicking by tactile feedback ? prevent flux rise by insert-molded terminal ? ground terminal is attached ? snap-in mount terminal dimensions (unit : mm) recommended mounting hole dimensions (unit : mm) circuit diagram specifications model designation ksmc6 3 2 a operating force a,b key length mounting type model no 1 hokuriku *details are subject to change without notice. 12/20/2007 item specification unit note operating temperature range -20 +70 storage temperature range -40 +85 type of operation tactile feedback contact configuration push-on momentary, 1 pole-1 throw power rating max 50ma 24vdc contact resistance max 100 m ? insulation voltage 100m ? min. at 100vdc dielectric withstand voltage 250vac for 1 minute contact bounce max 5 ms 0.980.49 n a type 1.570.49 n b type min 0.10 n a type min 0.49 n b type travel 0.25 +0.2/-0.1 mm operating force return force d 13.15 23.85 35.85 48.35 tactile switches 6mm 6mm side push general 4.50.1 2.50.1 70.1 2-1.30.05 dia. 2-10.05 dia. b a moving contact 6.0 a b 0.4 0.7 4.5 7.0 8.4 6.5 0.5max. 2.5 1.8 0.3 1.0 1.5 4.0 4 (3.5) dia. d ( 7.4 )
features ? crisp clicking by tactile feedback ? prevent flux rise by insert-molded terminal ? ground terminal is attached ? snap-in mount terminal dimensions (unit : mm) recommended mounting hole dimensions (unit : mm) circuit diagram specifications model designation ksm06 3 2 c operating force key length mounting type model no item specification unit note operating temperature range -20 +70 storage temperature range -40 +85 type of operation tactile feedback contact configuration push-on momentary, 1 pole-1 throw power rating max 50ma 24vdc contact resistance max 100 m ? insulation voltage 100m ? min. at 100vdc dielectric withstand voltage 250vac for 1 minute contact bounce max 5 ms operating force 2.550.69 n return force min 0.49 n travel 0.25 +0.2/-0.1 mm d 13.15 23.85 35.85 48.35 tactile switches 6mm 6mm side push operating force 2.55n 4.5 7 8.5 4 1.8 7 3.5 1 2.35 2.5 4 3.5 0.5 1 4.35 max 0.7 0.4 0.3 dia. d (3 .5 ) 4.50.1 2.50.1 70.1 2-1.30.05 dia. 2-10.05 dia. b a moving contact 2 hokuriku *details are subject to change without notice. 12/20/2007 a b


▲Up To Search▲   

 
Price & Availability of KSMC632A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X