Part Number Hot Search : 
FS782 KBP02M TPD7203F 1106A VP0350 2SD2118S SP8J4 SMCJ75
Product Description
Full Text Search
 

To Download JANTX1N6461US Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  t4 - lds -0 286-1 , rev . 1 ( 4/22/13 ) ?201 3 microsemi corporation page 1 of 6 1n 6461 us ? 1n6468 us available on commercial versions voidless hermetically sealed unidirectional transient voltage suppressors qualified per mil - prf - 19500/ 551 qualified levels : jan, jantx, and jantxv description this surface mount series of 500 watt voidless hermetically sealed u nidirectional transient voltage suppressor s (tvs) are military qualified to mil - prf - 19500/551 and are ideal for high - reliability applications where a failure cannot be tolerated. w orking p eak ? s tandoff? v oltage s are available from 5.0 to 51.6 v olts. they are very robust, using a hard glass casing and intern al category 1 metallurgical bonds. these devices are also available in axial - leaded packages for thru - hole mounting. ?b ? sq - melf package also available in : ? b ? package (axial ? leaded) 1n6461 - 1n6468 important: for the latest information, visit our website http://www.microsemi.com . features ? surface mount equivalent of jedec regis tered 1n6 461 thru 1n6468 series . ? available as 500 watt p eak p ulse p ower (p pp ). ? working p eak ? s tandoff? v oltage (v wm ) from 5.0 to 51.6 volt. ? high surge current and peak pulse power provides transient voltage protection for sensitive circuits . ? triple - layer passivation. ? internal ? category 1 ? metallurgical bonds . ? voidless hermetically sealed glass package. ? jan, jantx, and jantxv qualification s available per mil - prf - 19500/ 551. other screening in reference to mil - prf - 19500 is also available. (see part nomenclature for all available options.) ? rohs compliant versions available (commercial grade only) . applications / benefits ? military and other high - reliability applications. ? extremely robust construction. ? esd and eft protection per iec61000 - 4 - 2 and iec61000- 4 - 4 respectively . ? protection from secondary effects of lightning pe r select levels in iec61000 -4 -5. ? square - end - cap terminals for easy placement . ? nonsensitive to esd per mil - std -750 m ethod 1020 . ? inherently radiation hard as described in microsemi ? micronote 050 ?. maximum ratings @ 25 oc parameters/test conditions symbol value unit junction and storage temperature t j and t stg - 55 to +175 o c thermal resistance, junction to endcap r ? j ec 20 oc/w forward surge current @ 8.3 ms half - sine i fsm 80 a forward voltage @ 1 amp v f 1.5 v peak pulse power @ 10/1000 s p pp 500 w reverse power dissipation ( 1 ) p r 2.5 w solder temperature @ 10 s 260 o c notes: 1. derate at 50 mw/ o c (see figure 4 ). msc ? lawrence 6 lake street, lawrence, ma 01841 tel: 1 -800- 446- 1158 or (978) 620 - 2600 fax: (978) 689 - 0803 msc ? ireland gort road business park, ennis, co. clare, ireland tel: +353 (0) 65 6840044 fax: +353 (0) 65 6822298 website: www.microsemi.com
t4 - lds -0 286-1 , rev . 1 ( 4/22/13 ) ?201 3 microsemi corporation page 2 of 6 1n 6461 us ? 1n6468 us mechanical and packaging ? case: hermetically sealed voidless hard glass with t ungsten slugs. ? termina ls : axial - leads are t in/ l ead over c opper. rohs compliant matte -ti n is available for commercial grade only. ? marking: body paint and part number . ? polarity: cathode band. ? tape & reel option: standard per eia - 296. contact factory for quantities. ? weight: approximately 750 m illigrams . ? see p ackage d imensions on last page. part nomenclature jan 1n6461 us e3 reliability level jan = jan level jantx = jantx level jantxv = jantxv leve l cds (reference jans) blank = commercial jedec type number see electrical characteristics t able rohs compliance e3 = rohs c ompliant ( available on commercial grade only ) blank = non - rohs c ompliant melf package symbols & definitions symbol definition v ( br) temperature coefficient of breakdown voltage: the change in breakdown voltage divided by the change in temperature expressed in %/ c or mv/ c. v ( br) breakdown voltage: the voltage across the device at a specified current i (br) in the breakdown region. v wm rated wor king standoff voltage: the maximum - rated value of dc or repetitive peak positive cathode - to - anode voltage that may be continuously applied over the standard operating temperature. i d standby current: the current through the device at rated stand - off vol tage. i pp peak impulse current: the maximum rated random recurring peak impulse current or nonrepetitive peak impulse current that may be applied to a device. a random recurring or nonrepetitive transient current is usually due to an external cause, and it is assumed that its effect will have completely disappeared before the next transient arrives. v c clamping voltage: the voltage across the device in a region of low differential resistance during the application of an impulse current (i pp ) for a specified waveform. p pp peak pulse power. the rated random recurring peak impulse power or rated nonrepetitive peak impulse power. the impulse power is the maximum - rated value of the product of i pp and v c .
t4 - lds -0 286-1 , rev . 1 ( 4/22/13 ) ?201 3 microsemi corporation page 3 of 6 1n 6461 us ? 1n6468 us electrical characteristics type minimum break down voltage v (br) @ i (br) breakdown current i (br) rated working standoff voltage v wm maximum standby current i d @ v rwm maximum clamping voltage v c @ 10/1000 s maximum peak im pulse current i pp maximum temp. coef. of v (br) @ 8/20 s @ 10/1000 s volts ma v (pk) a v (pk) a (pk) a (pk) %/ o c 1n6461 us 5.6 25 5 3000 9.0 315 56 - 0 .03, +0.04 5 1n6462 us 6.5 20 6 2500 11.0 258 46 + 0.06 0 1n6463 us 13.6 5 12 500 22.6 125 22 + 0.085 1n6464 us 16.4 5 15 500 26.5 107 19 + 0.085 1n6465 us 27.0 2 24 50 41.4 69 12 +0 .096 1n6466 us 33.0 1 30.5 3 47.5 63 11 +0 .098 1n6467 us 43.7 1 40.3 2 63.5 45 8 +0 .101 1n6468 us 54.0 1 51.6 2 78.5 35 6 +0 .103
t4 - lds -0 286-1 , rev . 1 ( 4/22/13 ) ?201 3 microsemi corporation page 4 of 6 1n 6461 us ? 1n6468 us graphs pulse time (tp) figure 1 peak pulse power vs pulse time time (t) in milliseconds figure 2 1 0/1000 s current impulse waveform reverse peak pulse power (p pp ) in kw i pp ? peak pulse current - % i pp
t4 - lds -0 286-1 , rev . 1 ( 4/22/13 ) ?201 3 microsemi corporation page 5 of 6 1n 6461 us ? 1n6468 us graphs time (t) in milliseconds figure 3 8/20 s current impulse waveform t ? temperature - c figure 4 derating curve i pp ? peak pulse current - % i pp pe ak pulse power ( p pp ), current (i pp ), and dc power in percent of 25c ratin g
t4 - lds -0 286-1 , rev . 1 ( 4/22/13 ) ?201 3 microsemi corporation page 6 of 6 1n 6461 us ? 1n6468 us package dimensions no t es: 1 . d imension s ar e i n inches. 2 . m illimete r equi v alent s ar e gi v e n fo r informatio n onl y . 3 . referencing to dimension s, min imu m clearanc e o f glas s body t o mountin g surfac e o n all orientations. 4. dimensions are pre - solider dip. 5 . i n accordanc e w it h asm e y 14.5 m , diameter s ar e equi v alent t o x s y mbolog y . pad layout inch m illimeters m i n m a x m i n m a x bl 0.137 0.148 3.48 3.76 bd 0.200 0.225 5.08 5.72 ect 0.019 0.028 0.48 0.71 s 0.003 --- 0.08 --- inch millimeters a 0.288 7.32 b 0.070 1.78 c 0.155 3.94 note: if mounting requires adhesive separate from the solder, an additional 0.080 inch diameter contact may be placed in the center between the pads as an optional spot for cement.


▲Up To Search▲   

 
Price & Availability of JANTX1N6461US

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X