|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
www.kersemi.com 1 ? lead-free 2 www.kersemi.com www.kersemi.com 3 4 www.kersemi.com www.kersemi.com 5 6 www.kersemi.com www.kersemi.com 7 8 www.kersemi.com 12 in the assembly line "a" as s embled on ww 16, 1999 example: wi t h as s e mb l y this is an irfr120 lot code 1234 year 9 = 199 9 dat e code we e k 16 part number logo internat ional rectifier as s e mb l y lot code 916a irf u120 34 year 9 = 1999 dat e code or p = de s i gnat e s l e ad-f r e e product (opt ional) note: "p" in as sembly line position i ndi cates "l ead- f r ee" 12 34 we e k 16 a = as s e mb l y s i t e code part number irf u120 line a logo lot code as s e mb l y internat ional rectifier www.kersemi.com 9 assembly example: with assembly this is an irfu120 ye ar 9 = 199 9 dat e code line a week 19 in the assembly line "a" as s e mbl e d on ww 19, 1999 l ot code 5678 part number 56 irfu120 international logo rectifier lot code 919a 78 note: "p" in as s embly line position indicates "lead-free" 56 78 as s e mb l y lot code rectifier logo international irfu120 part number we e k 1 9 dat e code year 9 = 1999 a = as s e mb l y s i t e code p = designates lead-free product (optional) 10 www.kersemi.com tr 16.3 ( .641 ) 15.7 ( .619 ) 8.1 ( .318 ) 7.9 ( .312 ) 12.1 ( .476 ) 11.9 ( .469 ) feed direction feed direction 16.3 ( .641 ) 15.7 ( .619 ) trr trl n otes : 1 . controlling dimension : millimeter. 2 . all dimensions are shown in millimeters ( inches ). 3 . outline conforms to eia-481 & eia-541. notes : 1. outline conforms to eia-481. 16 mm 13 inch |
Price & Availability of IRFR024NTRL |