Part Number Hot Search : 
AL5DA142 00500 N4007 HSB20L 9431MTR U2A33 2SB653 0509S
Product Description
Full Text Search
 

To Download ILAS1206ER102V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 34103 for tec hnical questions, contact: magnetics@vishay.com www.vishay.com revision: 16-jan-06 1 chip array ferrite beads ilas-1206 vishay dale mechanical specifications solderability: 90 % coverage after 5 s dip in 235 c solder following 60 s preheat at 120 c to 150 c and type r flux dip resistance to solder heat: 10 s in 260 c solder, after preheat and flux per above terminal strength: 1.2 kg (2.64 lbs) minimum for 30 s beam strength: 2.0 kg (4.4 lbs) minimum flex: 0.079" [2 mm] min. mounted on 0.063" [1.6 mm] thick pc board features ? combines four single 0603 chips into one package to reduce board space and placement time ? highly effective in high density applications ? 0.031" [0.8 mm] terminal pitch makes it easy to apply emi prevention in multiple-lines such as connectors amd ic pins ? material and construction design minimize crosstalk between adjacent circuits ? compliant to rohs directive 2002/95/ec environmental specifications operating temperature: - 55 c to + 125 c thermal shock: 300 cycles, - 40 c to + 125 c biased humidity: 85 % rh at 85 c, 1000 h at full rated current standard electrical specifications z 25 % at 100 mhz ( ) dcr max. ( ) rated dc current (ma) signal speed 60 0.12 300 standard 120 0.2 150 300 0.4 100 600 0.6 100 1000 0.8 50 dimensions in inches [millimeters] 0.126 0.006 [3.2 0.15] 0.016 0.006 [0.4 0.15] 0.031 0.006 [0.8 0.1] 0.063 0.008 [1.6 0.2] 0.031 0.008 [0.8 0.2] 0.012 0.006 [0.3 0.15] 0.031 0.006 [0.8 0.15] 0.016 [typ.] [0.40] 0.035 [typ.] [0.88] 0.130 [typ.] [0.33] description ilas-1206 120 25 % er e 3 model impedance value impedance tolerance package code jedec lead (pb)-free standard global part number i las 1206 er 121 v product family size package code impedance value impedance tolerance
www.vishay.com for technical questions, contact: magnetics@vishay.com document number: 34103 2 revision: 16-jan-06 ilas-1206 vishay dale chip array ferrite beads typical curves - frequency characteristics of r, x, and z 0 20 80 z x r 30 10 90 70 50 60 40 ilas-1206 60 impedance (ohms) 1000 100 10 1 10 000 frequency (mhz) 0 50 150 200 250 z x r 100 ilas-1206 120 impedance (ohms) 1000 100 10 1 10 000 frequency (mhz) 0 100 400 z x r 150 50 450 350 250 300 200 500 ilas-1206 300 impedance (ohms) 1000 100 10 1 10 000 frequency (mhz) 0 200 400 500 600 z x r 300 100 700 800 ilas-1206 600 impedance (ohms) 1000 100 10 1 10 000 frequency (mhz) 0 400 800 1000 1200 z x r 600 200 ilas-1206 1000 impedance (ohms) 1000 100 10 1 10 000 frequency (mhz)
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of ILAS1206ER102V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X