Part Number Hot Search : 
FAN70831 2SB1284 CHS2512 IN74A 2VP12U9 P82C42PC E28F320 2805S
Product Description
Full Text Search
 

To Download IDTQS3861QG8 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 idtqs3861 high-speed cmos 10-bit bus switch with flow-through pinout industrial temperature range january 2013 2013 integrated device technology, inc. dsc-5767/6 c industrial temperature range the idt logo is a registered trademark of integrated device technology, inc. idtqs3861 functional block diagram features: ? enhanced n channel fet with no inherent diode to vcc ?5 bidirectional switches connect inputs to outputs ? zero propagation delay, zero ground bounce ? undershoot clamp diodes on all switch and control inputs ? available in qsop and tssop packages applications: ? hot-swapping, hot-docking ? voltage translation (5v to 3.3v) ? power conservation ? capacitance reduction and isloation ? bus isolation ? clock gating quickswitch ? products high-speed cmos 10-bit bus switch with flow-through pinout description: the qs3861 provides a set of ten high-speed cmos ttl-compatible bus switches. the low on resistance (5 ) of the qs3861 allows inputs to be connected without adding propagation delay and without generating additional ground bounce noise. the bus enable ( be ) signal turns the switches on. the qs3861 is characterized for operation at -40c to +85c. a 0 be b 0 a 9 b 9
2 industrial temperature range idtqs3861 high-speed cmos 10-bit bus switch with flow-through pinout pin configuration symbol description max unit v term (2) supply voltage to ground ?0.5 to +7 v v term (3) dc switch voltage v s ?0.5 to +7 v v term (3) dc input voltage v in ?0.5 to +7 v v ac ac input voltage (pulse width 20ns) ?3 v i out dc output current 120 ma p max maximum power dissipation 0.5 w t stg storage temperature ?65 to +150 c absolute maximum ratings (1) note: 1. h = high voltage level l = low voltage level z = high-impedance be a 0 - a 9 function h z disconnect lb 0 - b 9 connect function table (1) pins typ. max. (1) unit control inputs 3 5 pf quickswitch channels (switch off) 5 7 pf capacitance (t a = +25c, f = 1mhz, v in = 0v, v out = 0v) note: 1. this parameter is guaranteed but not production tested. pin names description a 0 - a 9 bus a b 0 - b 9 bus b be bus switch enable pin description notes: 1. stresses greater than those listed under absolute maximum ratings may cause permanent damage to the device. this is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. exposure to absolute maximum rating conditions for extended periods may affect reliability. 2. v cc terminals. 3. all terminals except v cc . qsop/ tssop top view gnd b 9 a 9 a 8 a 6 1 2 3 4 5 6 7 8 9 10 12 13 14 15 16 17 18 19 20 21 22 23 24 11 vcc b 8 b 7 a 7 b 6 b 5 a 5 b 0 a 0 a 1 b 1 b 2 a 2 a 3 b 3 b 4 a 4 be nc
3 idtqs3861 high-speed cmos 10-bit bus switch with flow-through pinout industrial temperature range typical on resistance vs v in at v cc = 5v r on (ohms) v in (volts) symbol parameter test conditions min. typ. (1) max. unit v ih input high voltage guaranteed logic high for control pins 2 ? ? v v il input low voltage guaranteed logic low for control pins ? ? 0.8 v i in input leakage current (control inputs) 0v v in v cc ? 0.01 1 a i oz off-state current (hi-z) 0v v out v cc , switches off ? 0.01 1 a r on switch on resistance v cc = min., v in = 0v, i on = 30ma ? 5 7 v cc = min., v in = 2.4v, i on = 15ma ? 10 15 v p pass voltage (2) v in = v cc = 5v, i out = -5 a 3.7 4 4.2 v dc electrical characteristics over operating range following conditions apply unless otherwise specified: industrial: t a = ?40c to +85c, v cc = 5v 5% notes: 1. typical values are at v cc = 5v and t a = 25c. 2. pass voltage is guaranteed but not production tested. 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 0 2 4 6 8 10 12 14 16
4 industrial temperature range idtqs3861 high-speed cmos 10-bit bus switch with flow-through pinout notes: 1. for conditions shown as min. or max., use the appropriate values specified under dc electrical characteristics. 2. typical values are at v cc = 5v and t a = 25c. 3. per ttl-driven input (v in = 3.4v, control inputs only). a and b pins do not contribute to icc. 3. this current applies to the control inputs only and represents the current required to switch internal capacitance at the spe cified frequency. the a and b inputs generate no significant ac or dc currents as they transition. this parameter is guaranteed but not production tested. power supply characteristics symbol parameter test conditions (1) typ. (2) max. unit i ccq quiescent power supply current v cc = max., v in = gnd or v cc , f = 0 0.2 3 a i cc power supply current per input high (3) v cc = max., v in = 3.4v, f = 0 ? 2.5 ma i ccd dynamic power supply current per mhz (4) v cc = max., a and b pins open, ? 0.25 ma/mhz be input toggling @ 50% duty cycle switching characteristics over operating range t a = -40c to +85c, v cc = 5v 5% c load = 50pf, r load = 500 unless otherwise noted. symbol parameter min . (1) typ. max. unit t plh data propagation delay (2) ?? 0.25 (3) ns t phl a to b, b to a t pzl switch turn-on delay 1.5 ? 6.5 ns t pzh be to a or b t plz switch turn-off delay (2) 1.5 ? 5.5 ns t phz be to a or b notes: 1. minimums are guaranteed but not production tested. 2. this parameter is guaranteed but not production tested. 3. the bus switch contributes no propagation delay other than the rc delay of the on resistance of the switch and the load capac itance. the time constant for the switch alone is of the order of 0.25ns at c l = 50pf. since this time constant is much smaller than the rise and fall times of typical driving signals, it adds very little propagation delay to the system. propagation delay of the bus switch, when used in a system, is determined by the driving circuit on the driving side o f the switch and its interaction with the load on the driven side.
5 idtqs3861 high-speed cmos 10-bit bus switch with flow-through pinout industrial temperature range ordering information qs xxxxx xx package device type quarter size outline package - qsop green thin shrink small outline package - tssop green qg pag 3861 high speed cmos 10-bit bus switch with flow-through pinout x blank 8 tube or tray tape and reel corporate headquarters for sales: for tech support: 6024 silver creek valley road 800-345-7015 or 408-284-8200 logichelp@idt.com san jose, ca 95138 fax: 408-284-2775 www.idt.com datasheet document history 01/25/13 pg. 1, 5 updated the ordering information by removing non green package version, the ?idt? notation and adding tape and reel information.


▲Up To Search▲   

 
Price & Availability of IDTQS3861QG8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X