Part Number Hot Search : 
C2064 40540 XXXGX D2412 M215QGN IRGPC50K D2412 16152500
Product Description
Full Text Search
 

To Download IA2412S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  21-jan-11 dcdc specification 1 watt ? dual output ? sip or dip package ? industry standard pinout ? 1000 vdc isolation ? 40 c to +85 c operation ? mtbf >1.1 mhrs ? 3 year warranty ia series input input voltage range ? nominal 10% (5) input reflected ? 20 ma pk-pk (through 12 h inductor 5 hz ripple current to 20 mhz) input reverse voltage ? none protection output output voltage ? see table minimum load ? none (6) line regulation ? 1.2%/1% ? vin load regulation ? 10% 20-100% load change (3.3 v models 20%) setpoint accuracy ? 3% ripple & noise ? 75 mv pk-pk max, 20 mhz bandwidth temperature coefficient ? 0.02%/c maximum capacitive ? 100 f load general efficiency ? see table isolation voltage ? 1000 vdc minimum isolation resistance ? 10 9 isolation capacitance ? 60 pf typical switching frequency ? variable, 80 khz typical mtbf ? >1.12 mhrs to mil-hdbk-217f at 25 c, gb environmental operating temperature ? -40 c to +85 c storage temperature ? -40 c to +125 c case temperature ? 100 c max cooling ? convection-cooled xppower.com input voltage output voltage output current (4) efficiency model number (1) 3.3 vdc 5.0 v 100 ma 66% ia0305s 5 vdc 3.3 v 151 ma 65% ia0503s 5.0 v 100 ma 74% ia0505s 9.0 v 55 ma 78% ia0509s 12.0 v 42 ma 78% ia0512s 15.0 v 33 ma 80% ia0515s 24.0 v 21 ma 80% ia0524s 12 vdc 3.3 v 151 ma 66% ia1203s 5.0 v 100 ma 75% ia1205s 9.0 v 55 ma 76% ia1209s 12.0 v 42 ma 78% ia1212s 15.0 v 33 ma 80% ia1215s 24.0 v 21 ma 76% ia1224s 24 vdc 3.3 v 151 ma 68% ia2403s 5.0 v 100 ma 74% ia2405s 9.0 v 55 ma 76% ia2409s 12.0 v 42 ma 78% IA2412S 15.0 v 33 ma 78% ia2415s 24.0 v 21 ma 78% ia2424s 48 vdc (5) 3.3 v 151 ma 60% ia4803s 5.0 v 100 ma 70% ia4805s 9.0 v 55 ma 72% ia4809s 12.0 v 42 ma 74% ia4812s 15.0 v 33 ma 74% ia4815s 24.0 v 21 ma 70% ia4824s mechanical details 0.24 (6.09) max (2) 0.76 (19.30) max 0.40 (10.16) max 0.80 (20.32) max 0.25 (6.35) max (3) 0.11 (2.79) min 0.3 (7.62) 0.01 (0.254) max +vin -vout 0v +vout -vin nc 0.3 (7.62) 0.60 (15.24) 0.01 (0.254) max +vin -vout 0v +vout -vin 0.055 (1.40) 0.18 (4.57) 0.5 (12.70) sip package dip package 0.4 (10.16) max 0.02 (0.5) 0.12 (3.05) min 0.1 (2.54) 0.02 (0.51) 0.02 (0.51) 1. replace s in model number with d for dip package. 2. sip 48 vin models, dimension is 0.28 (7.20) max. 3. dip 48 vin models, dimension is 0.27 (6.88) max. 4. outputs power-trade. 5. for 48 v models a 10 f capacitor is required between +vin and -vin pins. 6. operation at no load will not damage unit but it may not meet all specifications. 7. all dimensions in inches (mm). 8. pin pitch tolerance: 0.014 (0.35) 9. case tolerance 0.02 (0.5) 10. weight: sip 0.006 lbs (2.6 g), dip 0.005 lbs (2.3 g) notes


▲Up To Search▲   

 
Price & Availability of IA2412S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X