Part Number Hot Search : 
FR220 HCC4047B 6348S HL8337 RF164 MC6829 DG202D T201230
Product Description
Full Text Search
 

To Download GCM155R71C104KA55D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  http://www.murata.com/ data sheet ! note: 1. this datasheet is downloaded from the website of murata manufacturing co., ltd. therefore, it?s specifications are subject t o change or our products in it may be discontinued without advance notice. please check with our sales representatives or product engineers bef ore ordering. 2. this datasheet has only typical specifications because there is no space for detailed specifications. therefore, please appr ove our product specifications or transact the approval sheet for product specifications before ordering. 2008.3.6 capacitors > monolithic ceramic capacitors o this data sheet is applied for chip monolithic ceramic capacitor used for automotive (for power-train, safety equipments) elect ronics equipment for your design. o solderability of tin plating termination chip might be deteriorated when low temperature soldering profile where peak solder te mperature is below the tin melting point is used. please confirm the solderability of tin plating termination chip before use.  the rohs compliance means that we judge from eu directive 2002/95/ec the products do not contain lead, cadmium, mercury, hexa valent chromium, pbb and pbde, except exemptions stated in eu directive 2002/95/ec annex and impurities existing in natural world.  this statement does not insure the compliance of any of the listed parts with any laws or legal imperatives developed by any eu members individually with regards to the rohs directive. monolithic ceramic capacitors gcm155r71c104ka55 p (0402, x7r, 0.10 f, 16vdc) p : packaging code l t w (in mm) e e g rohs regulation conformity parts gcm series meets aec-q200 requirements.  dimensions length l 1.0mm 0.05mm width w 0.5mm 0.05mm thickness t 0.5mm 0.05mm electrode e 0.15 to 0.35mm electrode gap g (min.) 0.3mm  rated value murata pn code spec tenperature char. r7 x7r (eia), 15% capacitance 104 0.10 f capacitance change k 10% rated voltage 1c 16vdc  packaging code packaging minimum quantity d 180mm paper tape 10000 j 330mm paper tape 50000 c bulk case 50000 b bulk(bag) 1000  specifications please refer to 'gcm series specification and test methods' pdf file.


▲Up To Search▲   

 
Price & Availability of GCM155R71C104KA55D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X