1 csm_ee-sy671_672_ds_e_3_1 reflective photomicrosenso r with sensitivity adju ster (non-modulated) ee-sy671/672 photomicrosensor wi th sensitivity adjuster. ? easy adjustment with a buil t-in sensitivity adjuster. easy optical axis monitoring with a bright light indicator. compact design incorporating a built-in amplifier and special ic enables direct switching capacity of up to 100 ma. wide operating voltage range: 5 to 24 vdc connection possible with a range of ics, relays, and programmable controllers (plcs). be sure to read safety precautions on page 4. ordering information sensors * the dark-on/light-on (selectable) models ar e normally used as dark-on models. to use them as light-on models, short-circuit th e l terminal and positive (+) terminal. an ee-1001-1 connector with the terminals al ready short-circuited is also available. accessories (order separately) * refer to accessories for details. appearance sensing method sensing distance output type output configuration model horizontal type reflective type npn output dark-on or light-on (selectable) * ee-sy671 vertical type EE-SY672 infrared li g ht 1 to 5 mm type cable length model remarks connector ee-1001 ee-1001-1 l terminal and positive (+ ) terminal are already short-circuited. ee-1009 connector with cable 1 m ee-1006 ee-1010 2 m ee-1006 ee-1010 connector with robot cable 1 m ee-1010-r 2 m ee-1010-r
ee-sy671/672 2 ratings and specifications item models ee-sy671, EE-SY672 sensing distance 1 to 5 mm (reflection factor: 90%; white paper 15 15 mm) *1. the indicator is a gap red led (peak wavelength: 690 nm). *2. the response frequency was measured by detecting the following rotating disk. *3. the ambient illuminance is measured on the surface of the receiver. sensing object transparent or opaque: 15 15 mm min. differential distance 0.5 max. (with a sensing di stance of 3 mm, horizontally) light source gaas infrared led with a peak wavelength of 940 nm indicator * 1 light indicator (red) supply voltage 5 to 24 vdc 10%, ripple (p-p): 10% max. current consumption 40 ma max. control output npn open collector: load power supply voltage: 5 to 24 vdc load current: 100 ma max. off current: 0.5 ma max. 100 ma load current with a residual voltage of 0.8 v max. 40 ma load current with a residual voltage of 0.4 v max. response frequency * 2 50 hz min. (average: 500 hz) ambient illumination * 3 1,500 lx max. with fluorescent li ght on the surface of the receiver ambient temperature range operating: ? 25 to +55c storage: ? 30 to +80c ambient humidity range operating: 5% to 85% storage: 5% to 95% vibration resistance destruction: 20 to 2,000 hz (peak acceleration: 100 m/s 2 ) 1.5-mm double amplitude for 2 h (4-min periods) each in x, y, and z directions shock resistance destruction: 500m/s 2 for 3 times each in x, y, and z directions degree of protection iec ip50 connecting method special connector (direc t soldering possible) weight approx. 3.5 g (including scr ewdriver for adjustment) material case polybutylene phthalate (pbt) emitter/ receiver polycarbonate accessories screwdriver for adjustment 15 mm 15 mm 15 mm disk EE-SY672 ee-sy671 dis k 200 mm dia.
ee-sy671/672 3 engineering data (typical) i/o circuit diagrams npn output operating range characteristics (max. sensitivity) ee-sy67 @ ee-sy67 @ sensing distance vs. object area characteristics sensing distance vs. sensitivity volume model output configuration timing charts terminal connections output circuit ee-sy671 EE-SY672 light-on short-circuited between terminal and positive terminal dark-on open between terminal and positive terminal sensing object: white paper (15 15 mm 2 ) (reflection factor: 90%) 22 20 18 16 14 12 10 8 6 4 2 0 ? 6 ? 5 ? 4 ? 3 ? 2 ? 1 0 1 2 3 4 5 6 distance y (mm) distance x ( mm ) operates releases y x y x sensing object: white paper (15 15 mm 2 ) (reflection factor: 90%) 22 20 18 16 14 12 10 8 6 4 2 0 ? 6 ? 5 ? 4 ? 3 ? 2 ? 1 0 1 2 3 4 5 6 distance y (mm) distance x ( mm ) operates releases y x y x sensing object: white paper (15 15 mm 2 ) (reflection factor: 90%) 25 20 15 10 5 0 1 2 2 2 3 2 5 2 7 2 10 2 20 2 30 2 50 2 sensin g area l 2 ( mm 2 ) sensing distance (mm) with max. sensitivity l l paper (reflection factor: 90%) straw paper paper (reflection factor: 10%) black backlight 35 30 25 20 15 10 5 0 0 1 2 3 4 5 6 7 8 9 10 sensing distance (mm) max. min. sensing adjuster scale aluminum plate incident interrupted on off on off operates releases light indicator (red) output transistor load 1 (relay) l 5 to 24 vdc load 1 main circuit out light indicator (red) incident interrupted on off on off operates releases light indicator (red) output transistor load 1 (relay) l
ee-sy671/672 4 safety precautions refer to warranty and limitations of liability . this product is not designed or rated for ensuring safety of persons either directly or indirectly. do not use it for such purposes. make sure that this product is used within the rated ambient environment conditions. wiring soldering ? when direct soldering to the terminal, use the following guidelines. soldering conditions ? the terminal base uses a polyc arbonate resin, which could be deformed by excessive soldering heat, resulting in damage to the product?s functionality. cable extension ? when extending the cable, use an extension cable with conductors having a total cross-section area of 0.3 mm 2 . the total cable length must be less than 10 m. installation the photomicrosensor is built into the device being used and so is not equipped to deal with interference fr om an external light source. when using the sensor in an area exposed to an incandescent lamp, install so as to minimize the e ffects of external light sources. sensitivity adjustment use the special screwdriver (s old together) for sensitivity adjustment. ? when an excessive force is applied to sensitivity adjuster, it may be damaged. ? the shaft of the sensitivity adjuster is charged. connect a dc power supply incorporating an insulated transformer to the photomicrosensor. do not connect a dc power supply incorporating an autotransformer or the user may receive an electric shock when adj usting the sensitivity. warning precautions for correct use item temperature permissible time remarks soldering iron 350c max. 3 s max. the portion between the base of the terminals and the position 1.5 mm from the terminal base must not be soldered. power source power source + ? sensor autotransformer + ? sensor insulated transformer
ee-sy671/672 5 sensitivity adjustment with background object sensitivity adjustment with no background object point a point b setting check sens- ing condi- tions ad- juster indi- cator adjustment procedure 1. set the sensitivity of the photomicrosensor to minimum, place the sensing object in the sensing position, turn the sensitivity adjuster clockwise slowly until the light indicator is lit (point a). 2. remove the sensing object, at which time the light indicator will be off. further turn the sensitivity adjuster clockwise slowly until the light indicator is lit again (point b). the operation indicator will not light again if the background object does not reflect light, in which case refer to ?sensitivity adjustment with no background object?. 3. set the sensitivity adjuster at the center (point c) between point a and b. points a and b will be very close if the sensor is influenced by excessive light reflected by the background object, in which case take the following preventive measures. (1) separate the sensor and the background object by a distance of 20 mm min. (2) cover the surface of the background object with a material with a small reflection factor, such as black sponge. 4. after setting the sensitivity adjuster to point c, check if the light indicator is lit on placing the sensing object at the sensing position and not lit on removing the sensing object. background object a background object b background object black paper with small reflection factor c b c point a point b check sens- ing condi- tions ad- juster indi- cator adjustment procedure 1. set the sensitivity of the photomicrosensor to minimum, place the sensing object at the sensing position, turn the sensitivity adjuster clockwise slowly until the light indicator is lit (point a). 2. set the sensitivity adjuster at the center (point c) between points a and b (the point where the sensitivity is maximum). 3. after setting the sensitivity adjuster to point c, check if the light indicator is not lit on removing the sensing object. a b c a c
ee-sy671/672 6 (unit: mm) dimensions tolerance class it16 applies to dimensions in this datasheet unless otherwise specified. sensors accessories (order separately) *refer to accessories for details. 19 19 two, 3.2 dia. holes 13.4 12.2 25.4 (31.4) (25) 6.2 2.54 0.2 16.7 8.3 14.15 5.5 4.1 13.2 6.95 6.35 sensitivity adjuster sensing window (back) (12.2 4.1) indicator window 0.3 0.7 0.6 (3) (2) (4) (1) two, 3.8 dia. holes ee-sy671 terminal arrangement (1) + vcc (2) l l (3) out output (4) ? gnd (0 v) 19 19 two, 3.2 dia. holes 13.4 25.4 (31.2) (25) 6.2 2.54 16.7 8.3 5.5 13.2 6.95 6.35 sensitivity adjuster sensing window (12.2 5.15) indicator window 0.3 0.7 0.6 (3) (2) (4) (1) two, 3.8 dia. holes EE-SY672 terminal arrangement (1) + vcc (2) l l (3) out output (4) ? gnd (0 v)
r e a d a n d u n d e r s t a n d t h i s c a t a l o g p l e a s e r e a d a n d u n d e r s t a n d t h i s c a t a l o g b e f o r e p u r c h a s i n g t h e p r o d u c t s . p l e a s e c o n s u l t y o u r o m r o n r e p r e s e n t a t i v e i f y o u h a v e a n y q u e s t i o n s o r c o m m e n t s . w a r r a n t y a n d l i m i t a t i o n s o f l i a b i l i t y w a r r a n t y o m r o n ' s e x c l u s i v e w a r r a n t y i s t h a t t h e p r o d u c t s a r e f r e e f r o m d e f e c t s i n m a t e r i a l s a n d w o r k m a n s h i p f o r a p e r i o d o f o n e y e a r ( o r o t h e r p e r i o d i f s p e c i f i e d ) f r o m d a t e o f s a l e b y o m r o n . o m r o n m a k e s n o w a r r a n t y o r r e p r e s e n t a t i o n , e x p r e s s o r i m p l i e d , r e g a r d i n g n o n - i n f r i n g e m e n t , m e r c h a n t a b i l i t y , o r f i t n e s s f o r p a r t i c u l a r p u r p o s e o f t h e p r o d u c t s . a n y b u y e r o r u s e r a c k n o w l e d g e s t h a t t h e b u y e r o r u s e r a l o n e h a s d e t e r m i n e d t h a t t h e p r o d u c t s w i l l s u i t a b l y m e e t t h e r e q u i r e m e n t s o f t h e i r i n t e n d e d u s e . o m r o n d i s c l a i m s a l l o t h e r w a r r a n t i e s , e x p r e s s o r i m p l i e d . l i m i t a t i o n s o f l i a b i l i t y o m r o n s h a l l n o t b e r e s p o n s i b l e f o r s p e c i a l , i n d i r e c t , o r c o n s e q u e n t i a l d a m a g e s , l o s s o f p r o f i t s o r c o m m e r c i a l l o s s i n a n y w a y c o n n e c t e d w i t h t h e p r o d u c t s , w h e t h e r s u c h c l a i m i s b a s e d o n c o n t r a c t , w a r r a n t y , n e g l i g e n c e , o r s t r i c t l i a b i l i t y . i n n o e v e n t s h a l l t h e r e s p o n s i b i l i t y o f o m r o n f o r a n y a c t e x c e e d t h e i n d i v i d u a l p r i c e o f t h e p r o d u c t o n w h i c h l i a b i l i t y i s a s s e r t e d . i n n o e v e n t s h a l l o m r o n b e r e s p o n s i b l e f o r w a r r a n t y , r e p a i r , o r o t h e r c l a i m s r e g a r d i n g t h e p r o d u c t s u n l e s s o m r o n ' s a n a l y s i s c o n f i r m s t h a t t h e p r o d u c t s w e r e p r o p e r l y h a n d l e d , s t o r e d , i n s t a l l e d , a n d m a i n t a i n e d a n d n o t s u b j e c t t o c o n t a m i n a t i o n , a b u s e , m i s u s e , o r i n a p p r o p r i a t e m o d i f i c a t i o n o r r e p a i r . a p p l i c a t i o n c o n s i d e r a t i o n s s u i t a b i l i t y f o r u s e o m r o n s h a l l n o t b e r e s p o n s i b l e f o r c o n f o r m i t y w i t h a n y s t a n d a r d s , c o d e s , o r r e g u l a t i o n s t h a t a p p l y t o t h e c o m b i n a t i o n o f p r o d u c t s i n t h e c u s t o m e r ' s a p p l i c a t i o n o r u s e o f t h e p r o d u c t s . a t t h e c u s t o m e r ' s r e q u e s t , o m r o n w i l l p r o v i d e a p p l i c a b l e t h i r d p a r t y c e r t i f i c a t i o n d o c u m e n t s i d e n t i f y i n g r a t i n g s a n d l i m i t a t i o n s o f u s e t h a t a p p l y t o t h e p r o d u c t s . t h i s i n f o r m a t i o n b y i t s e l f i s n o t s u f f i c i e n t f o r a c o m p l e t e d e t e r m i n a t i o n o f t h e s u i t a b i l i t y o f t h e p r o d u c t s i n c o m b i n a t i o n w i t h t h e e n d p r o d u c t , machin e , s y s t e m , o r o t h e r a p p l i c a t i o n o r u s e . t h e f o l l o w i n g a r e s o m e e x a m p l e s o f a p p l i c a t i o n s f o r w h i c h p a r t i c u l a r a t t e n t i o n m u s t b e g i v e n . t h i s i s n o t i n t e n d e d t o b e a n e x h a u s t i v e l i s t o f a l l p o s s i b l e u s e s o f t h e p r o d u c t s , n o r i s i t i n t e n d e d t o i m p l y t h a t t h e u s e s l i s t e d m a y b e s u i t a b l e f o r t h e p r o d u c t s : o u t d o o r u s e , u s e s i n v o l v i n g p o t e n t i a l c h e m i c a l c o n t a m i n a t i o n o r e l e c t r i c a l i n t e r f e r e n c e , o r c o n d i t i o n s o r u s e s n o t d e s c r i b e d i n t h i s c a t a l o g . n u c l e a r e n e r g y c o n t r o l s y s t e m s , c o m b u s t i o n s y s t e m s , r a i l r o a d s y s t e m s , a v i a t i o n s y s t e m s , m e d i c a l e q u i p m e n t , a m u s e m e n t m a c h i n e s , v e h i c l e s , s a f e t y e q u i p m e n t , a n d i n s t a l l a t i o n s s u b j e c t t o s e p a r a t e i n d u s t r y o r g o v e r n m e n t r e g u l a t i o n s . s y s t e m s , m a c h i n e s , a n d e q u i p m e n t t h a t c o u l d p r e s e n t a r i s k t o l i f e o r p r o p e r t y . p l e a s e k n o w a n d o b s e r v e a l l p r o h i b i t i o n s o f u s e a p p l i c a b l e t o t h e p r o d u c t s . n e v e r u s e t h e p r o d u c t s f o r a n a p p l i c a t i o n i n v o l v i n g s e r i o u s r i s k t o l i f e o r p r o p e r t y w i t h o u t e n s u r i n g t h a t t h e s y s t e m a s a w h o l e h a s b e e n d e s i g n e d t o a d d r e s s t h e r i s k s , a n d t h a t t h e o m r o n p r o d u c t s a r e p r o p e r l y r a t e d a n d i n s t a l l e d f o r t h e i n t e n d e d u s e w i t h i n t h e o v e r a l l e q u i p m e n t o r s y s t e m . p r o g r a m m a b l e p r o d u c t s o m r o n s h a l l n o t b e r e s p o n s i b l e f o r t h e u s e r ' s p r o g r a m m i n g o f a p r o g r a m m a b l e p r o d u c t , o r a n y c o n s e q u e n c e t h e r e o f . d i s c l a i m e r s c h a n g e i n s p e c i f i c a t i o n s p r o d u c t s p e c i f i c a t i o n s a n d a c c e s s o r i e s m a y b e c h a n g e d a t a n y t i m e b a s e d o n i m p r o v e m e n t s a n d o t h e r r e a s o n s . i t i s o u r p r a c t i c e t o c h a n g e m o d e l n u m b e r s w h e n p u b l i s h e d r a t i n g s o r f e a t u r e s a r e c h a n g e d , o r w h e n s i g n i f i c a n t c o n s t r u c t i o n c h a n g e s a r e m a d e . h o w e v e r , s o m e s p e c i f i c a t i o n s o f t h e p r o d u c t s m a y b e c h a n g e d w i t h o u t a n y n o t i c e . w h e n i n d o u b t , s p e c i a l m o d e l n u m b e r s m a y b e a s s i g n e d t o f i x o r e s t a b l i s h k e y s p e c i f i c a t i o n s f o r y o u r a p p l i c a t i o n o n y o u r r e q u e s t . p l e a s e c o n s u l t w i t h y o u r o m r o n r e p r e s e n t a t i v e a t a n y t i m e t o c o n f i r m a c t u a l s p e c i f i c a t i o n s o f p u r c h a s e d p r o d u c t s . d i m e n s i o n s a n d w e i g h t s d i m e n s i o n s a n d w e i g h t s a r e n o m i n a l a n d a r e n o t t o b e u s e d f o r m a n u f a c t u r i n g p u r p o s e s , e v e n w h e n t o l e r a n c e s a r e s h o w n . p e r f o r m a n c e d a t a perfor m a n c e d a t a g i v e n i n t h i s c a t a l o g i s p r o v i d e d a s a g u i d e f o r t h e u s e r i n d e t e r m i n i n g s u i t a b i l i t y a n d d o e s n o t c o n s t i t u t e a w a r r a n t y . i t m a y r e p r e s e n t t h e r e s u l t o f o m r o n ? s t e s t c o n d i t i o n s , a n d t h e u s e r s m u s t c o r r e l a t e i t t o a c t u a l a p p l i c a t i o n r e q u i r e m e n t s . a c t u a l p e r f o r m a n c e i s s u b j e c t t o t h e o m r o n w a r r a n t y a n d l i m i t a t i o n s o f l i a b i l i t y . e r r o r s a n d o m i s s i o n s t h e i n f o r m a t i o n i n t h i s d o c u m e n t h a s b e e n c a r e f u l l y c h e c k e d a n d i s b e l i e v e d t o b e a c c u r a t e ; h o w e v e r , n o r e s p o n s i b i l i t y i s a s s u m e d f o r c l e r i c a l , t y p o g r a p h i c a l , o r p r o o f r e a d i n g e r r o r s , o r o m i s s i o n s . 2008 . 1 1 i n t h e i n t e r e s t o f p r o d u c t i m p r o v e m e n t , s p e c i f i c a t i o n s a r e s u b j e c t t o c h a n g e w i t h o u t n o t i c e . o m r o n c o r p o r a t i o n i n d u s t r i a l a u t o m a t i o n c o m p a n y h t t p : / / w w w . i a . o m r o n . c o m / ( c ) c o p y r i g h t o m r o n c o r p o r a t i o n 2 0 0 8 a l l r i g h t r e s e r v e d .
|