Part Number Hot Search : 
ER22A GS815218 B080004 LTC69 12001 LS120 P6KE2 27C512
Product Description
Full Text Search
 

To Download DTA124ECA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  DTA124ECA features ? built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors ? the bias resistors consist of thin-film resistors with complete isolation to allow negative biasing of the input. they also have the advantage of almost completely eliminating parasitic effects. ? only the on/off conditions need to be set for operation, making device design easy absolute maximum ratings @ 25  symbol parameter min typ max unit v cc supply voltage --- -50 --- v v in input voltage -40 --- 10 v i o i c(max) output current --- -30 -100 --- ma p d power dissipation --- 200 --- mw t j junction temperature --- 150 ---  t stg storage temperature -55 --- 150  electrical characteristics @ 25  symbol parameter min typ max unit v i(off) --- --- -0.5 v v i(on) input voltage (v cc =-5v, i o =-100  a) (v o =-0.2v, i o =-5ma) -3.0 --- --- v v o(on) output voltage (i o /i i =-10ma/-0.5ma --- --- -0.3 v i i input current (v i =-5v) --- --- -0.36 ma i o(off) output current (v cc =-50v, v i =0) --- --- -0.5  a g i dc current gain (v o =-5v, i o =-5ma) 56 --- --- r 1 input resistance 15.4 22 28.6 k  r 2 /r 1 resistance ratio 0.8 1.0 1.2 f t transition frequency (v o =-10v, i o =5ma, f=100mhz) --- 250 --- mhz sot-23 suggested solder pad layout .079 2.000 inches mm .031 .800 .035 .900 .037 .950 .037 .950 *marking: 15 epoxy meets ul 94 v-0 flammability rating moisure sensitivity level 1 2012-0 willas electronic corp. dimensions in inches and (millimeters) .080(2.04) .070(1.78) .110(2.80) .083(2.10) .006(0.15)min. .008(0.20) .003(0.08) .055(1.40) .035(0.89) .020(0.50) .012(0.30) .004(0.10)max. .122(3.10) .106(2.70) .063(1.60) .047(1.20) pnp digital transistor DTA124ECA
2012-0 willas electronic corp. pnp digital transistor DTA124ECA


▲Up To Search▲   

 
Price & Availability of DTA124ECA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X