Part Number Hot Search : 
7810N115 EL723206 KMM53 86401 056316 MIW4124 DG529CJ 04741
Product Description
Full Text Search
 

To Download DLFR101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  solderable ends d2 d2=d1  0  0.20 0.5 0.1 0.5 0.1 4.9 0.2 2.6 0.15 d1 features ? plastic package has underwriters laboratories flammability classification 94v-0 ? glass passivated chip junction ? for surface mount applications ? high temperature metallurgically bonded construction of 265 ?? for 10 seconds in solder bath mechanical data ? case: jedec do-213ab,molded plastic ? terminals: axial lead ,solderable per mil- std-750,method 2026 ? polarity: color band denotes cathode ? weight: 0.0046 ounces, 0.116 grams ? mounting position: any maximum ratings and electrical characteristics ratings at 25 ?? ambient temperature unless otherwise specified. single phase,half wave,60 hz,resistive or inductive load. for capacitive load,derate current by 20%. dl fr102 dl fr103 dl fr104 dl fr105 dl fr106 dl fr107 units maximum recurrent peak reverse voltage 100 200 400 600 800 1000 v maximum rms voltage 70 140 280 420 560 700 v maximum dc blocking voltage 100 200 400 600 800 1000 v maximum average forward rectified current t t =55 ?? peak forward surge current 8.3ms single half-sine-wave superimposed on rated load (jedec method) maximum instantaneous forward voltage @1.0a v maximum reverse current @t a =25 ?? at rated dc blocking voltage @t a =125 ?? maximum reverse recovery time (note 1) 250 ns typical junction capacitance (note 2) pf typical thermal resistance (note 3) ?? /w operating junction temperature range ?? storage temperature range ?? note: 1. measured with i f =0.5a,i r =1.0a,i rr =0.25a 2. measured at 1.0mhz and applied reverse voltage of 4.0v dc. 3. thermal resistance from junction to ambient, 0.240.24"(6.06.0mm) copper pads to each terminal. 1.3 t rr 150 500 v dc a a i (av) 1.0 i fsm 30 a v f i r 5.0 50 v rrm v rms dl fr101 50 50 35 c j t j t stg r ja - 55 ---- +175 - 55 ---- +175 15 75 ? high temperature soldering guaranteed:450 ?? /5 seconds do - 213ab voltage range : 50 --- 1000 v current: 1.0 a at terminals.complete device sub-mersible temperature ? cavity-free glass passivated junction surface mount rectifier s dimensions in millimeters DLFR101 thru dlfr107 mdd catalog number mdd electronic
.2 2 1 .1 4 . 4 1 .0 2 40 10 20 60 1 0 0 41 0 2 04 0 1 00 f=1mhz t j =25 0 . 6 0 . 8 1 . 0 1 . 2 1 . 4 1 . 6 0 . 0 0 1 0 . 0 1 0.1 1 1 0 t j = 2 5 pulse width=300us 0 110 100 15 10 30 25 5 20 tl=110 ?? 8.3ms single half sine-wave (jedec method) 0 0.1 10 20 40 60 80 100 0.01 t a =125 ?? t a = 1 0 0 ?? t a = 2 5 ?? 1 100 0.1 1 10 0.01 0.1 1 10 100 100 avera g e f o r w ard rec t i f ied current,amperes peak forward surge current,amperes instantaneous for w ard current,amperes ins t a n t ane o us reverse leakage current(ma) reverse voltage(v) fig.2 -- maximum non-repetitive peak forward surge current terminal t e m p e r a t u r e ?? number of cycles at 60hz instantaneous forward voltage(v) fig.6 -- typical transient thermal impedance percent of rated peak reverse voltage. ( ? ) j unc t i o n capaci t ance ( p f ) t, pulse duration, fig.3 -- typical instantaneous forward characteri sti cs fig. 4 -- typical reverse characteri sti cs fig.5 -- typical junction capacitance transient thermal impedanc e ( o c/w) fig. 1 -- forward current derating curve mdd electronic ratings and characteristic curves DLFR101 thru dlfr107 1.0 0.8 0.6 0.4 0.2 0 0 25 50 75 100 125 150 175 single phase half wave 60hz resistive or inductive load


▲Up To Search▲   

 
Price & Availability of DLFR101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X