Part Number Hot Search : 
HNF364 C0603 G903T66U D8086 C0603 KMZ52 MOB34T 820000
Product Description
Full Text Search
 

To Download CMUT540110 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cmut5401 surface mount pnp silicon transistor description: the central semiconductor cmut5401 type is a pnp silicon transistor manufactured by the epitaxial planar process, epoxy molded in a surface mount package, designed for high voltage amplifier applications. marking code: 54c maximum ratings: (t a =25c) symbol units collector-base voltage v cbo 160 v collector-emitter voltage v ceo 150 v emitter-base voltage v ebo 5.0 v continuous collector current i c 600 ma power dissipation p d 250 mw operating and storage junction temperature t j , t stg -65 to +150 c thermal resistance ja 500 c/w electrical characteristics: (t a =25c unless otherwise noted) symbol test conditions min max units i cbo v cb =120v 50 na i cbo v cb =120v, t a =100c 50 a i ebo v eb =3.0v 50 na bv cbo i c =100a 160 v bv ceo i c =1.0ma 150 v bv ebo i e =10a 5.0 v v ce(sat) i c =10ma, i b =1.0ma 0.2 v v ce(sat) i c =50ma, i b =5.0ma 0.5 v v be(sat) i c =10ma, i b =1.0ma 1.0 v v be(sat) i c =50ma, i b =5.0ma 1.0 v h fe v ce =5.0v, i c =1.0ma 50 h fe v ce =5.0v, i c =10ma 60 240 h fe v ce =5.0v, i c =50ma 50 f t v ce =10v, i c =10ma, f=100mhz 100 300 mhz c ob v cb =10v, i e =0, f=1.0mhz 6.0 pf h fe v ce =10v, i c =1.0ma, f=1.0khz 40 200 n f v ce =5.0v, i c =250a, r s =1.0k, f=10hz to 15.7khz 8.0 db sot-523 case r2 (9-february 2010) www.centralsemi.com
cmut5401 surface mount pnp silicon transistor lead code: 1) base 2) emitter 3) collector marking code: 54c sot-523 case - mechanical outline (bottom view) www.centralsemi.com r2 (9-february 2010)


▲Up To Search▲   

 
Price & Availability of CMUT540110

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X