Part Number Hot Search : 
412M924 SI9200EY SB857 STW30 SR500 KTD600 2545CT MC101
Product Description
Full Text Search
 

To Download B65879A0000R08709 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ferrites and accessories pq32/20 ? cores and coil former series/type: b65879a, b65880e ordering code: date: august 2009 version: 2 ? epcos ag 2009. reproduction, publicati on and dissemination of this publicatio n, enclosures hereto and the information contained therein without epcos' pr ior express consent is prohibited content of header bars 1 and 2 of data sheet will be automatically entered in headers and footers! please fill in the table and then change the color to "white". this ensures that the table disappears (invisible) for the customer pdf. don't change formatting when entering or pasting text in the table and don't add any cell or line in and to it! identification/classification 1 (header 1 + top left bar): ferrites and accessories identification/classification 2 (header 2 + bottom left header bar): pq32/20 ? cores and coil former ordering code: (top right header bar) series/type: (top right header bar) b65879a, b65880e preliminary data (optional): (if necessary) department: ka in fer d pd, smp in fer d pd date: august 2009 version: 2
ferrites and accessories pq32/20 ? cores and coil former b65879a, b65880e ka in fer d pd, smp in fer d pd august 2009 please read cautions and warnings and page 2 of 5 important notes at the end of this document . cores b65879a series to iec 62317-13 delivery mode: sets magnetic characteristics (per set) ? l/a = 0.314 mm -1 l e = 48.40 mm a e = 154.2 mm 2 a min = 127.5 mm 2 v e = 7460 mm 3 approx. weight : 41 g/set dimensions in mm ungapped material a l value 1) nh e p v w/set ordering code n87 6300 +30/?20% 1580 < 5.50 (100 khz, 200 mt, 100 c) b65879a0000r087 n97 6500 +30/?20% 1625 < 4.60 (100 khz, 200 mt, 100 c) b65879a0000r097 n95 7600 +30/?20% 1895 < 4.70 (100 khz, 200 mt, 25 ... 100 c) < 5.64 (100 khz, 200 mt, 120 c) b65879a0000r095 n49 4600 +30/?20% 1150 < 2.65 (500 khz, 50 mt, 100 c) b65879a0000r049 1) measurement parameter: 10 khz, 0. 25 mt, 100 turns, room temperature. a l value is measured acc. to iec62044-2. an appropriate wr inging of cores with polished surface is used to improve reproducibility of the measurement. (it is recommended to rub t he mating surfaces themselves six times in a circular or elliptic arc that matches the core profile before measuring a l value).
ferrites and accessories pq32/20 ? cores and coil former b65879a, b65880e ka in fer d pd, smp in fer d pd august 2009 please read cautions and warnings and page 3 of 5 important notes at the end of this document . coil former b65880e series material: gfr thermosetting plastic (ul 94 v-0, insulation class to iec 60085: h=max.operating temperature 180 c), color code black sumikon pm9820 [e41429(m)], sumitomo bakelite co ltd solderability: to iec 60068-2-20, test ta, method 1 (aging 3): 235 c, 2 s resistance to soldering heat: to iec 68-2-20, test tb, method 1b: 350 c, 3.5 s sections a n mm2 l n mm a r value ? terminals ordering code 1 47 66 48 12 b65880e0012d001
ferrites and accessories pq32/20 ? cores and coil former b65879a, b65880e ka in fer d pd, smp in fer d pd august 2009 please read cautions and warnings and page 4 of 5 important notes at the end of this document . cautions and warnings mechanical stress and mounting ferrite cores have to meet mechanical requirements during assembly and for a growing number of applications. since ferrites are ceramic materials one has to be aware of their special behavior under mechanical load. just like any ceramic material, ferrite cores are brittle and sensitive to any shock, fast changing or tensile load. especially fast cooling rates under ultrasonic cleaning, high static and cyclic loads can cause cracks or failure of the ferrite cores. for detailed information see data book 2007, chapter ?general ? definitions, 8.1?. effects of core combination on al value stresses in the core affect not only the mechanical but also the magnetic properties. it is apparent that the initial permeability is dependent on the stress state of the core. the higher the stresses are in the core, the lower the value for the initial permeability. thus, the embedding medium should offer the greatest possible elasticity. for detailed information see data book 2007, chapter ?general ? definitions, 8.2?. heating up ferrites can run hot during operation at higher flux densities and higher frequencies. nizn-materials the magnetic properties of nizn-materials can c hange irreversibly when exposed to strong magnetic fields. processing notes ? the start of the winding process should be soft. otherwise, the flanges may be destroyed. ? excessive winding forces may damage the flanges or squeeze the tube so that the cores can no longer be mounted. ? excessive soldering time at high temperature (>300 c) may affect coplanarity or pin arrangement. ? not following the processing notes for soldering of the j-leg terminals may cause solderability problems at the transformer because of contaminat ion with tin oxide (sno) from the tin bath or burned insulation from the wire. for detailed information see data book 2007, chapter ?processing notes, 2.2?. ? the dimensions of the pin hole arrangement are fixed and should be understood as an ideal recommendation for drilling the printed circui t board. in order to avoid problems when mounting the transformer, customers should make allowances for manufacturing tolerances in the drilling and pick-and-place processes by increasing the diameter of the pin holes.
important notes page 5 of 5 the following applies to all products named in this publication: 1. some parts of this publication contain statements about the suitability of our products for certain areas of application . these statements are based on our knowledge of typical requirements that are often placed on our products in the areas of application concerned. we nevertheless expressly point out that such statements cannot be regarded as binding statements about the suitability of our products for a particular customer application. as a rule, epcos is either unfamiliar with individual customer applications or less familiar with them than the customers themselves. for these reasons , it is always ultimately incumbent on the customer to check and decide whether an epcos product with the properties described in the product specification is suitable for use in a particular customer application. 2. we also point out that in individual cases, a malfunction of electronic components or failure before the end of their usual service life cannot be completely ruled out in the current state of the art, even if they are operated as specified. in customer applications requiring a very high level of operational safety and especially in customer applications in which the malfunction or failure of an electronic component could endanger human life or health (e.g. in accident prevention or life-saving systems), it must theref ore be ensured by means of suitable design of the customer application or other action taken by the customer (e.g. installation of protective circuitry or redundancy) that no injury or damage is sustained by third parties in the event of malfunction or failure of an electronic component. 3. the warnings, cautions and product-specific notes must be observed. 4. in order to satisfy certain technical requirements, some of the products described in this publication may contain substances subject to restrictions in certain jurisdictions (e.g. because they are classed as hazardous) . useful information on this will be found in our material data sheets on the internet (www.epcos.com/material). should you have any more detailed questions, please contact our sales offices. 5. we constantly strive to improve our products. consequently, the products described in this publication may change from time to time . the same is true of the corresponding product specifications. please check therefore to what extent product descriptions and specifications contained in this publication are still applicable before or when you place an order. we also reserve the right to discontinue production and delivery of products . consequently, we cannot guarantee that all products named in this publication will always be available. the aforementioned does not apply in the case of individual agreements deviating from the foregoing for customer-specific products. 6. unless otherwise agreed in individual contracts, all orders are subject to the current version of the ?general terms of delivery for products and services in the electrical industry? published by the german electrical and electronics industry association (zvei) . 7. the trade names epcos, baoke, alu-x, ceradiode, csmp, cssp, ctvs, deltacap, digisimic, dssp, formfit, miniblue, minicell, mkd, mkk, mlsc, motorcap, pcc, phasecap, phasecube, phasemod, phicap, siferrit, sifi, sikorel, silvercap, simdad, simic, simid, sineformer, siov, sip5d, sip5k, thermofuse, windcap are trademarks registered or pending in europe and in other countries. further information will be found on the internet at www.epcos.com/trademarks.


▲Up To Search▲   

 
Price & Availability of B65879A0000R08709

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X