Part Number Hot Search : 
EASSM23 HYB18 BU508 N4003 HYB18 EP6036 SUM6K1N EL6146
Product Description
Full Text Search
 

To Download APS-9112048 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  advancedtca http://www.adlinktech.com/advancedtca/ 1 1-21 12u 14-slot dual dual-star advancedtca ? shelf atca-8214 features 19 rackmount, 12u height, 383.1 mm depth 14-slot dual dual-star topology fabric interface 14-slot standard rear transition module dual-bussed ipmb hot-swappable ipmc controlled fan trays two shelf management controller slots dual -48 v dc power entry modules specifcations mechanical 19 rackmount, 12u height, 383.1 mm depth specifcation fits inside a 600 mm deep cabinet (include cable bend area) supports 14-slot standard advancedtca ? blades and rtms shelf manager dual-hot-swappable pigeon point systems shmm-500 based shmcs (acmm-2100) active/standby mode for high availability applications supports multiple management interfaces: - remote management control protocol (rmcp) - remote procedure call (rpc) - simple network management protocol (snmp) - command line interface (cli) - dual-10/100base-t fast ethernet ports and one serial console cooling system hot-swappable ipmc controlled fan trays easily removable replaceable air flter backplane dual-star topology base interface dual dual-star topology fabric interface update channels for active/standby synchronization dual-bussed ipmb power input -40 v dc to -72 v dc nominal -48 v dc dual redundant power entry modules each carries up to 3000 w (a + b) weight 33 kg operating temp. 0?c to 55?c storage temp. -20?c to 80?c humidity 5% to 95%, non-condensing dimensions 449.5 x 531.9 x 383.1 mm (w x h x d) compliance advancedtca ? specifcation picmg ? 3.0 r2.0 ecn001 target certifcations fcc, ce, cul, nebs level 3 (design) mechanical layout ordering information shelves model number description/confguration atca-8214 12u 14-slot rackmount advancedtca ? shelf, dual dual-star fabric topology, dual-bussed ipmi bus atca-8214a 12u 14-slot rackmount advancedtca ? shelf with single shmc, dual dual-star fabric topology, dual-bussed ipmi bus atca-8214aa 12u 14-slot rackmount advancedtca ? shelf with dual shmcs, dual dual-star fabric topology, dual-bussed ipmi bus shelf manager (shmc) C (optional) acmm-2100 advancedtca ? shelf management controller (shmc) for atca-8214 (based on pps shmm-500) power supply (optional) aprs-1120 19 rackmount power rack with one 1200 w power supply unit aps-91120/48 1200 w 48v single output power supply unit filter cable tray fan tray shmc (optional)
1-22 7 2 1 3 4 5 6 9 8 dimensions rear view units: mm front view power entry module (pem) embedded computing systems 6u cpci blades advancedtca 6u cpci platforms 3u cpci blades ssds ipc accessories 3u cpci platforms industrial computers


▲Up To Search▲   

 
Price & Availability of APS-9112048

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X