Part Number Hot Search : 
SMC1602A 55C56 TDA8442 00000 2N6487 170M6497 BU2872AK IRF510
Product Description
Full Text Search
 

To Download AK9G-R2RL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  description the accutek family of resistor networks is de - signed to create any value or combination of val - ues of resistors into a single compact pluggable module. using our standard product boards, you specify what value, tolerance, and wattage is necessary and we assemble a resistor network utilizing sur - face mounted chip resistors into the circuit you re - quire. custom designed resistor networks can also be supplied with your unique pin assignments and cir - cuitry. also, capacitors can be added to any mod - ule to provide filtering or termination. features resistors of any value or tolerance sip, zip, or dip packaging mix and match resistors and capacitors standard product for quick turn custom configurations for special applications resistor networks accutek microcircuit corporation you tell us what value, tolerance, and wattage you want, and in a few days, you will receive the network you require design your own resistor network accutek microcircuit corporation 5 new pasture road newburyport, ma 01950-4040 phone: 978-465-6200 fax: 978-462-3396 email: sales@accutekmicro.com internet: www.accutekmicro.com
2r5 2r6 b2 2r5 b2 b8(lsb) b1(msb) 2r3 2r7 gnd b3 r1 r4 out r2 r3 r3 out gnd gnd b4 b3 2r6 r6 r2 2r4 r5 b1(msb) out b7 b5 gnd 2r3 b2 2r5 r4 b6 2r2 b4 b5 b6 2r2 b3 2r8 2r7 2r6 2r5 2r4 2r3 2r2 2r1 2r9 2r8 2r7 2r6 2r5 2r4 2r3 2r2 2r1 r1 r2 r3 b7(lsb) r6 r5 r4 r1 r2 r3 r7 r1 r3 r2 r4 r5 2r4 2r3 2r2 2r1 b1(msb) b3 out gnd b4 b5 b6(lsb) r1 2r4 2r1 2r1 b2 b1(msb) b3 out b4 b5(lsb) b2 b1(msb) b4(lsb) page 2-10/2012 ak10g-r/2rl 0.100" 0.125" 0.300" 1.000" 10 pin sip (8 bit) r/2r ladder network ak9g-r/2rl 0.100" 0.125" 0.300" 0.900" 9 pin sip (7 bit) r/2r ladder network ak8g-r/2rl 0.100" 0.125" 0.300" 0.800" 8 pin sip (6 bit) r/2r ladder network ak7g-r/2rl 0.100" 0.125" 0.300" 0.700" 7 pin sip (5 bit) r/2r ladder network ak6g-r/2rl 0.100" 0.125" 0.300" 0.600" 6 pin sip (4 bit) r/2r ladder network
b9(lsb) gnd b4 b3 b1(msb) b7 b5 b2 b6 2r9 2r8 2r7 2r6 2r5 2r4 2r3 2r2 2r1 r6 r5 r4 r1 r2 r3 r7 out 2r10 r8 b8 910 12345678 11 b10(lsb) gnd b4 b3 b1(msb) b7 b5 b2 b6 2r9 2r8 2r7 2r6 2r5 2r4 2r3 2r2 2r1 r6 r5 r4 r1 r2 r3 r7 2r10 r8 b8 910 12345678 out 2r11 r9 11 12 b9 b11(lsb) gnd b4 b3 b7 b5 b2 b6 2r9 2r8 2r7 2r6 2r5 2r4 2r3 2r2 2r1 r6 r5 r4 r1 r2 r3 r7 2r10 r8 b8 910 12345678 2r11 r9 11 b9 b1(msb) 2r12 r10 12 13 out b10 b12(lsb) gnd b4 b3 b7 b5 b2 b6 2r9 2r8 2r7 2r6 2r5 2r4 2r3 2r2 2r1 r6 r5 r4 r1 r2 r3 r7 2r10 r8 b8 910 12345678 2r11 r9 11 b9 2r12 r10 12 b10 b1(msb) 2r13 r11 13 14 out b11 page 3-10/2012 ak11g-r/2rl 0.100" 0.125" 0.300" 1.100" 11 pin sip (9 bit) r/2r ladder network ak12g-r/2rl 0.100" 0.125" 0.300" 1.200" 12 pin sip (10 bit) r/2r ladder network ak13g-r/2rl 0.100" 0.125" 0.300" 1.300" 13 pin sip (11 bit) r/2r ladder network ak14g-r/2rl 0.100" 0.125" 0.300" 1.400" 14 pin sip (12 bit) r/2r ladder network
.1%, .25% .1%, .25% .1%, .25% .1%, .25% .1%, .25% 0.5% 1% 0.5% 1% 0.5% 1% 0.5% 1% 0.5% 1% 10.0 10.0 16.9 16.9 28.7 28.7 48.7 48.7 82.5 82.5 10.1 17.2 29.1 49.3 83.5 10.2 10.2 17.4 17.4 29.4 29.4 49.9 49.9 84.5 84.5 10.4 17.6 29.8 50.5 85.6 10.5 10.5 17.8 17.8 30.1 30.1 51.1 51.1 86.6 86.6 10.6 18.0 30.5 51.7 87.6 10.7 10.7 18.2 18.2 30.9 30.9 52.3 52.3 88.7 88.7 10.9 18.4 31.2 53.0 89.8 11.0 11.0 18.7 18.7 31.6 31.6 53.6 53.6 90.9 90.9 11.1 18.9 32.0 54.2 92.0 11.3 11.3 19.1 19.1 32.4 32.4 54.9 54.9 93.1 93.1 11.4 19.3 32.8 55.6 94.2 11.5 11.5 19.6 19.6 33.2 33.2 56.2 56.2 95.3 95.3 11.7 19.8 33.6 56.9 96.5 11.8 11.8 20.0 20.0 34.0 34.0 57.6 57.6 97.6 97.6 12.0 20.3 34.4 58.3 98.8 12.1 12.1 20.5 20.5 34.8 34.8 59.0 59.0 12.3 20.8 35.2 59.7 12.4 12.4 21.0 21.0 35.7 35.7 60.4 60.4 2%, 5% 10% 12.6 21.3 36.1 61.2 12.7 12.7 21.5 21.5 36.5 36.5 61.9 61.9 10 10 12.9 21.8 37.0 62.6 11 13.0 13.0 22.1 22.1 37.4 37.4 63.4 63.4 12 12 13.2 22.3 37.9 64.2 13 13.3 13.3 22.6 22.6 38.3 38.3 64.9 64.9 15 15 13.5 22.9 38.8 65.7 16 13.7 13.7 23.2 23.2 39.2 39.2 66.5 66.5 18 18 13.8 23.4 39.7 67.3 20 14.0 14.0 23.7 23.7 40.2 40.2 68.1 68.1 22 22 14.2 24.0 40.7 69.0 24 14.3 14.3 24.3 24.3 41.2 41.2 69.8 69.8 27 27 14.5 24.6 41.7 70.6 30 14.7 14.7 24.9 24.9 42.2 42.2 71.5 71.5 33 33 14.9 25.2 42.7 72.3 36 15.0 15.0 25.5 25.5 43.2 43.2 73.2 73.2 39 39 15.2 25.8 43.7 74.1 43 15.4 15.4 26.1 26.1 44.2 44.2 75.0 75.0 47 47 15.6 26.4 44.8 75.9 51 15.8 15.8 26.7 26.7 45.3 45.3 76.8 76.8 56 56 16.0 27.1 45.9 77.7 62 16.2 16.2 27.4 27.4 46.4 46.4 78.7 78.7 68 68 16.4 27.7 47.0 79.6 75 16.5 16.5 28.0 28.0 47.5 47.5 80.6 80.6 82 82 16.7 28.4 48.1 81.6 91 standard resistance values standard resistance values are obtained from the decade table lby multiplying by powrs of 10. as an example, 1.3 can represent ohms, 1.33k, 13.3k, 133k, 1.33 megohms


▲Up To Search▲   

 
Price & Availability of AK9G-R2RL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X