Part Number Hot Search : 
D1764 13012 SG3526J FDRH20 7555ID 14D821K SFH4391 18N06
Product Description
Full Text Search
 

To Download AK18D300-QSOP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  description this new family of accutek dip adapter modules converts surface mount ic's to pin compatible dip packages for creating drop-in replacements for end-of-life dip ic's. package types supported are: qsop (quarter size outline package). these dip adapters were developed for users with motherboard designs that require dip's, now obsolete by manufacturers. these adapter modules save costly motherboard redesigns. available with machined contact pins. accutek dip adapter mod - ules feature 6, 8 14, 16, 18, 20, 22, 24 and 28 pins, are fully assem - bled and tested and may include a decoupling capacitor. these dip adapters can be manufactured turnkey or from customer supplied surface mount ic's. modules range in length from 0.300" to 1.400" depending on number of pins and incorporate 0.300"and 0.600" row-to-row spacing with 0.100" lead spacing. custom configurations up to 200 pins, multi-chip and double sided modules are also available for special functions. a variety of pin lengths with varying diameters as well as custom sizes and spacing can be specified with different materials and finishes. all modules are designed in-house using pcb cad workstations. automated assembly and 100% testing are also performed in-house. features ? saves costly redesign of current motherboards ? fully tested with lifetime limited warranty ? may include an on board decouling capacitor ? ic assembly and testing available ? eprom and flash programming available ? custom lead lengths available ? custom multi-chip and double-sided modules available ordering options ? adapter only ? customer supplies chips - accutek assembles on accutek adapters, tests and delivers finis hed product in antistatic tubes. ? complete turnkey - accutek purchases ic?s and passives. then assembles, tests and delivers finished product in antistatic tubes. quarter size small outline package qsop dip adapters accutek microcircuit corporation dip adapter modules eliminate the need to redesign motherboards or may be used for breadboard prototyping accutek microcircuit corporation 5 new pasture road newburyport, ma 01950-4040 phone: 978-465-6200 fax: 978-462-3396 email: sales@accutekmicro.com internet: www.accutekmicro.com
page 2 accutekmicro.com 3/2012(qsop02) 0.300" 0.300" 0.125" ak06d300-qsop 0.080" 0.400" 0.070" 0.170" 0.025" 0.100" 6 pin qsop to dip 0.300" 0.400" ak08d300-qsop 0.400" 0.025" (.65mm) 0.125" 0.110" 8 pin qsop & ssop to dip 0.300" 0.700" 0.125" ak14d300-qsop 0.400" 0.025" (.65mm) 0.110" 0.100" 14 pin qsop & ssop to dip 0.300" 0.800" 0.125" ak16d300-qsop 0.400" 0.025" (.635mm) 0.110" 0.100" 16 pin qsop & ssop to dip 0.300" 0.900" 0.125" AK18D300-QSOP 0.400" 0.025" (.65mm) 0.110" 0.100" 18 pin qsop & ssop to dip 0.385" 0.165" 0.385" 0.165" 0.385" 0.165" 0.385" 0.165" we can assemble your chips on to our adapter boards. fully automated assembly and test at our newburyport, massachusetts facility. no job to large or small.
page 3 accutekmicro.com 3/2012(qsop03) 22 pin qsop & ssop to dip 0.025" (.65mm) ak22d300-qsop 1.100" 0.100" 0.110" 0.125" 0.400" 0.300" 0.300" 1.200" ak24d300-qsop 0.400" 0.025" (.635mm) 0.125" 0.110" 0.100" 24 pin qsop 0.025' pitch to dip 0.300" 1.400" ak28d300-qsop 0.400" 0.125" 0.110" 0.100" 28 pin qsop 0.025" pitch to dip 0.025" (.635mm) 0.600" 1.400" ak28d600-qsop 0.700" 0.025" (.65mm) 0.125" 0.080" 0.100" 28 pin qsop & ssop to dip600 ak28d600-qsop 0.300" 1.000" ak20d300-qsop 0.400" 0.025" (.635mm) 0.125" 0.110" 0.100" 20 pin qsop 0.025" pitch to dip 0.165" 0.385" 0.385" 0.385" 0.165" 0.385" 0.165" 0.385" 0.165"
page 4 accutekmicro.com 6/2012 (qsop-04) ak56d600-qsop.025 pitch 56 pin qsop 0.025 inch pitch to 0.600" wide dip 2.800" 0.600" 0.133" 0.108" 0.100" 0.411" 0.244" 0.025"


▲Up To Search▲   

 
Price & Availability of AK18D300-QSOP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X