Part Number Hot Search : 
KS5211 NJL21194 W8NA60 HM304 XHXXX 2SD1260A C9013N BL8596
Product Description
Full Text Search
 

To Download AEC-6643 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  AEC-6643 onboard intel? atom? d2550 b3 processor intel? gma 3650 graphic engine dual independent display: vga, dvi-d intel? nm10 chipset (pch) usb 2.0 and sata 3.0 gb/s easy to install mini card with sim slot x 1 & memory & hdd by 4 screws only compact size & low power cost-effective design fanless system design aaeons hi-safe support embedded controller with intel? atom? d2550 b3 processor front view rear view cpu onboard intel? atom? d2550 b3 processor chipset intel? nm10 system memory 204-pin ddr3 800/1066mhz sodimm x 2, up to 4gb display interface vga db-15 x 1 dvi dvi-d x 1 hdmi others storage device cf-sata hdd/ssd 2.5 sata hdd bay x 1 others network lan gigabit ethernet wireless optional by wi-fi/bluetooth kit front i/o usb port lan serial port dio audio kb/ms others antenna hole x 2 for optional wi-fi/bluetooth kit rear i/o usb port us b2.0 x 6 lan rj-45 x 2 serial port db-9 x 3 for rs-232 db-9 x 1 for rs-232/422/485 with 5/12v dio audio a udio jack x 3 for mic-in / line-out / line-in kb/ms others dc jack x 1 for dc12v power input power button x 1 db-15 x 1 for vga dvi-d x 1 expansion pcie pci mini card full-size mini card(pcie[x1]+usb) x 1 mini pci others indicator front rear power led x 1, hard disk drive active led x 1 power requirement lockable dc jack x 1 for dc12v power consumption system cooling passive mounting wallmount/vesa/din rail operating temperature 32f ~ 104f (0c ~ 40c) storage temperature 14f ~ 140f (-10c ~ 60c) anti-vibration 1g rms / 5~ 500hz / operation C hdd anti-shock 20 g peak acceleration (11 msec. duration) mtbf system led hdd led com 2 vga lan x 2 usb x 2 power switch power input com1 dvi usb x 4 audio com3 com4 11-5 11 www.aaeon.com features specifications boxer lite series - fanless embedded controller solutions
AEC-6643 ordering information part number cpu ram lan usb rs-232 rs-232/422/485 audio storage aaccessory cables display expansion mounting power temp. AEC-6643-a1-1010 intel? atom? d2550 b3 dual core1.86ghz processor 2 6 3 1 audio jack x 3 for mic-in / line-out / line-in 2.5 sata hdd bay x 1 vga x 1 dvi-d x 1 full-size mini card (pcie[x1]+usb) x 1 wallmount dc 12v 0c ~ 40c (w/o airflow) packing list optional accessories ? wallmount bracket x 2 ? screw package x 1 ? ram thermal pad (60mm x 12.5mm x 3mm) x 1 ? product cd ? AEC-6643 ? 1757306007 - dc jack for AEC-6643-a1 power adapter, 100/240v, 12v, w/ lockable connector, 5a, 60w, dc ? 1702031802 power cord (us type) ? 1702031803 power cord (european type) ? 97416646xx vesa mount kit certification emc ce /fcc class a safety dimension (w x h x d) 11.81 (w) x 3.05 (h) x 7.48(d) (300mm x 77.5mm x 190mm) gross weight note windows? xp pro 32-bit, windows? embedded standard 32-bit, windows? 7 32-bit, linux fedora 2.6.x 11-6 www.aaeon.com note: all specifications are subject to change without notice. dimension unit: mm


▲Up To Search▲   

 
Price & Availability of AEC-6643

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X