Part Number Hot Search : 
UAA2090T LTL2P NM422A TLE4268G G402U MR752 CMZ13 74150
Product Description
Full Text Search
 

To Download AD5662ARJ-1REEL7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2.7 v to 5.5 v, 250 a, rail-to-rail output 16-bit nano dac tm in a sot-23 ad5662 rev. a information furnished by analog devices is believed to be accurate and reliable. however, no responsibility is assumed by analog devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. specifications subject to change without notice. no license is granted by implication or otherwise under any patent or patent rights of analog devices. trademarks and registered trademarks are the property of their respective owners. one technology way, p.o. box 9106, norwood, ma 02062-9106, u.s.a. tel: 781.329.4700 www.analog.com fax: 781.326.8703 ?2005C2010 analog devices, inc. all rights reserved. features low power (250 a @ 5 v) single 16-bit nano dac 12-bit accuracy guaranteed tiny 8-lead sot-23/msop package power-down to 480 na @ 5 v, 100 na @ 3 v power-on reset to zero scale/midscale 2.7 v to 5.5 v power supply guaranteed 16-bit monotonic by design 3 power-down functions serial interface with schmitt-triggered inputs rail-to-rail operation sync interrupt facility temperature range ?40c to +125c qualified for automotive applications applications process control data acquisition systems portable battery-powered instruments digital gain and offset adjustment programmable voltage and current sources programmable attenuators functional block diagram ad5662 v ref gnd ref(+) v dd resistor network power-down control logic dac register power-on reset output buffer 16-bit dac input control logic v out v fb sync sclk din 04777-001 figure 1. general description the ad5662, a member of the nano dac family, is a low power, single, 16-bit buffered voltage-out dac that operates from a single 2.7 v to 5.5 v supply and is guaranteed monotonic by design. the ad5662 requires an external reference voltage to set the output range of the dac. the part incorporates a power-on reset circuit that ensures the dac output powers up to 0 v (ad5662x-1) or to midscale (ad5662x-2), and remains there until a valid write takes place. the part contains a power-down feature that reduces the current consumption of the device to 480 na at 5 v and provides software-selectable output loads while in power-down mode. the low power consumption of this part in normal operation makes it ideally suited to portable battery-operated equipment. the power consumption is 0.75 mw at 5 v, going down to 2.4 w in power-down mode. the ad5662s on-chip precision output amplifier allows rail-to- rail output swing to be achieved. for remote sensing applications, the output amplifiers inverting input is available to the user. the ad5662 uses a versatile 3-wire serial interface that operates at clock rates up to 30 mhz, and is compatible with standard spi?, qspi?, microwire?, and dsp interface standards. product highlights 1. 16-bit dac12-bit accuracy guaranteed. 2. available in 8-lead sot-23 and 8-lead msop packages. 3. low power. typically consumes 0.42 mw at 3 v and 0.75 mw at 5 v. 4. power-on reset to zero scale or to midscale. 5. 10 s max settling time. related devices part no. description ad5620/ad5640/ad5660 3 v/5 v 12-/14-/16-bit dac with internal reference in sot-23
ad5662 rev. a | page 2 of 24 table of contents specifications ..................................................................................... 3 ? timing characteristics ..................................................................... 5 ? absolute maximum ratings ............................................................ 6 ? esd caution .................................................................................. 6 ? pin configuration and function description .............................. 7 ? typical performance characteristics ............................................. 8 ? ter mi nolo g y .................................................................................... 13 ? theory of operation ...................................................................... 14 ? dac section ................................................................................ 14 ? resistor string ............................................................................. 14 ? output amplifier ........................................................................ 14 ? serial interface ............................................................................ 14 ? input shift register .................................................................... 15 ? sync interrupt .......................................................................... 15 ? power-on reset .......................................................................... 15 ? power-down modes .................................................................. 16 ? microprocessor interfacing ...................................................... 16 ? applications ..................................................................................... 18 ? choosing a reference for the ad5662 .................................... 18 ? using a reference as a power supply for the ad5662 .......... 18 ? bipolar operation using the ad5662 ..................................... 19 ? using the ad5662 as an isolated, programmable, 4-20 ma process controller ...................................................................... 19 ? using ad5662 with a galvanically isolated interface ........... 20 ? power supply bypassing and grounding ................................ 20 ? outline dimensions ....................................................................... 21 ? ordering guide .......................................................................... 22 ? automotive products ................................................................. 22 ? revision history 12/10rev. 0 to rev. a changes to features section.............................................................1 changes to ordering guide ...........................................................22 added automotive products section ...........................................22 1/05revision 0: initial version
ad5662 rev. a | page 3 of 24 specifications v dd = 2.7 v to 5.5 v; r l = 2 k to gnd; c l = 200 pf to gnd; v ref = v dd ; all specifications t min to t max , unless otherwise noted. table 1. a grade b grade y version 1 parameter min typ max min typ max unit conditions/comments static performance 2 resolution 16 16 bits relative accuracy 8 32 8 16 lsb see figure 4 differential nonlinearity 1 1 lsb guaranteed monotonic by design see figure 5 zero code error 2 10 2 10 mv all 0s loaded to dac register full-scale error ?0.2 ?1 ?0.2 ?1 % fsr all 1s loaded to dac register offset error 10 10 mv gain error 1.5 1.5 % fsr zero code error drift 3 2 2 v/c gain temperature coefficient 3 2.5 2.5 ppm of fsr/c dc power supply rejection ratio 3 ?100 ?100 db dac code = midscale; v dd = 5 v/3 v 10% output characteristics 3 output voltage range 0 v dd 0 v dd v output voltage settling time 8 10 8 10 s ? to ? scale change settling to 2 lsb r l = 2 k; 0 pf < c l < 200 pf slew rate 1.5 1.5 v/s ? to ? scale capacitive load stability 2 2 nf r l = 10 10 nf r l = 2 k output noise spectral density 4 100 100 nv/hz dac code = midscale,10 khz output noise (0.1 hz to 10 hz) 4 10 10 v p-p dac code = midscale total harmonic distortion (thd) 4 ?80 ?80 db v ref = 2 v 300 mv p-p, f = 5 khz digital-to-analog glitch impulse 5 5 nv-s 1 lsb change around major carry digital feedthrough 0.1 0.1 nv-s dc output impedance 0.5 0.5 short-circuit current 4 30 30 ma v dd = 5 v, 3 v power-up time 4 4 s coming out of power-down mode v dd = 5 v, 3 v reference input 3 reference current 40 75 40 75 a v ref = v dd = 5 v 30 50 30 50 a v ref = v dd = 3.6 v reference input range 5 0.75 v dd 0.75 v dd v reference input impedance 125 125 k logic inputs 3 input current 2 2 a all digital inputs v inl , input low voltage 0.8 0.8 v v dd = 5 v, 3 v v inh , input high voltage 2 2 v v dd = 5 v, 3 v pin capacitance 3 3 pf
ad5662 rev. a | page 4 of 24 a grade b grade y version 1 parameter min typ max min typ max unit conditions/comments power requirements v dd 2.7 5.5 2.7 5.5 v all digital inputs at 0 v or v dd i dd (normal mode) dac active and excluding load current v dd = 4.5 v to 5.5 v 150 250 150 250 a v ih = v dd and v il = gnd v dd = 2.7 v to 3.6 v 140 225 140 225 a v ih = v dd and v il = gnd i dd (all power-down modes) v dd = 4.5 v to 5.5 v 0.48 1 0.48 1 a v ih = v dd and v il = gnd v dd = 2.7 v to 3.6 v 0.1 0.375 0.1 0.375 a v ih = v dd and v il = gnd power efficiency i out /i dd 90 90 % i load = 2 ma. v dd = 5 v 1 temperature range is as follows: y version: ?40c to +125c, typical at +25c. 2 dc specifications tested with the outputs unloaded, unless othe rwise stated. linearity calculated using a reduced code range o f 512 to 65024. 3 guaranteed by design and characterization; not production tested. 4 output unloaded. 5 reference input range at ambient where 1 lsb max dnl specification is achievable.
ad5662 rev. a | page 5 of 24 timing characteristics all input signals are specified with tr = tf = 1 ns/v (10% to 90% of v dd ) and timed from a voltage level of (v il + v ih )/2. see figure 2 . v dd = 2.7 v to 5.5 v; all specifications t min to t max , unless otherwise noted. table 2. limit at t min , t max parameter v dd = 2.7 v to 3.6 v v dd = 3.6 v to 5.5 v unit conditions/comments t 1 1 50 33 ns min sclk cycle time t 2 13 13 ns min sclk high time t 3 13 13 ns min sclk low time t 4 13 13 ns min sync to sclk falling edge setup time t 5 5 5 ns min data setup time t 6 4.5 4.5 ns min data hold time t 7 0 0 ns min sclk falling edge to sync rising edge t 8 50 33 ns min minimum sync high time t 9 13 13 ns min sync rising edge to sclk fall ignore t 10 0 0 ns min sclk falling edge to sync fall ignore 1 maximum sclk frequency is 30 mhz at v dd = 3.6 v to 5.5 v, and 20 mhz at v dd = 2.7 v to 3.6 v. din sync sclk db23 db0 t 9 t 10 t 4 t 3 t 2 t 7 t 6 t 5 t 1 t 8 04777-002 figure 2. serial write operation
ad5662 rev. a | page 6 of 24 absolute maximum ratings t a = 25c, unless otherwise noted. table 3. parameter rating v dd to gnd ?0.3 v to +7 v v out to gnd ?0.3 v to v dd + 0.3 v v fb to gnd ?0.3 v to v dd + 0.3 v v ref to gnd ?0.3 v to v dd + 0.3 v digital input voltage to gnd ?0.3 v to v dd + 0.3 v operating temperature range industrial (y versio n) ?40c to +125c storage temperature range ?65c to +150c junction temperature (t j max) 150c power dissipation (t j max ? t a )/ ja sot-23 package (4-layer board) ja thermal impedance 119c/w msop package (4-layer board) ja thermal impedance 141c/w jc thermal impedance 44c/w reflow soldering pe ak temperature snpb 240c pb-free 260c esd 2 kv stresses above those listed under absolute maximum ratings may cause permanent damage to the device. this is a stress rating only; functional operation of the device at these or any other conditions above those listed in the operational sections of this specification is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. esd caution esd (electrostatic discharge) sensitive device. electros tatic charges as high as 4000 v readily accumulate on the human body and test equipment and can discharge wi thout detection. although this product features proprietary esd protection circuitry, permanent dama ge may occur on devices subjected to high energy electrostatic discharges. therefore, proper esd precautions are recommended to avoid performance degradation or loss of functionality.
ad5662 rev. a | page 7 of 24 pin configuration and function description v dd 1 v ref 2 v fb 3 v out 4 gnd 8 din 7 sclk 6 sync 5 ad5662 top view (not to scale) 04777-003 figure 3. pin configuration table 4. pin function descriptions pin no. mnemonic function 1 v dd power supply input. these parts can be operated from 2.7 v to 5.5 v. v dd should be decoupled to gnd. 2 v ref reference voltage input. 3 v fb feedback connection fo r the output amplifier. v fb should be connected to v out for normal operation. 4 v out analog output voltage from dac. the outp ut amplifier has rail-to-rail operation. 5 sync level-triggered control input (active low). this is the frame synchronizat ion signal for the input data. when sync goes low, it enables the input shift register, and data is transferred in on the falling edges of the following clocks. the dac is updated following the 24 th clock cycle unless sync is taken high before this edge, in which case the rising edge of sync acts as an interrupt and the write sequence is ignored by the dac. 6 sclk serial clock input. data is clocked into the input shift register on the falli ng edge of the serial clock input. data can be transferred at rates up to 30 mhz. 7 din serial data input. this device has a 24-bit shift register. da ta is clocked into the register on the falling edge of the serial clock input. 8 gnd ground reference point for all circuitry on the part.
ad5662 rev. a | page 8 of 24 typical performance characteristics code inl error (lsb) 10 4 6 8 0 2 ?6 ?10 ?8 ?2 ?4 0 5k 10k 15k 20k 25k 30k 35k 40k 45k 50k 55k 60k 65k 04777-011 v dd = v ref = 5v t a = 25c figure 4. typical inl plot figure 5. typical dnl plot codes error (lsb) 90 70 80 50 40 30 60 20 10 0 511 20511 10511 30511 50511 40511 60511 04777-019 v dd = v ref = 5v t a = 25c figure 6. typical total unadjusted error plot temperature (c) error (lsb) 8 6 4 2 ?6 ?4 ?2 0 ?8 ?40 ?20 40 200 100 8060 120 04777-036 min dnl max dnl max inl min inl v dd = v ref = 5v figure 7. inl error and dnl error vs. temperature v ref (v) error (lsb) 10 4 6 8 2 0 ?8 ?6 ?4 ?2 ?10 0.75 1.25 1.75 2.25 4.25 3.75 3.25 2.75 4.75 04777-045 min dnl max dnl max inl min inl v dd = 5v t a = 25 c figure 8. inl and dnl error vs. v ref v dd (v) error (lsb) 8 6 4 2 ?6 ?4 ?2 0 ?8 2.7 3.2 3.7 4.7 4.2 5.2 04777-041 min dnl max dnl max inl min inl t a = 25 c figure 9. inl and dnl error vs. supply
ad5662 rev. a | page 9 of 24 temperature ( c) error (% fsr) 0 ?0.04 ?0.22 ?0.06 ?0.08 ?0.01 ?0.18 ?0.16 ?0.14 ?0.12 ?0.20 ?40 ?20 40 200 100 8060 120 04777-038 v dd = 5v gain error full-scale error figure 10. gain error and full-scale error vs. temperature temperature ( c) error (mv) 1.5 1.0 0.5 0 ?2.0 ?1.5 ?1.0 ?0.5 ?2.5 ?40 ?20 40 200 100 8060 120 04777-035 offset error zero-scale error figure 11. zero-scale and offset error vs. temperature v dd (v) error (% fsr) 1.0 ?1.5 ?1.0 ?0.5 0 0.5 ?2.0 2.7 3.2 3.7 4.7 4.2 5.2 04777-042 gain error full-scale error figure 12. gain error and full-scale error vs. supply v dd (v) error (mv) 1.0 0.5 0 ?2.0 ?1.5 ?1.0 ?0.5 ?2.5 2.7 3.2 4.2 3.7 5.2 4.7 04777-039 zero-scale error offset error t a = 25 c figure 13. zero-scale and offset error vs. supply i dd ( a) number of devices 20 14 16 18 12 10 2 4 6 8 0 215 216 217 218 222 221 220 219 223 224 225 226 227 231 230 229 228 232 more 04777-046 v dd = v ref = 5.5v t a = 25 c figure 14. i dd histogram with v dd = 5.5 v i (ma) error voltage (v) 0.20 ?0.25 ?0.20 ?0.15 ?0.10 ?0.05 0 0.05 0.10 0.15 ?5 ?4 ?3 ?2 ?1 0 1 2 4 35 04777-013 v dd = v ref = 5v, 3v t a = 25 c dac loaded with zero scale ? sinking current dac loaded with full scale ? sourcing current figure 15. headroom at rails vs. source and sink current
ad5662 rev. a | page 10 of 24 code i dd ( a) 250 50 100 150 200 0 512 10512 30512 20512 50512 60512 40512 04777-043 t a = 25 c v dd = v ref = 5v v dd = v ref = 3v figure 16. supply current vs. code temperature (c) i dd ( a) 160 140 120 100 20 40 60 80 0 ?40 ?20 40 200 100 8060 120 04777-037 v dd = 3v v dd =5v figure 17. supply current vs. temperature v dd (v) i dd ( a) 160 120 140 100 20 40 60 80 0 2.7 3.2 4.2 3.7 5.2 4.7 04777-040 t a = 25 c figure 18. supply current vs. supply voltage v logic (v) i dd ( a) 1000 200 400 600 800 0 300 500 700 900 100 01 2 4 3 04777-044 5 t a = 25 c v dd = 5v v dd = 3v figure 19. supply current vs. logic input voltage 04777-014 time base = 4 s/div v dd = v ref = 3v t a = 25 c full-scale code change 0x0000 to 0xffff output loaded with 2k and 200pf to gnd v out = 455mv/div figure 20. full-scale settling time, 3 v 04777-015 time base = 4 s/div v dd = v ref = 5v t a = 25 c full-scale code change 0x0000 to 0xffff output loaded with 2k and 200pf to gnd v out = 909mv/div 1 figure 21. full-scale settling time, 5 v
ad5662 rev. a | page 11 of 24 04777-016 ch1 2.0v ch2 500mv m100 s 125ms/s a ch1 1.28v 8.0ns/pt v dd = v ref = 5v t a = 25 c v out v dd 1 2 max(c2)* 420.0mv figure 22. power-on reset to 0 v 04777-017 ch1 2.0v ch2 1.0v m100 s 125ms/s a ch1 1.28v 8.0ns/pt v dd = v ref = 5v t a = 25 c v out v dd 1 2 figure 23. power-on reset to midscale 04777-018 ch1 2.0v ch2 1.0v m1.0 s 5.0gs/s a ch2 2.16v 200ps/pt v out sclk 1 2 figure 24. exiting power-down to midscale sample number amplitude 2.502500 2.502250 2.502000 2.501750 2.501500 2.501250 2.501000 2.500750 2.500500 2.500250 2.500000 2.499750 2.499500 2.499250 2.499000 2.498750 0 150 200 250 50 100 300 350 400 450 500 550 04777-005 v dd = v ref = 5v t a = 25 c 13ns/sample number 1 lsb change around midscale (0x8000 to 0x7fff) glitch impulse = 2.723nv.s figure 25. digital-to-analog glitch impulse (negative) sample number amplitude 2.500400 2.500300 2.500200 2.500100 2.500000 2.499900 2.499800 2.499700 2.499600 2.499500 2.499400 2.499300 2.499200 2.499100 v dd = v ref = 5v t a = 25 c 13ns/sample number 1 lsb change around midscale (0x7fff to 0x8000) glitch impulse = 1.271nv.s 0 150 200 250 50 100 300 350 400 450 500 550 04777-006 figure 26. digital-to-analog glitch impulse (positive) sample number amplitude 2.500250 2.500200 2.500150 2.500100 2.500050 2.500000 2.499950 2.499900 2.499850 2.499800 2.499750 2.499700 2.499650 2.499600 0 150 200 250 50 100 300 350 400 450 500 550 04777-007 v dd = v ref = 5v t a = 25 c 20ns/sample number dac loaded with midscale digital feedthrough = 0.06nv.s figure 27. digital feedthrough
ad5662 rev. a | page 12 of 24 04777-010 1 y axis = 2 v/div x axis = 4s/div v dd = v ref = 5v t a = 25 c dac loaded with midscale hz db ?20 ?50 ?80 ?30 ?40 ?60 ?70 ?90 ?100 2k 4k 6k 8k 10k 04777-008 v dd = 5v t a = 25 c dac loaded with full scale v ref = 2v 0.3vp-p figure 30. 0.1 hz to 10 hz output noise plot figure 28. total harmonic distortion capacitance (nf) time ( s) 16 14 12 10 8 6 4 012 34567 9 81 04777-009 frequency (hz) output noise (nv/ hz) 800 600 700 400 500 100 200 300 0 10 100k 10k 1k 100 1m 04777-020 v dd = v ref = 5v t a = 25c 0 v ref = v dd t a = 25 c v dd = 5v v dd = 3v figure 31. noise spectral density figure 29. settling time vs. capacitive load
ad5662 rev. a | page 13 of 24 terminology relative accuracy or integral nonlinearity (inl) for the dac, relative accuracy or integral nonlinearity is a measurement of the maximum deviation, in lsbs, from a straight line passing through the endpoints of the dac transfer function. a typical inl vs. code plot can be seen in figure 4 . differential nonlinearity (dnl) differential nonlinearity is the difference between the measured change and the ideal 1 lsb change between any two adjacent codes. a specified differential nonlinearity of 1 lsb maximum ensures monotonicity. this dac is guaranteed monotonic by design. a typical dnl vs. code plot can be seen in figure 5 . zero-code error zero-code error is a measurement of the output error when zero code (0x0000) is loaded to the dac register. ideally, the output should be 0 v. the zero-code error is always positive in the ad5662 because the output of the dac cannot go below 0 v. it is due to a combination of the offset errors in the dac and the output amplifier. zero-code error is expressed in mv. a plot of zero-code error vs. temperature can be seen in figure 11 . full-scale error full-scale error is a measurement of the output error when full- scale code (0xffff) is loaded to the dac register. ideally, the output should be v dd ? 1 lsb. full-scale error is expressed in percent of full-scale range. a plot of full-scale error vs. temperature can be seen in figure 10 . gain error this is a measure of the span error of the dac. it is the deviation in slope of the dac transfer characteristic from ideal expressed as a percent of the full-scale range. tot a l un a dju s te d e r ror ( t u e ) total unadjusted error is a measurement of the output error, taking all the various errors into account. a typical tue vs. code plot can be seen in figure 6 . zero-code error drift this is a measurement of the change in zero-code error with a change in temperature. it is expressed in v/c. gain temperature coefficient this is a measurement of the change in gain error with changes in temperature. it is expressed in (ppm of full-scale range)/c. offset error offset error is a measure of the difference between v out (actual) and v out (ideal) expressed in mv in the linear region of the transfer function. offset error is measured on the ad5662 with code 512 loaded in the dac register. it can be negative or positive. dc power supply rejection ratio (psrr) this indicates how the output of the dac is affected by changes in the supply voltage. psrr is the ratio of the change in v out to a change in v dd for full-scale output of the dac. it is measured in db. v ref is held at 2 v, and v dd is varied by 10%. output voltage settling time this is the amount of time it take s for the output of a dac to settle to a specified level for a ? to ? full-scale input change and is measured from the 24 th falling edge of sclk. digital-to-analog glitch impulse digital-to-analog glitch impulse is the impulse injected into the analog output when the input code in the dac register changes state. it is normally specified as the area of the glitch in nv-s, and is measured when the digital input code is changed by 1 lsb at the major carry transition (0x7fff to 0x8000). see figure 25 and figure 26 . digital feedthrough digital feedthrough is a measure of the impulse injected into the analog output of the dac from the digital inputs of the dac, but is measured when the dac output is not updated. it is specified in nv-s, and measured with a full-scale code change on the data bus, that is, from all 0s to all 1s and vice versa. total harmonic distortion (thd) this is the difference between an ideal sine wave and its attenuated version using the dac. the sine wave is used as the reference for the dac, and the thd is a measurement of the harmonics present on the dac output. it is measured in db. noise spectral density this is a measurement of the internally generated random noise. random noise is characterized as a spectral density (voltage per hz). it is measured by loading the dac to m idscale and meas- uring noise at the output. it is measured in nv/ hz. a plot of noise spectral density can be seen in figure 31 .
ad5662 rev. a | page 14 of 24 theory of operation dac section the ad5662 dac is fabricated on a cmos process. the architecture consists of a string dac followed by an output buffer amplifier. figure 32 shows a block diagram of the dac architecture. v dd r r v out gnd resistor string ref (+) ref (?)  output amplifier dac register 04777-022 v fb figure 32. dac architecture since the input coding to the dac is straight binary, the ideal output voltage is given by u 65,536 d vv ref out where d is the decimal equivalent of the binary code that is loaded to the dac register. it can range from 0 to 65,535. resistor string the resistor string section is shown in figure 33 . it is simply a string of resistors, each of value r. the code loaded to the dac register determines at which node on the string the voltage is tapped off to be fed into the output amplifier. the voltage is tapped off by closing one of the switches connecting the string to the amplifier. because it is a string of resistors, it is guaranteed monotonic. r r r r r to output amplifier 04777-023 figure 33. resistor string output amplifier the output buffer amplifier can generate rail-to-rail voltages on its output, which gives an output range of 0 v to v dd . this output buffer amplifier has a gain of 2 derived from a 50 k resistor divider network in the feedback path. the output amplifiers inverting input is available to the user, allowing for remote sensing. this v fb pin must be connected to v out for normal operation. it can drive a load of 2 k in parallel with 1000 pf to gnd. the source and sink capabilities of the output amplifier can be seen in figure 15 . the slew rate is 1.5 v/s with a ? to ? full-scale settling time of 10 s. serial interface the ad5662 has a 3-wire serial interface ( sync , sclk, and din) that is compatible with spi, qspi, and microwire interface standards as well as with most dsps. see for a timing diagram of a typical write sequence. figure 2 the write sequence begins by bringing the sync line low. data from the din line is clocked into the 24-bit shift register on the falling edge of sclk. the serial clock frequency can be as high as 30 mhz, making the ad5662 compatible with high speed dsps. on the 24 th falling clock edge, the last data bit is clocked in and the programmed function is executed, that is, a change in dac register contents and/or a change in the mode of opera- tion. at this stage, the sync line can be kept low or be brought high. in either case, it must be brought high for a minimum of 33 ns before the next write sequence so that a falling edge of sync can initiate the next write sequence. since the sync buffer draws more current when v in = 2.4 v than it does when v in = 0.8 v, sync should be idled low between write sequences for even lower power operation. as mentioned previously it must, however, be brought high again just before the next write sequence.
ad5662 rev. a | page 15 of 24 input shift register the input shift register is 24 bits wide (see figure 34 ). the first six bits are dont cares. the next two are control bits that control the parts mode of operation (normal mode or any one of three power-down modes). see the power-down modes section for a more complete description of the various modes. the next 16 bits are the data bits. these are transferred to the dac register on the 24 th falling edge of sclk. sync interrupt in a normal write sequence, the sync line is kept low for at least 24 falling edges of sclk, and the dac is updated on the 24 th falling edge. however, if sync is brought high before the 24 th falling edge, this acts as an interrupt to the write sequence. the shift register is reset and the write sequence is seen as invalid. neither an update of the dac register contents nor a change in the operating mode occurs (see ). figure 35 power-on reset the ad5662 family contains a power-on reset circuit that controls the output voltage during power-up. the ad5662x-1 dac output powers up to 0 v, and the ad5662x-2 dac output powers up to midscale. the output remains there until a valid write sequence is made to the dac. this is useful in applications where it is important to know the state of the output of the dac while it is in the process of powering up. data bits db23 (msb) pd1 pd0 d15 d14 d13 d12 x x x x x x d11 d10 d9 d8 d7 d6 d5 d4 d3 d2 dbo (lsb) d1 d0 normal operation 1 k to gnd 100 k to gnd three-state power-down modes 0 0 1 1 0 1 0 1 04777-024 figure 34. input register contents 04777-025 din db23 db23 db0 db0 invalid write sequence: sync high before 24 th falling edge valid write sequence, output updates on the 24 th falling edge sync sclk figure 35. sync interrupt facility
ad5662 rev. a | page 16 of 24 power-down modes the ad5662 contains four separate modes of operation. these modes are software-programmable by setting two bits (db17 and db16) in the control register. tabl e 5 shows how the state of the bits corresponds to the devices mode of operation. table 5. modes of operation for the ad5662 db17 db16 operating mode 0 0 normal operation power-down modes 0 1 1 k to gnd 1 0 100 k to gnd 1 1 three-state when both bits are set to 0, the part works normally with its normal power consumption of 250 a at 5 v. however, for the three power-down modes, the supply current falls to 480 na at 5 v (100 na at 3 v). not only does the supply current fall, but the output stage is also internally switched from the output of the amplifier to a resistor network of known values. this has the advantage that the output impedance of the part is known while the part is in power-down mode. the outputs can either be connected internally to gnd through a 1 k or 100 k resistor, or left open-circuited (three-state) (see figure 36 ). resistor network v out resistor string dac 04777-026 power-down circuitry amplifier figure 36. output stage during power-down the bias generator, the output amplifier, the resistor string, and other associated linear circuitry are shut down when power- down mode is activated. however, the contents of the dac register are unaffected when in power-down. the time to exit power-down is typically 4 s for v dd = 5 v and for v dd = 3 v (see figure 24 ). microprocessor interfacing ad5662 to blackfin? adsp-bf53x interface figure 37 shows a serial interface between the ad5662 and the blackfin adsp-bf53x microprocessor. the adsp-bf53x processor family incorporates two dual-channel synchronous serial ports, sport1 and sport0, for serial and multiprocessor communications. using sport0 to connect to the ad5662, the setup for the interface is as follows. dt0pri drives the din pin of the ad5662, while tsclk0 drives the sclk of the part. the sync is driven from tfs0. ad5662* *additional pins omitted for clarity tfs0 dtopri tsclk0 sync din sclk 04777-027 adsp-bf53x* figure 37. ad5662 to blackfin adsp-bf53x interface ad5662 to 68hc11/68l11 interface figure 38 shows a serial interface between the ad5662 and the 68hc11/68l11 microcontroller. sck of the 68hc11/68l11 drives the sclk of the ad5662, while the mosi output drives the serial data line of the dac. the sync signal is derived from a port line (pc7). the setup conditions for correct operation of this interface are as follows. the 68hc11/68l11 is configured with its cpol bit as a 0 and its cpha bit as a 1. when data is being transmitted to the dac, the sync line is taken low (pc7). when the 68hc11/ 68l11 is configured as described above, data appearing on the mosi output is valid on the falling edge of sck. serial data from the 68hc11/68l11 is transmitted in 8-bit bytes with only eight falling clock edges occurring in the transmit cycle. data is transmitted msb first. in order to load data to the ad5662, pc7 is left low after the first eight bits are transferred, and a second serial write operation is performed to the dac; pc7 is taken high at the end of this procedure. ad5662* *additional pins omitted for clarity pc7 sck mosi sync sclk din 04777-028 68hc11/68l11* figure 38. ad5662 to 68hc11/68l11 interface
ad5662 rev. a | page 17 of 24 ad5662 to 80c51/80l51 interface ad5662 to microwire interface figure 39 shows a serial interface between the ad5662 and the 80c51/80l51 microcontroller. the setup for the interface is as follows. txd of the 80c51/80l51 drives sclk of the ad5662, while rxd drives the serial data line of the part. the sync signal is again derived from a bit-programmable pin on the port. in this case, port line p3.3 is used. when data is to be transmitted to the ad5662, p3.3 is taken low. the 80c51/80l51 transmits data in 8-bit bytes only; thus only eight falling clock edges occur in the transmit cycle. to load data to the dac, p3.3 is left low after the first eight bits are transmitted, and a second write cycle is initiated to transmit the second byte of data. p3.3 is taken high following the completion of this cycle. the 80c51/80l51 outputs the serial data in a format that has the lsb first. the ad5662 must receive data with the msb first. the 80c51/80l51 transmit routine should take this into account. figure 40 shows an interface between the ad5662 and any microwire-compatible device. serial data is shifted out on the falling edge of the serial clock and is clocked into the ad5662 on the rising edge of the sk. microwire* ad5662* *additional pins omitted for clarity cs sk so sync sclk din 04777-030 figure 40. ad5662 to microwire interface 80c51/80l51* ad5662* *additional pins omitted for clarity p3.3 txd rxd sync sclk din 04777-029 figure 39. ad5662 to 80c51/80l51 interface
ad5662 rev. a | page 18 of 24 applications choosing a reference for the ad5662 to achieve the optimum pe rformance from the ad5662, thought should be given to the choice of a precision voltage reference. the ad5662 has only one reference input, v ref . the voltage on the reference input is used to supply the positive input to the dac. therefore any error in the reference is reflected in the dac. when choosing a voltage referenc e for high accuracy applica- tions, the sources of error are initial accuracy, ppm drift, long- term drift, and output voltage noise. initial accuracy on the output voltage of the dac leads to a full-scale error in the dac. to minimize these errors, a reference with high initial accuracy is preferred. also, choos ing a reference with an output trim adjustment, such as the ad r423, allows a system designer to trim system errors out by setting a reference voltage to a voltage other than the nominal. the trim adjustment can also be used at temperature to trim out any error. long-term drift is a measuremen t of how much the reference drifts over time. a reference with a tight long-term drift specification ensures that the overall solution remains relatively stable during its entire lifetime. the temperature coefficient of a references output voltage effect inl, dnl, and tue. a reference with a tight temperature coefficient specification should be chosen to reduce temperature dependence of the dac output voltage in ambient conditions. in high accuracy applications, which have a relatively low noise budget, reference output voltage noise needs to be considered. it is important to choose a reference with as low an output noise voltage as practical for the system noise resolution required. precision voltage references such as the adr425 produce low output noise in the 0.1 hz to10 hz range. examples of recom- mended precision references for use as supply to the ad5662 are shown in the table 6 . using a reference as a power supply for the ad5662 because the supply current required by the ad5662 is extremely low, an alternative option is to use a voltage reference to supply the required voltage to the part (see figure 41 ). this is especially useful if the power supply is quite noisy, or if the system supply voltages are at some value other than 5 v or 3 v, for example, 15 v. the voltage reference outputs a steady supply voltage for the ad5662; see table 6 for a suitable reference. if the low drop- out ref195 is used, it must supply 250 a of current to the ad5662, with no load on the output of the dac. when the dac output is loaded, the ref195 also needs to supply the current to the load. the total current required (with a 5 k load on the dac output) is 250 a + (5 v/5 k) = 1.25 ma the load regulation of the ref195 is typically 2 ppm/ma, which results in a 2.5 ppm (12.5 v) error for the 1.25 ma current drawn from it. this corresponds to a 0.164 lsb error. ad5662 3-wire serial interface sync sclk din +15v +5v 250 a v out = 0v to 5v v ref v dd ref195 04777-031 figure 41. ref195 as power supply to the ad5662 table 6. partial list of precisio n references for use with the ad5662 part no. initial accuracy (mv max) temp drift (ppm o c max) 0.1 hz to 10 hz noise (v p-p typ) v out (v) adr425 2 3 3.4 5 adr395 6 25 5 5 ref195 2 5 50 5 ad780 2 3 4 2.5/3 adr423 2 3 3.4 3
ad5662 rev. a | page 19 of 24 bipolar operation using the ad5662 the ad5662 has been designed for single-supply operation, but a bipolar output range is also possible using the circuit in figure 42 . the circuit gives an output voltage range of 5 v. rail-to-rail operation at the amplifier output is achievable using an ad820 or an op295 as the output amplifier. the output voltage for any input code can be calculated as follows: ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? + ? ? ? ? ? ? = r1 r2 v r1 r2r1d vv dd dd o 536,65 where d represents the input code in decimal (0 to 65,535). with v dd = 5 v, r1 = r2 = 10 k, v5 536,65 10 ? ? ? ? ? ? ? = d v o this is an output voltage range of 5 v, with 0x0000 corre- sponding to a ?5 v output, and 0xffff corresponding to a +5 v output. r2 = 10k 04777-032 +5v ?5v ad820/ op295 three-wire serial interface +5v ad5662 v ref v out v fb r1 = 10k 5v 0.1 f 10 f figure 42. bipolar operation with the ad5662 using the ad5662 as an isolated, programmable, 4-20 ma process controller in many process control system applications, 2-wire current transmitters are used to transmit analog signals through noisy environments. these current transmitters use a zero-scale signal current of 4 ma that can power the transmitters signal conditioning circuitry. the full-scale output signal in these transmitters is 20 ma. the co nverse approach to process control can also be used; a low-power, programmable current source can be used to contro l remotely located sensors or devices in the loop. a circuit that performs this function is shown in figure 43 . using the ad5662 as the contro ller, the circuit provides a programmable output current of 4 ma to 20 ma, proportional to the dacs digital code. biasing for the controller is provided by the adr02 and requires no external trim for two reasons: (1) the adr02s tight initial output voltage tolerance and (2) the low supply current consumption of both the ad8627 and the ad5662. the entire circuit, including opto-couplers, consumes less than 3 ma from the total budget of 4 ma. the ad8627 regulates the output curre nt to satisfy the current summation at the noninver ting node of the ad8627. i out = 1/ r7 (v dac r3 / r1 + v ref r3 / r2 ) for the values shown in figure 43 , i out = 0.2435 a d + 4 ma where d = 0 d 65535, giving a full-scale output current of 20 ma when the ad5662s digital code equals 0xffff. offset trim at 4 ma is provided by p2, and p1 provides the circuits gain trim at 20 ma. these two trims do not interact because the noninverting input of the ad8627 is at virtual ground. the schottky diode, d1, is required in this circuit to prevent loop supply power-on transients from pulling the noninverting input of the ad8627 more than 300 mv below its inverting input. without this diode, such transients could cause phase reversal of the ad8627 and possible latch-up of the controller. the loop supply voltage compliance of the circuit is limited by the maxi- mum applied input voltage to the adr02 and is from 12 v to 40 v. 04777-034 seria l load ad5662 v loop 12v to 36v 4ma to 20ma ad8627 r1 4.7k r2 18.5k p1 20ma adjust p2 4ma adjust r6 3.3k r3 1.5k d1 q1 2n3904 r7 100 rl adr02 figure 43. programmable 4C20 ma process controller
ad5662 rev. a | page 20 of 24 using ad5662 with a galvanically isolated interface in process-control applications in industrial environments, it is often necessary to use a galvanically isolated interface to protect and isolate the controlling circuitry from any hazardous common-mode voltages that might occur in the area where the dac is functioning. isocouplers provide isolation in excess of 3 kv. the ad5662 uses a 3-wire serial logic interface, so the adum130x 3-channel digital isolator provides the required isolation (see figure 44 ). the power supply to the part also needs to be isolated, which is done by using a transformer. on the dac side of the transformer, a 5 v regulator provides the 5 v supply required for the ad5662. 0.1 f +5v regulator gnd 04777-033 din sync sclk power 10 f sdi sclk data ad5662 v out vob voc v dd v1c v1b v1a admu103x figure 44. ad5662 with a galvanically isolated interface power supply bypassing and grounding when accuracy is important in a circuit, it is helpful to carefully consider the power supply and ground return layout on the board. the printed circuit board containing the ad5662 should have separate analog and digital sections, each having its own area of the board. if the ad5662 is in a system where other devices require an agnd-to-dgnd connection, the connection should be made at one point only. this ground point should be as close as possible to the ad5662. the power supply to the ad5662 should be bypassed with 10 f and 0.1 f capacitors. the capacitors should be located as close as possible to the device, with the 0.1 f capacitor ideally right up against the device. the 10 f capacitors are the tantalum bead type. it is important that the 0.1 f capacitor has low effective series resistance (esr) and effective series inductance (esi), for example, common ceramic types of capacitors. this 0.1 f capacitor provides a low impedance path to ground for high frequencies caused by transient currents due to internal logic switching. the power supply line itself should have as large a trace as possible to provide a low impedance path and to reduce glitch effects on the supply line. clocks and other fast switching digital signals should be shielded from other parts of the board by digital ground. avoid crossover of digital and analog signals if possible. when traces cross on opposite sides of the board, ensure that they run at right angles to each other to reduce feedthrough effects through the board. the best board layout technique is the microstrip technique where the component side of the board is dedicated to the ground plane only and the signal traces are placed on the solder side. however, this is not always possible with a 2-layer board.
ad5662 rev. a | page 21 of 24 outline dimensions 1 3 5 6 2 8 4 7 2.90 bsc 1.60 bsc 1.95 bsc 0.65 bsc 0.38 0.22 0.15 max 1.30 1.15 0.90 seating plane 1.45 max 0.22 0.08 0.60 0.45 0.30 8 4 0 2.80 bsc pin 1 indicato r compliant to jedec standards mo-178ba figure 45. 8-lead sot-23 (rj-8) dimensions shown in millimeters 0.80 0.60 0.40 8 0 4 85 4.90 bsc pin 1 0.65 bsc 3.00 bsc seating plane 0.15 0.00 0.38 0.22 1.10 max 3.00 bsc coplanarity 0.10 0.23 0.08 compliant to jedec standards mo-187aa figure 46. 8-lead mini small outline package [msop] (rm-8) dimensions shown in millimeters
ad5662 rev. a | page 22 of 24 ordering guide model 1 , 2 temperature range package description package option branding power-on reset to code acurracy ad5662arj-1500rl7 ?40c to +125c 8-lead sot-23 rj-8 d38 zero 32 lsb inl ad5662arjz-1500rl7 ?40c to +125c 8-lead sot-23 rj-8 d9p zero 32 lsb inl AD5662ARJ-1REEL7 ?40c to +125c 8-lead sot-23 rj-8 d38 zero 32 lsb inl ad5662arjz-1reel7 ?40c to +125c 8-lead sot-23 rj-8 d9p zero 32 lsb inl ad5662arj-2500rl7 ?40c to +125c 8-lead sot-23 rj-8 d39 midscale 32 lsb inl ad5662arj-2reel7 ?40c to +125c 8-lead so t-23 rj-8 d39 midscale 32 lsb inl ad5662arjz-2reel7 ?40c to +125c 8-lead sot-23 rj-8 d9q midscale 32 lsb inl ad5662arm-1 ?40c to +125c 8-lead msop rm-8 d38 zero 32 lsb inl ad5662armz-1 ?40c to +125c 8-lead msop rm-8 d9p zero 32 lsb inl ad5662arm-1reel7 ?40c to +125c 8-lead msop rm-8 d38 zero 32 lsb inl ad5662armz-1reel7 ?40c to +125c 8-lead msop rm-8 d9p zero 32 lsb inl ad5662brj-1500rl7 ?40c to +125c 8-lead sot-23 rj-8 d36 zero 16 lsb inl ad5662brjz-1500rl7 ?40c to +125c 8-lead sot-23 rj-8 d9t zero 16 lsb inl ad5662brj-1reel7 ?40c to +125c 8-lead sot-23 rj-8 d36 zero 16 lsb inl ad5662brjz-1reel7 ?40c to +125c 8-lead sot-23 rj-8 d9t zero 16 lsb inl ad5662brj-2500rl7 ?40c to +125c 8-lead sot-23 rj-8 d37 midscale 16 lsb inl ad5662brjz-2500rl7 ?40c to +125c 8-lead sot-23 rj-8 d9r midscale 16 lsb inl ad5662brj-2reel7 ?40c to +125c 8-lead sot-23 rj-8 d37 midscale 16 lsb inl ad5662brjz-2reel7 ?40c to +125c 8-lead sot-23 rj-8 d9r midscale 16 lsb inl ad5662brm-1 ?40c to +125c 8-lead ms op rm-8 d36 zero 16 lsb inl ad5662brmz-1 ?40c to +125c 8-lead msop rm-8 d9t zero 16 lsb inl ad5662brm-1reel7 ?40c to +125c 8-lead msop rm-8 d36 zero 16 lsb inl ad5662brmz-1reel7 ?40c to +125c 8-lead msop rm-8 d9t zero 16 lsb inl ad5662warmz-1reel7 ?40c to +125c 8-lead msop rm-8 d9p zero 32 lsb inl eval-ad5662ebz evaluation board 1 z = rohs compliant part. 2 w = qualified for auto motive applications. automotive products the ad5662warmz-1reel7 model is available with controlled manufacturing to support the quality and reliability requirements of automotive applications. note that this automotive model may have specifications that differ from the commercial models; theref ore, designers should review the specifications section of this data sheet carefully. only the automotive grade product shown is available for use in automotive applications. contact your local analog devices, inc., account representative for specific product ordering i nformation and to obtain the specific automotive reliability report for this model.
ad5662 rev. a | page 23 of 24 notes
ad5662 rev. a | page 24 of 24 notes ?2005C2010 analog devices, inc. all rights reserved. trademarks and registered trademarks are the property of their respective owners. d04777C0C12/10(a)


▲Up To Search▲   

 
Price & Availability of AD5662ARJ-1REEL7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X