Part Number Hot Search : 
CD5526B ADG611YR SS51T AON7410 M5072 AMS12405 125HS 13442
Product Description
Full Text Search
 

To Download 599-10-063-04-001429 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ?product?number:?599-10-063-04-001429 063-04-001 8?x?8? description: bga header 0.8mm grid; bga header plating?code: 10 shell?plating: 10 " gold over 100 " nickel # of pins mill-max part number rohs compliant 63 599- 10 -063-04-001429 ?loose?pin: pin used: 9929 (brass alloy) brass?alloy (uns c36000) per astm b 16 properties?of?brass?alloy: chemical composition: cu 61.5%, zn 35.4%, pb 3.1%? hardness as machined: 80-90 rockwell b density: .307 lbs/in3 electrical conductivity: 26% iacs* melting point: 900c/885c (liquidus/solidus) ?(3 to 4% lead is used to permit "free machining" and is permitted by ec directive 2002/95annex 6; so all pin materials are rohs compliant) *international annealed copper standard, i.e. as a % of pure copper. ?insulator?information: mill-max mfg. corp. datasheet ? last modified 6/6/2009 page 1 of 2
fr-4 laminate high temperature properties?of?fr-4?laminate: epoxy/glass laminate. thicknesses available: .010", .020", .031", .047", .062", .093", .125" (natural color, beige) environmental data: operating temperature range: -55/+125 c shock (no electrical discontinuity greater than 1s):50 g solderability: 364-52 resistance to soldering heat: 364-56a test cond. c resistance to atmospheric corrosion: 364-22a/31a climactic category (iec): 365-17a - nitric acid vapor test: 365-17a vibration (no electrical discontinuity greater than 1as): 10-2000 hz, 15 g mill-max mfg. corp. datasheet ? last modified 6/6/2009 page 2 of 2


▲Up To Search▲   

 
Price & Availability of 599-10-063-04-001429

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X