Part Number Hot Search : 
TDA5745 40102 N101C TL062AI CSC2712G P1012 STUS020 AP4435GJ
Product Description
Full Text Search
 

To Download 2SD2201 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1.27 +0.1 -0.1 1.27 +0.1 -0.1 1.27 +0.1 -0.1 5.08 +0.1 -0.1 5.60 0.1max 8.7 +0.2 -0.2 5.28 +0.2 -0.2 2.54 +0.2 -0.2 2.54 15.25 +0.2 -0.2 4.57 +0.2 -0.2 0.4 +0.2 -0.2 2.54 +0.2 -0.2 0.81 +0.1 -0.1 to - 263 unit: mm 1:base 2 : collector 3 : emitter 2SD2201 features surface mount type device making the following possible. low collector-to-emitter saturation voltage. large current capacity. absolute maximum ratings ta = 25 parameter symbol rating unit collector-base voltage v cbo 90 v collector-emitter voltage v ceo 80 v emitter-base voltage v ebo 6v collector current i c 7a collector current (pulse) i cp 12 a collector dissipation 1.65 w t c =25 40 w jumction temperature t j 150 storage temperature t stg -55to+150 p c smd type transistors smd type transistors smd type transistors smd type transistors smd type transistors smd type transistors smd type ic smd type transistors smd type ic smd type transistors smd type smd type smd type ic smd type smd type ic smd type smd type smd type ic smd type smd type smd type product specification sales@twtysemi.com 1 of 2 http://www.twtysemi.com 4008-318-123
smd type transistors electrical characteristics ta = 25 parameter symbol testconditons min typ max unit collector cutoff current ic bo v cb =80v,i e =0 0.1 ma emitter cutoff current i ebo v eb =4v,i c =0 0.1 ma v ce =2v,i c =1a 70 280 v ce =2v,i c =4a 30 gain bandwidth product f t v ce =5v,i c =1a 20 mhz collector-emitter saturation voltage v ce(sat) i c =4a,i b = 0.4a 0.4 v collector-to-base breakdown voltage v (br)cbo i c =1ma,i e =0 90 v collector-to-emitter breakdown voltage v (br)ceo i c =1ma,r be = 80 v emitter-base breakdown voltage v (br)ebo i e =1ma,i c =0 6 v turn-on time t on 0.1 s storage time t stg 1.6 s fall time t f 0.4 s dc current gain h fe h fe classification rank q r s hfe 70 140 100 200 140 280 2SD2201 smd type transistors smd type transistors smd type transistors smd type transistors smd type transistors smd type transistors smd type ic smd type transistors smd type ic smd type transistors smd type smd type smd type ic smd type smd type ic smd type smd type smd type ic smd type smd type smd type product specification sales@twtysemi.com 2 of 2 http://www.twtysemi.com 4008-318-123


▲Up To Search▲   

 
Price & Availability of 2SD2201

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X