Part Number Hot Search : 
AM2360N 3AXXX BAT54STB 1N5371 D1FK70 N2219 HFMBF201 02573
Product Description
Full Text Search
 

To Download 2SC5658-R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  creat by art epitaxial planar die construction surface device type mounting moisture sensitivity level 1 low c ob pb free version and rohs compliant green compound (halogen free) with suffix "g" on packing code and prefix "g" on date code complements the 2sa2029 1. base case : sot-723 small outline plastic package 2. emitter per mil-std-202, method 208 guaranteed 3. collector high temperature soldering guaranteed: 260 /10s 2sc5658-q sot-723 8k / 7" reel rm maximum ratings and el ectrical characteristics rating at 25 ambient temperature unless otherwise specified. symbol units v cbo v v ceo v v ebo v i c ma p c mw t j o c t stg o c characteristics at t a =25 symbol units v (br)cbo v v (br)ceo v v (br)ebo v i cbo ua i ebo ua h fe v ce(sat) v transition frequency f t mhz output capacitance c ob pf classification of h fe rank range version a13 collector emitter saturation voltage at i c =50ma, i b =5ma emitter base breakdown voltage at i e =50ua, i c =0 7- dc current transfer ratio 3.5 120 - 560 at v ce =6v, i c =1ma - at v eb =7v, i c =0 0.4 - min. --0.1 - - packing packing code packing code (green) at v ce =12v, i c =2ma, f=100mhz at v cb =12v, f=1mhz collector emitter voltage - - collector cutoff current rmg small signal product npn transistor ordering information (example) part no. 60 package mechanical data collector base voltage parameter collector dissipation 100 - 60 collector base breakdown voltage emitter cutoff current 50 typ. max. - - storage temperature range - 55 to + 150 junction temperature 150 at v cb =60v, i e =0 collector emitter breakdown voltage 180 0.1 - emitter base voltage collector current 150 at i c =50ua, i e =0 parameter - - 2sc5658-q/r/s features at i c =1ma, i b =0 50 - sot-723 marking bq limits 7 rs 120~270 180~390 270~560 q
version:a13 small signal product 0 1 2 3 4 5 6 7 012345678 ic(ma), collector current v ce (v), collector emitter voltage fig.1 static characteristic i e =2ua 4ua 6ua 8ua 10ua 12ua 14ua 16ua 18ua 20ua 10 100 1000 0.1 1.0 10.0 100.0 dc current gain, h fe collector current i c (ma) fig. 2 h fe -i c common emmitter v ce =6v ta=25 ta=100 100 1000 0.1 1 10 100 base-emitter satutation voltage, v be(sat) (mv) ic(ma), collector current =10 fig. 3 v be(sat) -i c ta=25 ta=100 1 10 100 0 0.3 0.6 0.9 1.2 collector current, ic(ma) v be (v), base emitter voltage fig. 5 i c -v be common emmitter v ce =6v ta=25 ta=100 10 100 1000 0.1 1 10 100 collector-emitter saturation voltage, v ce (sat), ic(ma), collector current fig. 4 v ce(sat) -i c =10 ta=25 ta=100 10 100 1000 0.1 1 10 100 f t (mhz), transtion frequency ic(ma), collector current fig. 6 f t -i c common emmitter v ce =12v t a =25
sot-723 rm sot-723 rm sot-723 rm dimensions min max min max a - 0.50 - 0.020 a1 0.00 0.05 0.000 0.002 b 0.17 0.27 0.007 0.011 b1 0.27 0.37 0.011 0.015 c - 0.150 - 0.006 d 1.15 1.25 0.045 0.049 e 1.15 1.25 0.045 0.049 e1 0.75 0.85 0.030 0.033 e version:a13 bq br bs 0.80 7 ref 7 ref 0.031 ordering information part no. package packing packing code packing code (green) marking 2sc5658-q 8k / 7" reel rmg 2SC5658-R 8k / 7" reel rmg 2sc5658-s 8k / 7" reel rmg dim. unit(mm) unit(inch) 0.1 1 10 100 0.1 1 10 100 capacitance, c(pf) reverse voltage, v(v) fig. 7 cob/cib - v cb /v eb f = 1mhz ie=0, ic=0 t a =25 cib cob 0 25 50 75 100 125 0 25 50 75 100 125 150 collector power dissipation pc(mw) ambient temperature ta( ) fig. 8 p c -t a


▲Up To Search▲   

 
Price & Availability of 2SC5658-R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X