Part Number Hot Search : 
24C61 SC160C WP2773ED UPD17709 00221 ISL9072 IRM7001 GA32A
Product Description
Full Text Search
 

To Download 16267 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  desco wes t: 3651 walnut ave., chino, ca 91710 web site: desco.com phone (909) 627-8178 fax (909) 627-7449 desco east: one colgate way, canton, ma 02021-1407 phone (781) 821-8370 fax (781) 575-0172 date: december 2011 drawing number pm-78 statfree b? material, vinyl, dissipative, homogeneous, .100" & .060" description: statfree b? meets the minimum recommended worksurface requirement of ansi/esd s20.20 of <10e9 ohms. this extruded homogeneous vinyl dissipative material can be used with either side up. one side has a smooth surface which is easy-to-clean and maintain, and the other has a non-glare finish which makes it easier to identify small parts. statfree b? is easy to cut to configure to fit your requirements. the material is dimensionally stable with minimum shrinkage or curling. statfree b? has excellent color stability, minimizing discoloration. the 0.100" thick is a better value, providing a longer life and is ideal for general purpose worksurface matting. the thinner 0.060" material is the economical choice, and is ideal for use on cafeteria-style trays. electrical properties: property test method value rtg resistance: eos/esd s4.1 <10e9 ohms rtt resistance: eos/esd s4.1 <10e9 ohms electrical properties obtained by testing to industrial standards by an independent testing laboratory @ 100 volts and 50% relative humidity unless otherwise specified. complete text of the test report is available upon request. specifications: construction: homogeneous extruded thermoplastic vinyl thickness: 0.100" (2.5mm) and 0.060" (1.5mm), nominal 10% texture:* embossed one side/smooth backside color: blue hardness: 80 shore a (astm d-2240) wear resistance: negligible weight loss (750 cycles, taber cs-17 method) *color, texture, and gauge may vary between lots and mills grounding : this material must be properly grounded for optimum electrial performance. ask for technical bulletin tb-2000 for mat grounding instructions. cleaning: for optimum electrical performance, surface must be cleaned regularly using an esd mat cleaner. we suggest using our reztore? surface & mat cleaner item #10435 or static-wipes item #10600 . do not use cleaners with silicone. silicone buildup will create an insulative film on the surface. disclaimer: all statements, technical data, and recommendations contained herein are based upon tests we believe to be reliable. however, the accuracy or completeness thereof is not guaranteed. the proper and correct applications of products and data is the responsibility of the user. statements or recommendations not contained herein shall have no force or effect unless embodied in a written agreement signed by authorized officers of desco industries, inc. matting materials have a tendency to shrink slightly when first unrolled. in applications where length is critical, allow the material to relax for at least 4 hours before cutting to size. always trim with a sharp knife or razor blade. ? 2011 desco industries inc. employee owned made in the united states of america limited warranty: desco warrants for one year that statfree ? matting products will be free of defects in materials and workman ship and will guarantee dissipative/conductive mat properties for the life of the mat. damage to matting caused by misuse of any kind, including using inappropriate cleaners is not covered by desco limited warranty. rohs compliance statement none of the following materials are intentionally added in manufacturing this product: lead, mercury, cadmium, hexavalent chromium, polybrominated biphenyls (pbb) or polybrominated diphenyl ethers (pbde) as outlined in the directive 2002/95/ec article 4.1. see desco industries inc. letter on-line at desco.com. specifcations and precedures subject to change without notice. size item 0.100" x 24" x 100' 16261 0.100" x 30" x 40' 16265 0.100" x 30" x 100' 16266 0.100" x 36" x 40' 16282 0.100" x 36" x 100' 16267 0.100" x 48" x 40' 16283 0.060" x 24" x 100' 16290 0.060" x 30" x 100' 16292 0.060 x 36 x 100 16291 0.060" x 48" x 100' 16293 statfree b? full rolls 1 benchmat, statfree b?, size as specified 1 14213 , common point ground kit mat top kits size item 24" x 36" 16213 24" x 48" 16214 tolerances: width .250" length .250" every 1 linear foot of running material. worksurface mats meet required limits of ansi/ esd s20.20 tested per ansi/esd s4.1 and esd tr53.


▲Up To Search▲   

 
Price & Availability of 16267

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X