Part Number Hot Search : 
M74HC40 2SA186 FN4707 DMA50101 SOT143 PT6302 AK44256D D2054UK
Product Description
Full Text Search
 

To Download XMUR60C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  part number: XMUR60C 60.8mm (2.4 ") 5x8 dot matrix display apr 15,2011 xdsa1890 v5 layout: maggie l. sunled corporation p. 1/3 absolute maximum ratings (t a =25c) ur (gaasp/gap) unit reverse voltage v r 5 v forward current i f 30 ma forward current (peak) 1/10 duty cycle 0.1ms pulse width i fs 160 ma power dissipation p d 75 mw operating temperature t a -40 ~ +85 c storage temperature tstg -40 ~ +85 lead solder temperature [2mm below package base] 260c for 3-5 seconds package schematics notes: 1. all dimensions are in millimeters (inches), tolerance is 0.25(0.01")unless otherwise noted. 2. specifications are subjec t to change without notice. ur (gaasp/gap) unit forward voltage (typ.) (i f =10ma) v f 1.9 v forward voltage (max.) (i f =10ma) v f 2.5 v reverse current (max.) (v r =5v) i r 10 ua wavelength of peak emission (typ.) (i f =10ma) p 627 nm wavelength of dominant emission (typ.) (i f =10ma) d 625 nm spectral line full width at half-maximum (typ.) (i f =10ma) 45 nm capacitance (typ.) (v f =0v, f=1mhz) c 15 pf operating characteristics (t a =25c) part number emitting color emitting material wavelength nm p description min. typ. XMUR60C red gaasp/gap 9000 15990 627 column cathode luminous intensity (i f =10ma) ucd features low power consumption robust package i.c. compatible standard configuration: gray face w/ white dots optional black face provides superior color contrast rohs compliant
part number: XMUR60C 60.8mm (2.4 ") 5x8 dot matrix display apr 15,2011 xdsa1890 v5 layout: maggie l. sunled corporation p. 2/3 ? ur remarks: if special sorting is required (e.g . binning based on forward voltage, luminous intensity / luminous flux, or wavelength), the typical accuracy of the so rting process is as follows: 1. wavelength: +/-1nm 2. luminous intensity / luminous flux: +/-15% 3. forward voltage: +/-0.1v note: accuracy may depend on the sorting parameters.
part number: XMUR60C 60.8mm (2.4 ") 5x8 dot matrix display apr 15,2011 xdsa1890 v5 layout: maggie l. sunled corporation p. 3/3 packing & label specifications


▲Up To Search▲   

 
Price & Availability of XMUR60C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X