Part Number Hot Search : 
PCF8558 CY23S02 PCF8558 1N5919B 0509S 39000 30001 MAZ8360
Product Description
Full Text Search
 

To Download WRB4824YQD-40W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  wra-yqd-40& wra-yqd-40& wrb-yqd- wrb-yqd- 4 4 0w 0w http://www.microdc.cn technical enquiries-email:tech@microdc.cn tel:0086-20-86000646 page 1 of 3 microdc r eserves the copyright 3 0 w 40w , wide input, isolated & regulated dual/ single output dc-dc converter features features wide 2:1 dc input range in/out capacitance1000pf protections : short circuit / overload / over voltage 1 5 00vdc i/o isolation for d/d cooling by free air convection built-in remote on-off control 100% full load burn-in test fixed switching frequency at 225khz lost cost mtbf>1000khours high reliability and compatibility 3 year warranty applications applications model model selection selection wrb wrb 24 24 12 12 y y q q d d - - 40w 40w ( ( 3334 3334 ) ) product series input voltage output voltage wide ( 2 :1) input range 2" 2" dip package style rated power (output current) the wr a(b) - yq d- 40w series of dc/dc converters has been designed for a wide range of applications including communications, industrial systems and battery powered mobile equipments. key features are high power density and 2:1 wide input ranges of 18~ 36 vdc and 36~ 7 2 vdc. (but also can do high power density and 4:1 ultrawide input ranges of 9~ 36 vdc and 18~ 7 2 vdc. ) selection selection guide guide order code input voltage range (vdc) output voltage (vdc) output current max. (ma) efficiency typ. (%) wra1205yqd-40w 9~18 5 4 000 78 wra1212yqd-40w 9~18 12 1667 82 wra1215yqd-40w 9~18 1 5 1334 80 wra1224yqd-40w 9~18 24 834 83 wra2405yqd-40w 18 ~ 36 5 4 000 79 wra2412yqd-36w 18 ~ 36 12 1500 86 wra2412yqd-40w 18 ~ 36 12 1667 82 wra2415yqd-40w 18 ~ 36 1 5 1334 83 wra2424yqd-40w 18 ~ 36 24 834 78 wra4805yqd-40w 36 ~ 72 5 4 000 80 wra4812yqd-40w 36 ~ 72 12 1667 84 wra4815yqd-40w 36 ~ 72 1 5 1334 85 wra4824yqd-40w 36 ~ 72 24 834 78 wrb1205yqd-40w 9~18 5 8000 79 wrb1212yqd-40w 9~18 12 3334 80 wrb1215yqd-40w 9~18 1 5 2666 80 wrb1224yqd-40w 9~18 24 1667 85 wrb2405yqd-40w 18 ~ 36 5 8000 82 wrb2412yqd-36w 18 ~ 36 12 3000 87 wrb2412yqd-40w 18 ~ 36 12 3334 82 wrb2415yqd-40w 18 ~ 36 1 5 2666 83 wrb2424yqd-40w 18 ~ 36 24 1667 78 wrb4805yqd-40w 36 ~ 72 5 8000 80 wrb4812yqd-40w 36 ~ 72 12 3334 84 wrb4815yqd-40w 36 ~ 72 1 5 2666 85 WRB4824YQD-40W 36 ~ 72 24 1667 79 specification specification output r ipple&noise (max.) ( note.2 ) 100mvp-p l ine regulation ( note.3 ) 0.5% l oad regulation ( note.4 ) 0.5% protection overload above 105% rated output power protection type : over power limiting, recovers automatically after fault condition is removed o ver voltage xx 03 :3.8~4.95v xx05 :5.75 ~ 7.5v xx12:13.8 ~ 18v xx15:17.25 ~ 22.5v protection type : shut off o/p voltage, clamping by zener diode s hort c ircuit protection type : constant current limiting, recovers automatically after fault condition is removed function on/off c ontrol power on: ctrl ~-vin > 4.5~5.5vdc or open power off : ctrl~ -vin <0.8vdc or short environment w orking temp. -25 ~+85 (refer to output load derating curve) s torage t emp.,humidity -25 ~+85 , 0~95% rh t emp. coefficient 0.03%/ 0~50 safety &emc (note 5 ) s afety standards design refer to lvd i solation voltage i/p-o/p:1.5kvdc i solation resistance i/p-o/p:100m ohms/500vdc others mtbf 280 .4k hrs min. mil-hdbk-217f (25 ) d imension 50.8 50.8 16mm (2" 2" 0.63") (l w h) p acking 110 g ; 150pcs/15.8kg/0.97cuft note 1. all parameters are specified at normal input, rated load, 2570% rh ambient. 2. ripple & noise are measured at 20mhz of bandwidth by using a 12" twisted p air-wire terminated with a 0.1uf & 47uf parallel capacitor. 3.line regulation is measured from low line to high line at rated load. 4.load regulation is measured from 10% to 100%rated load 5 . please prevent the converter from operating in overload or short circuit condition for more than 30 seconds.
wra-yqd-40& wra-yqd-40& wrb-yqd- wrb-yqd- 4 4 0w 0w http://www.microdc.cn technical enquiries-email:tech@microdc.cn tel:0086-20-86000646 page 2 of 3 single output(wrb-yqd-40w) pin assignment pin assignment 1 +vin 6 +v out 2 -vin 7 -v out 3,5 no pin 8 trim 4 c trl ( on/off ) application application note note requirement on output load in order to ensure the product operate efficiently and reliably,in addition to a max load(namely full load), a minimum load is specified for this kind of dc/dc converter.make sure the specified range of input voltage is not exceeded,the minimum output load no less than 10% load.if the actual load is less than the specified minimum load, the output ripple may increase sharply while its efficiency and reliability will reduce greatly.if the actual output power is very small,please add an appropriate resistor as extra loading,or contact our company for other lower output power products. recommended circuit all the wr -yq d- 40w series have been tested a ccording to the following recommended testing circuit before leaving factory.this series should be tested under load(see figure 1). if you want to further decrease the input/output ripple,you can increase capacitance properly or choose capacitors with low esr.however,the capacitance of the output filter capacitor must be proper.if the capacitance is too big,a startup problem might arise.for every channel of output,provided the safe and reliable operation is ensured,the greatest capacitance of its filter capacitor sees (table 1).general: cin: 10 f-47 f c out : 10 f/100ma ctrl terminal when open or high impedance,the converter work well; when this pin is high ; the converter shutdown; it should be note that the input current (ic) should between 5-10ma, exceeding the maximum 20ma will cause permanence damage to the converter. the value of r can be derived as follows : input current while using unstable power source,please ensure the output voltage and ripple voltage do not exceed indexes of the converter.the preceding power source must be able to provide for converter sufficient starting current ip. general:ip 1. 6 *iin-max no parallel connection or plug and play mechanical mechanical specification specification unit:mm pin section tolerances: 0.10mm general tolerances: 0.25mm typical typical characteristics characteristics temperature derating graph ambient temperature ( ) external external output output trimming trimming on/off on/off control control pin pin control input.....................................pin4 control common................................pin2 logic compatibility......cmos or open collector ttl control voltage on....... .............................. .....+5.5vdc min or open circuit off.... ................................ ..+2.5vdc max. or short to pin2 dual output(wra-yqd-40w) pin assignment pin assignment 1 +vin 5 +v out 2 -vin 6 common 3 no pin 7 -v out 4 c trl ( on/off ) 8 trim
wra-yqd-40& wra-yqd-40& wrb-yqd- wrb-yqd- 4 4 0w 0w http://www.microdc.cn technical enquiries-email:tech@microdc.cn tel:0086-20-86000646 page 3 of 3 outline outline dimensions dimensions footprint footprint details details fosc:225khz recommended recommended footprint footprint grid:2.54 2.54mm(0.1 0.1inch) diameter:1.00mm(0.039inch) tube tube outline outline dimensions dimensions unit :mm[inch] general tolerances: 0.50mm[ 0.020inch] l= 230 mm[ 9.055 inch] tube quantity: 7 pcs microdc professional power module,inc. tel:0086-20-86000646 e-mail:tech@microdc.cn website:http://www.microdc.cn rohs compliant information this series is compatible with rohs soldering systems with a peak wave solder temperature of 300 c for 10 seconds. the pin termination finish on the sip package type is tin plate, hot dipped over matte tin with nickel preplate. the dip types are matte tin over nickel preplate. both types in this series are backward compatible with sn/pb soldering systems. reach compliant information this series has proven that this product does not contain harmful chemicals, it also has harmful chemical substances through the registration, inspection and approval.


▲Up To Search▲   

 
Price & Availability of WRB4824YQD-40W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X