Part Number Hot Search : 
AD641Q L5971 00321 F75339P PJP830 020A0 08P06P UNA0228
Product Description
Full Text Search
 

To Download THAR1211C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  t h r o u g h h o l e p o w e r i n d u c t o r s thar1285, 1290 & 121 1c t ype mechanical dimension: rohs compliant. high current ( lsat up to 40a ) though hole type. magnetically shielded, suitable for hight density mounting. high energy storage and low dcr. ideal for power source circuits, dc-dc converter, dc-ac inverters inductor application. in addition to the standard versions shown here, customized inductors are available to meet your exact requirements. features delt a electronics, inc. (taoyuan plant cpbg) 252, san ying road, kueisan industrial zone, taoyuan shien, 333, taiwan, r .o.c. tel: 886-3-3591968; fax: 886-3-3591991http://www.deltaww .com 150 b a 6.30 5.70 2x g e d c f b a 5.70 6.30 2x g e d c f 1 unit : mm/inch p a r t n o . d ( m a x ) b ( m a x ) e f g h c a ( m a x ) thar1285 11.9 / 0.469 11.9 / 0.469 3.5 0.5 / 0.138 0.02 8.5 / 0.335 8.5 0.3 / 0.335 0.012 1.5 0.1 / 0.059 0.004 1.8 / 0.071 1 thar1290 11.9 / 0.469 11.9 / 0.469 3.5 0.5 / 0.138 0.02 9.0 / 0.354 8.5 0.3 / 0.335 0.012 1.5 0.1 / 0.059 0.004 1.8 / 0.071 1 THAR1211C 12.0 / 0.472 11.0 / 0.433 3.5 0.5 / 0.138 0.02 11.0 / 0.433 8.5 0.3 / 0.335 0.012 1.4 0.1 / 0.055 0.004 1.7 / 0.067 2 electrical characteristics : at 25 : 100khz, 1v o c 1. lo is the initial inductance and the tolerance is 20%. 2. isat is the dc current which cause the inductance drop approximately 20% of its nominal inductance without current. o 3. irms is the dc current which cause the surface temperature of the part increase less than 45 c. oo 4. operating temperature : -40 c to 125 c ( including self-temperature rise ). 1 3 2 part no. lo dcr isat irms (uh) (m ) (adc) (adc) thar1285-r47 0.47 0.80 7% 50 38 thar1285-0r6 0.60 0.80 7% 50 38 thar1290-r19 0.19 0.67 7% 60 38 thar1290-0r3 0.30 0.80 7% 50 38 thar1290-1r2 1.20 3.20 max 30 28 thar1290-1r8 1.80 4.30 max 25 18 THAR1211C-0r3 0.30 0.75 7% 40 38 THAR1211C-0r5 0.50 1.00 7% 40 38 recommended pad pa tterns


▲Up To Search▲   

 
Price & Availability of THAR1211C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X