Part Number Hot Search : 
DDZ10CS C14018 LC87F AM27S L1021 DS21Q44T 5348AR BT137
Product Description
Full Text Search
 

To Download TFS75E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  filename: tfs 75e .d oc version 1 . 2 27.02 .2006 vi telefilter filter specification tfs 75e 1/5 tele fil t er gm b h potsdamer str a ?e 18 d 14 513 telt ow / germa n y tel: (+4 9 ) 33 28 4784-0 / fax: (+ 49) 3328 4784- 3 0 e-mail: tft@ te le fil t er. c o m measurement condition ambient tempera t ure: 23 c input po w e r level: 0 dbm terminating imp edance: * input: 1100 ? || -3,9 pf output: 1100 ? || -3,9 pf external c o il: 3 90 nh ch ara c teristic s remark: the referen c e lev e l for the re lativ e attenuation a rel o f tf s 75e i s the minim u m of the pa ss ban d attenua tion a min . the max i mum attenuation in th e pa ss band is de fined a s the in sertion lo ss a e . the nominal freq uency f n is fix ed at 75 mhz w i thout an y tolerance or limit. the v a lues of rel a tiv e attenuation a rel are guar ante ed for the w hole op erati n g temper atur e ra nge . d a t a ty p. v a lue tolerance / limit inserti on l o ss a e 7 , 9 d b m a x . 1 2 d b (refe renc e l e v e l ) - nomi nal fre que nc y f n - 7 5 m h z passban d - f n 7 , 5 k h z pass ban d rip p l e 0 , 6 d b m a x . 1 d b relati v e att e nu a t ion a rel f n - 7 4 m h z ? f n - 1 , 6 mhz 6 0 d b m i n . 5 0 d b f n - 1 , 6 m h z ? f n - 0 , 4 mhz 6 6 d b m i n . 5 3 d b f n - 0 , 4 m h z ? f n - 0 , 2 mhz 5 7 d b m i n . 4 0 d b f n - 0 , 2 m h z ? f n - 0 , 1 5 mhz 4 0 d b m i n . 3 0 d b f n + 0 , 1 5 m h z ? f n + 0 , 2 mhz 4 0 d b m i n . 3 0 d b f n + 0 , 2 m h z ? f n + 0 , 4 mhz 5 2 d b m i n . 4 2 d b f n + 0,4 mhz ? f n + 1 , 6 mhz 6 2 d b m i n . 5 0 d b f n + 1 , 6 m h z ? f n + 1 0 mhz 5 0 d b m i n . 4 5 d b grou p d e la y rip p le w i thin pb 0 , 7 s m a x . 3 s permissibl e dc v o lta g e max . 5 v opera t in g te mp erature ra nge otr - - 40 c ? + 85 c storage te mper ature ra nge - - 40 c ? + 85 c turn o v er te mp erature t 0 ** 20 c - tem p erat ure co efficie n t of freq uenc y tc f ** - 0 , 0 3 6 p p m / k 2 - *) the terminating i m pedance s depen d on para s iti c s a nd q-v a lues of matchin g elemen ts and the board u s ed, and ar e to be under sto od as re feren c e v a lues only . should ther e be addi tional que sti ons do n o t he sita te to a s k for an appli c ation note or conta c t our de sign team . **) ? f(h z ) = t c f (pp m /k) x (t-t 0 )2 x f to (mhz). ge ne ra te d: ch eck ed / a p p r o v ed : vi telefilter reserves the right to make chang es to the produc t(s) and/or inform ation contained herein w i thout n o tice. no liab i lity is assumed as a re sult of their use or application. no rights under an y patent accompa n y the sale of an y such product(s) or infor mation.
filename: tfs 75e .d oc version 1 . 2 27.02 .2006 vi telefilter filter specification tfs 75e 2/5 tele fil t er gm b h potsdamer str a ?e 18 d 14 513 telt ow / germa n y tel: (+4 9 ) 33 28 4784-0 / fax: (+ 49) 3328 4784- 3 0 e-mail: tft@ te le fil t er. c o m f ilter ch aract eristic 74 . 5 74 . 6 74 . 7 74. 8 74 . 9 75 75 . 1 75 . 2 75. 3 75 . 4 75 . 5 -60 -50 -40 -30 -20 -10 0 f r e q ue nc y i n mh z m a gn i t ud e i n db 10 20 30 40 50 60 70 80 -1 00 -90 -80 -70 -60 -50 -40 -30 -20 -10 0 f r e que nc y i n mh z m a gn i t ud e i n db cons truc tion a nd pi n c o n n e c t ion (all dimensions in mm) 1 outpu t 2 gr ound 3 outpu t 4 gr ound 5 external coil 6 input 7 gr ound 8 input 9 gr ound 10 external coil tfs 75e u09 date code: y e ar + w eek u 2006 v 2007 w 2008 ... 50 ? t est circ u i t c1 l1 l2 l3 l4 a1 c2 p l5 a2 a3 k e f+ h c+ a - output 5 0 : input 50 : power splitter power splitter f ilter vi telefilter reserves the right to make chang es to the produc t(s) and/or inform ation contained herein w i thout n o tice. no liab i lity is assumed as a re sult of their use or application. no rights under an y patent accompa n y the sale of an y such product(s) or infor mation.
filename: tfs 75e .d oc version 1 . 2 27.02 .2006 vi telefilter filter specification tfs 75e 3/5 tele fil t er gm b h potsdamer str a ?e 18 d 14 513 telt ow / germa n y tel: (+4 9 ) 33 28 4784-0 / fax: (+ 49) 3328 4784- 3 0 e-mail: tft@ te le fil t er. c o m stability characteristics, rel i ability after the follo w i n g tests the filter shall meet the w h ole specificat ion: 1. shock: 500g, 1 ms, half sine w a ve, 3 sho cks each plane; din iec 68 t2 - 27 2. vibration: 10 hz to 500 hz, 0,35 mm or 5 g r e specti vely , 1 oct a ve per min, 10 c y cles pe r plan, 3 plans; din iec 68 t2 - 6 3. change o f temperatu r e: -55 c t o 125 c / 30 min. each / 1 0 c y cles din iec 68 p a rt 2 ? 14 test n 4. resistance to solder heat ( r e f low ) : reflo w possible: tw ice ma x.; for tempe r ature conditions refer to the attac hed "air reflo w tempe r at ure conditions" o n page 4; this filter is rohs compliant (2002/95/eg, 2 005/6 18/eg) packin g tape & reel: iec 286 ? 3, w i th exception of val ue for n a nd minimum bending ra dius; tape t y p e ii, emb o ssed carrier tap e w i th t op cover t ape on the u pper side; max. pieces of filters per r eel: 1500 reel of empt y co mponents at star t: min. 300 mm reel of empt y co mponents at star t including leader: min. 500 mm trailer: min. 300 mm g do w ct f e g d1 p2 p1 po bo ao p u l l o ff d i r e c t io n pi n m a r k e r ty p da t e c o d e ko t tape (all d i mensi o ns i n mm) w : 24,00 po : 4,00 do : 1,50 e : 1,75 f : 11,50 g(min) : 0,60 p2 : 2,00 p1 : 12,00 d1(min) : 1,50 a o : 8,80 bo : 14,60 ct : 21,5 a c n w 1 w 2 r eel (a l l d i men s io n s in mm) a : 330 w 1 : 24,4 w 2 (max ) : 30,4 n(min) : 60 c : 13,0 the minimum be nding radius is 45 mm. vi telefilter reserves the right to make chang es to the produc t(s) and/or inform ation contained herein w i thout n o tice. no liab i lity is assumed as a re sult of their use or application. no rights under an y patent accompa n y the sale of an y such product(s) or infor mation.
filename: tfs 75e .d oc version 1 . 2 27.02 .2006 vi telefilter filter specification tfs 75e 4/5 tele fil t er gm b h potsdamer str a ?e 18 d 14 513 telt ow / germa n y tel: (+4 9 ) 33 28 4784-0 / fax: (+ 49) 3328 4784- 3 0 e-mail: tft@ te le fil t er. c o m a i r re flo w te mpe r a t ure c onditions con d iti ons expos ure average ramp -u p rate ( 30c t o 2 17c) less than 3c/second > 100c bet w een 30 0 and 600 seconds > 150c bet w een 24 0 and 500 seconds > 217c bet w een 3 0 and 150 seconds peak temperatu r e max. 260 c time w i thin 5c of actual peak temperatu r e bet w een 10 and 30 seconds cool-do w n rate ( p eak to 50c) less than 6c/second time from 30 c t o peak temperat ure no greate r than 3 00 seconds chip -m oun t air reflo w profile temper ature / c max. 260 c 217c time / s max. 300 s 10 ... 30 s 30 ... 150 s vi telefilter reserves the right to make chang es to the produc t(s) and/or inform ation contained herein w i thout n o tice. no liab i lity is assumed as a re sult of their use or application. no rights under an y patent accompa n y the sale of an y such product(s) or infor mation.
filename: tfs 75e .d oc version 1 . 2 27.02 .2006 vi telefilter filter specification tfs 75e 5/5 tele fil t er gm b h potsdamer str a ?e 18 d 14 513 telt ow / germa n y tel: (+4 9 ) 33 28 4784-0 / fax: (+ 49) 3328 4784- 3 0 e-mail: tft@ te le fil t er. c o m histor y version reaso n o f cha n ges name date 1.0 gene ration of de velopment specif ication roizengaft 08.03.2004 1.1 gene ration of filter specification martens 22.11.2004 1.2 change stabilit y characteristics strehl 27.02.2006 vi telefilter reserves the right to make chang es to the produc t(s) and/or inform ation contained herein w i thout n o tice. no liab i lity is assumed as a re sult of their use or application. no rights under an y patent accompa n y the sale of an y such product(s) or infor mation.


▲Up To Search▲   

 
Price & Availability of TFS75E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X