Part Number Hot Search : 
CB214 11012 AD7797 MC10EP16 MBRS1 MC10EP16 EF105G STQ3016Z
Product Description
Full Text Search
 

To Download ST10F271 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  st10 family 16-bit microcontrollers for automotive applications www.st.com june 2006
16-bit microcontroller for automotive applications the st10 fam ily, stmicroelectron ics industry-standard 16-bit microcontrollers, provide pin-compatible alternatives with enhanced scalable flash memory. since its introduction, st has sold more than 100 million devices. with the dsp-mac, stmicroelectron ics leverages this success, adding cutting-edge dsp potential to its st10 advanced 16-bit mcu. build ing on sts experience in embedded cores, the st10 architecture is based on an analysis of the true requirements of system designers and software engineers in some of the fastest-moving segments of the industry, where high-performance, real-time capabilities and low-power consumption are essential to enable innovative and competitive solutions. key benefits n future-proof microcontrollers that easily adapt to customer requirements n dramatically reduces development time and increases ease-of-use n reduces system cost with all peripherals in a single chip n native supply of automotive applications. no 3.3v conversion needed n suitable for long-life equipment n optimizes your developments: the same device with different options will fit your entire product range n increases validity for high temperature applications key features n high-performance industry standard st10 core with dsp unit n extensive software and tools n large choice of peripherals and interfaces, same peripheral set across the st10f27x family n single 5v po wer supply n high-q uality embedded flash (dat a retention 20 years at 55) n tightly coupled dma: real-time cpu core n rich package options n operating temperature range: -40 to 125 n fully automotive q ualified st10 0.18? family features n st10 with dsp unit n 5th genera tion embedded flash n uniform peripheral set n can module compliant to oems n v ariety of packa ges n broad frequency range st10f2xx family characteristics n 64mhz st10 cpu with dsp functions n 5v single supply, on-chip regulator n up to 832kb flash n qfp100, 144/bga208 n -40 to 125 temperature range 100 -pi n tqf p 128 k 256 k 512 k 768 k 832 k 144 -pi n t( p)q fp pac ka ge pro gra m memory 20 8- pi n bg a st 10f 25 2 256 k fla s h/ 20k ram tec hnol og y m8 , 18 0 nm embf l ash st 10f 25 1 128 k fla s h/ 12k ram st 10 f2 7 6 832 k flash/68k ram st 10 f2 7 5 768 k flash/36k ram st 10f 27 3 512 k fla s h/ 36k ram st 10f 27 2 256 k fla s h/ 20k ram st 10f 27 1 128 k fla s h/ 12k ram st 10 f2 9 6 832 k flash/68k ram
st10 family applications powertrain n st10f2xx products controlling motion in engine control un its: gasoline, diesel, direct and indirect injection and hybrid vehicles n st10f2xx controlling clutch and gear ratio in automatic gear boxes: electro-hydraulic robotized and electric-motor based gear boxes n st10f2xx improving engine performance: e-turbo and e-boost chassis n st10f2xx improving passenger comfort with controlled suspension: air-suspension, wheel-suspension hub n st10f2xx assisting steering: electric po wer steering, electro-hydraulic power steering n st10f2xx controlling torq ue distribution: torque case transfer n st10f2xx managing 3ph motors in hev (hybrid electrical vehicles): starter-alternators, e-pumps and e-brakes tools and third party support the st10 range is supported by state-of-the-art tools from a number of third parties: n misra c compatible tool chains n real-time emulators n in-line flash programm ing tools n osek operating systems and can drivers n code generators n calibration tools tools are permanently updated and/or improved by st10 third parties to support new st10 variants and to bring the latest technology to the st10 range, including: n code coverage analysis tools n productivity tools such as em ulators with backward simulation from a recorded trace n effic ient tool chains with improved code size and performance for information on the latest developments, please contact your chosen st10 third party. torque case transfer starter alternator suspension e-turbo robotized gear boxes comb ustion engines electr ic po w er steer ing
st10f251 l 128k 12k 48mhz 10x10-bit 18ch/8pwm 5 rtc/wdt 2 2 1 2 76 tqfp100 5v mac st10r251 l 128k 12k 48mhz 10x10-bit 18ch/8pwm 5 rtc/wdt 2 2 1 2 76 tqfp100 5v mac st10f252 l 256k 20k 48mhz 10x10-bit 18ch/8pwm 5 rtc/wdt 2 2 1 2 76 tqfp100 5v mac st10f252m l 256k 16k 40mhz 16x10-bit 18ch/8pwm 5 wdt 2 2 1 2 76 tqfp100 5v mac st10r252 l 256k 12k 48mhz 10x10-bit 18ch/8pwm 5 rtc/wdt 2 2 1 2 76 tqfp100 5v mac st10f269d l 256k 12k 40mhz 16x10-bit 2x16ch/4pwm 5 rtc/wdt 1 1 - 2 111 p(t)qfp 5v mac ST10F271 l 128k 12k 64mhz 24x10-bit 2x16ch/8pwm 5 rtc/wdt 2 2 1 2 111 p(t)qfp 5v mac/ 32khz osc ST10F271m l 128k 12k 40mhz 24x10-bit 2x16ch/8pwm 5 rtc/wdt 2 2 1 2 111 p(t)qfp 5v mac/ 32khz osc st10r271 l 128k 12k 64mhz 24x10-bit 2x16ch/8pwm 5 rtc/wdt 2 2 1 2 111 p(t)qfp 5v mac/ 32khz osc st10f272 l 256k 20k 64mhz 24x10-bit 2x16ch/8pwm 5 rtc/wdt 2 2 1 2 111 p(t)qfp 5v mac/ 32khz osc st10f272m l 256k 20k 40mhz 24x10-bit 2x16ch/8pwm 5 rtc/wdt 2 2 1 2 111 p(t)qfp 5v mac/ 32khz osc st10r272 l 256k 20k 64mhz 24x10-bit 2x16ch/8pwm 5 rtc/wdt 2 2 1 2 111 p(t)qfp 5v mac/ 32khz osc st10f273 l 512k 36k 64mhz 24x10-bit 2x16ch/8pwm 5 rtc/wdt 2 2 1 2 111 p(t)qfp 5v mac/ 32khz osc st10f273m l 512k 36k 40mhz 24x10-bit 2x16ch/8pwm 5 rtc/wdt 2 2 1 2 111 p(t)qfp 5v mac/ 32khz osc st10f275 l 768k 36k 64mhz 24x10-bit 2x16ch/8pwm 5 rtc/wdt 2 2 1 2 111 p(t)qfp 5v mac/ 32khz osc st10f276 l 832k 68k 64mhz 24x10-bit 2x16ch/8pwm 5 r tc/wdt 2 2 1 2 111 p(t)qfp 5v mac/ 32khz osc st10f280 l 512k 18k 40mhz 32x10-bit 2x16ch/8pwm 5 rtc/wdt 1 1 - 2 143 bga 5v mac st10f296 l 832k 68k 64mhz 32x10-bit 2x16ch/8pwm 5 rtc/wdt 2 2 1 2 143 bga 5v mac/ 32khz osc part n umber flash pr ogram memory timer functions standar d serial interface 16-bit (ic/oc/pwm) 16-bit gpt other s asc/ lin ssc i 2 c can r om prog. (b ytes) ram (b ytes) cpu freq. (max) a/d inputs i/os p ackage supp y v oltage special f eatures st in the automotive industry from engine and transmission, control to safety and onboard entert ainment, electron ics and m icroelectronics are increasingly prevalent in all sectors of the automotive industry. st s fam ily of automotive products provide a broad range of features that enhance performance, safety and comfort while reducing the environmental impact of the vehicle. these stringent requirements are sustained through sts commitment to constant improvement and the development of robust, automotive grade q uality electron ics. over recent years, st has provided automotive solutions for most of the world s leading automobile manufacturers, forging strong partnerships by delivering products and services that meet or exceed customer expect ations. st10 family product table 100 pins 144 pins 208 pins st10 16-bit high-performance real-time applications (up to 16mbyte address space) ? stmicroelectronics - june 2006 - printed in italy - all rights reserved the stmicroelectronics corporate logo is a registered trademark of the stmicroelectronics group of companies. all other names are the property of their respective o wners. for selected stmicroelectronics sales offices fax: china +8 6 2 1 52 5748 20 ; f rance +33 1 554895 69; g ermany +49 89 4 605454; italy +39 02 8250 449; japa n +81 3 5783821 6 ; singapore +6 5 6 481 51 2 4; sweden +4 6 8 58774411; swit z erland +41 22 9 2929 00; u nited kingdom and eire +44 1 62 8 890 391; u sa +1 781 8 61 26 78 fu ll p rod u ct infor m ation at www. st. com r ecycled and c hlorine f ree pa per order code : br st 1 0a u0 3 06


▲Up To Search▲   

 
Price & Availability of ST10F271

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X