Part Number Hot Search : 
15KPA 101MC OC22T12S TC514CPJ RGP15MT M2AZ10 000001 RF840
Product Description
Full Text Search
 

To Download SR20200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  20 amp schottky barrier rectifiers maximum ratings and electrical chara cteristics rating 25 c ambient temperature uniess otherwies specified. single phase half wave, 60hz, resistive or inductive load.for capacitive load, derate current by 20%. type number maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified current .375"(9.5mm) lead length at tc=105 c peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method) maximum instantaneous forward voltage at 10a maximum dc reverse current ta=25 c at rated dc blocking voltage t a=125 c typical junction capacitance (note1) 20 200 0.02 10 2.0 -55 +150 -55 +175 a a v ma ma pf notes: 1. measured at 1mhz and applied reverse voltage of 4.0v d.c. 2. thermal resistance junction to ambient vertical pc board mounting 0.5"(12.7mm) lead length. SR20200 0.90 vol t age range 200 volts current 20 ampere units typical thermal resistance r q ja (note 2) 350 SR20200 operating storage temperature range t stg temperature range t j c c c /w v v v 200 200 140 to-220 dimensions in inches and (millimeters) .412 .248 .180 .050 .120 .158 .595 .550 .100 .051 .040 .108 (10.5) (6.3) (4.6) (1.27) (3.05) (4.0) (15.1) (14.0) (2.54) (1.3) (1.0) (2.75) max. max. max. min. max. max. 3.8 +.2 hole thru f + pin 1 pin 1 pin 3 pin 3 pin 2 pin 2 case case positive ct suffix "c" negative ct suffix "a" fea tures mechanical da t a * low forward voltage drop * high current capability * high reliability * high surge current capability * epitaxial construction * case: molded plastic * epoxy: ul 94v-0 rate flame retardant * lead: lead solderable per mil-std-202, method 208 guranteed * polarity: as marked * mounting position: any * weight: 2.24 grams
0.1 1.0 .01 10 50 rating and characteristic curves (SR20200) fig.3-maximum non-repetitive forward surge current fig.4-typical junction capacit ance reverse voltage,(v) j u n c t i o n c a p a c i t a n c e , ( p f ) i n s t a n t a n e o u s f o r w a r d c u r r e n t , ( a ) forward volt age,(v) pulse width 300us 1% duty cycle 1000 1200 1400 800 600 400 200 0 .01 .05 .1 .5 1 5 10 50 100 .1 .3 .5 .7 .9 1.1 1.3 1.5 5.0 .1 1.0 10 100 fig.5 - typical reverse characteristics r e v e r s e l e a k a g e c u r r e n t , ( m a ) 0 20 40 60 80 100 120 140 .01 tj=75 c tj=25 c tj=25 c 100 50 0 150 250 200 number of cycles at 60hz 1 10 5 50 100 tj=25 c 8.3ms single half sine wave jedec method percent of rated peak reverse volt age,(%) fig.2-typical forward characteristics p e a k f o r w a r d s u r g e c u r r e n t , ( a ) fig.1-typical forward current dera ting curve a v e r a g e f o r w a r d c u r r e n t , ( a ) 4 8 12 16 20 24 0 0 20 40 60 80 100 120 140 160 180 200 case temperature,( c)


▲Up To Search▲   

 
Price & Availability of SR20200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X