Part Number Hot Search : 
AOZ1360A DDTA114 DTC143Z C1922 2SA1009L PJSOT12C ENA1307 TC1775
Product Description
Full Text Search
 

To Download SMP-FR-C07 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 
bullet (female-to-female), 6.45mm bullet (female-to-female), 9.90mm bullet (female-to-female), 14.5mm bullet (female-to-female), 22.4mm straight cable (female), to .047 s/r straight cable (female), to .086 s/r r/a cable (female), to .047 s/r r/a cable (female), to .086 s/r straight pcb (male), thru-hole catchers mitt straight pcb (male), thru-hole full detent straight pcb (male), thru-hole limited detent straight pcb (male), thru-hole smooth bore straight pcb (male), surface mount catchers mitt straight pcb (male), surface mount full detent straight pcb (male), surface mount limited detent straight pcb (male), surface mount smooth bore straight pcb (male), rear mount catchers mitt straight pcb (male), rear mount full detent straight pcb (male), rear mount limited detent straight pcb (male), rear mount smooth bore straight pcb (male), edge mount catchers mitt straight pcb (male), edge mount full detent straight pcb (male), edge mount limited detent straight pcb (male), edge mount smooth bore smp-fsba-645 smp-fsba-990 smp-fsba-145 smp-fsba-224 smp-fs-c06 smp-fs-c07 smp-fr-c06 SMP-FR-C07 smp-mscm-pct smp-msfd-pct* smp-msld-pct* smp-mssb-pct* smp-mscm-pcs* smp-msfd-pcs* smp-msld-pcs* smp-mssb-pcs-1* smp-mscm-pcr* smp-msfd-pcr* smp-msld-pcr* smp-mssb-pcr* smp-mscm-pce* smp-msfd-pce* smp-msld-pce* smp-mssb-pce* part number description amphenol rf offers a solution for high frequency, high data rate applications in the smp and smpm (mini-smp) line of rf connectors. smp connectors provide microwave performance through 40 ghz and offer a push-on, high performing microwave interconnect system. the available detent systems, full and limited, provide respective levels of engagement/disengagement forces. this family of interconnects addresses all package design needs. outside of microwave performance it can be utilized as a highly shielded interconnect for high data rate applications or in a board-to-board system using a floating bullet. this floating bullet provides a link between mated pairs compensating for both radial and axial misalignment. available in a cable-to-board mated pair, the plug side can be provided in either right angle or straight with termination capability to either 0.047 or 0.086, semi-rigid or conformable coax. the receptacles are designed for surface-mount termination (smt) or through hole, end launch for board edge or vertical mount. specification conditions electrical impedance 50 frequency range dc C 40 ghz vswr < 1.50 0 - 20 ghz mechanical engagement force limited detent 10lbs. (44.5 n) max disengagement force limited detent 5lbs. (22.25 n) min mating cycles 100 with full detent; > 500 with limited detent r a d i a l f l oa t . 0 2 0 i n t o t a l a x ial fl o a t .0 1 0 i n t o tal environmental temperature range -65?c to +155?c female male full detent male limited detent smooth bore amphenol rf ? 4 old newtown road ? danbur y , c t 06810 t elephone: 800.627.7100 amphenol rf asia ? block dm2, tong wei industrial district ? industry general co. gong ming town ? bao an district shenzen 518132, p.r. china ? fax: 203.796.2032 ? ww w .amphenolrf.com smp connectors dc to 40ghz *contact factory for availability rev. c


▲Up To Search▲   

 
Price & Availability of SMP-FR-C07

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X