Part Number Hot Search : 
L91110 MPSW05G 3013T D1020 PINAB25 M50940 1N5450 DEIC515
Product Description
Full Text Search
 

To Download SF0140BA02450S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  140 mhz saw filter 4 mhz bandwidth part number: SF0140BA02450S spectrum microwave 400 nickerson road, marlbo rough, ma 01752, usa ? phone 1-508-251-6400 ? fax 1-508-251-6401 www.spectrummicrowave.com dsSF0140BA02450S rev a 22-feb-2010 ecn 36650 page 1 of 3 description ? 140 mhz saw bandpass filter with 4 mhz bandwidth in 13.3 x 6.5 mm smp. ? rohs compliant. typical performance s11 s22 horizontal: frequency 3 mhz / div vertical (from top): magnitude 10 db/div magnitude 1 db/div phase deviation 3 deg/div group delay deviation 50 ns/div 50. ns/"
140 mhz saw filter 4 mhz bandwidth part number: SF0140BA02450S spectrum microwave 400 nickerson road, marlbo rough, ma 01752, usa ? phone 1-508-251-6400 ? fax 1-508-251-6401 www.spectrummicrowave.com dsSF0140BA02450S rev a 22-feb-2010 ecn 36650 page 2 of 3 specification parameter min typ max units center frequency, f c 1 139.60 140.00 140.40 mhz insertion loss at fc - 9.8 11 db 1 db bandwidth 2 3.7 4.2 - mhz 3 db bandwidth 2 4.0 5.1 - mhz 40 db bandwidth 2 - 7.8 8.3 mhz rejection (70 mhz to 135.45 mhz) 2 (144.55 mhz to 210 mhz) 2 43 47 - db passband ripple (138.2 to 141.8 mhz) - 0.4 0.7 db p-p phase ripple (138.2 to 141.8 mhz) - 2 3 deg p-p group delay variation (138.2 to 141.8 mhz) - 30 50 ns p-p temperature coefficient - -23 - ppm/ ? c source/load impedance 50 ohms ambient temperature - 25 - ? c notes: 1. defined as the average of the lower and upper 3 db frequencies. 2. all db levels are defined relative to the insertion loss. maximum ratings matching circuit typical component values: (minimum inductor q = 40) notes: 1. recommend use of 2% tolerance matching components. 2. component values shown are for guidance only and may change depending on board layout. parameter min max units storage temperature range -40 85 ? c operating temperature range 0 70 ? c input power level 10 dbm ls1 = 75 nh ls2 = 75 nh cp1 = 47 pf cp2 = 47 pf 11 5 all others input 50 ? single-ended output 50 ? single-ended gnd gnd
140 mhz saw filter 4 mhz bandwidth part number: SF0140BA02450S spectrum microwave 400 nickerson road, marlbo rough, ma 01752, usa ? phone 1-508-251-6400 ? fax 1-508-251-6401 www.spectrummicrowave.com dsSF0140BA02450S rev a 22-feb-2010 ecn 36650 page 3 of 3 package outline suggested foot print package material: body: al 2 o 3 ceramic lid: kovar, ni plated terminations: au plating 1 m min, over a 1.3-8.9 m ni plating iso 9001 registered all specifications are believed to be accurate and reliable. howe ver, spectrum microwave reserves the right to make changes wit hout notice. ? 2010 all rights reserved. units: mm tolerances are 0.15 mm except for the overall length and width, which are nominal values. pad configuration: input: 11 output: 5 ground: 1,2,3,5,7,8,9,10


▲Up To Search▲   

 
Price & Availability of SF0140BA02450S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X