Part Number Hot Search : 
P34063 KTX402U GP210 81003 CS5501 81003 2374A 2374A
Product Description
Full Text Search
 

To Download SF00325BA02642S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  325 mhz saw filter 10 mhz bandwidth part number SF00325BA02642S idt saw products 324 clark street, worcester, ma 01606, usa ph 1-508-852-5400 fax 1-508-852-8456 www.idt.com dssf00325a02642 s rev x2 21-aug-2009 page 1 of 3 description 325 mhz saw bandpass filter with 10 mhz bandwidth. 7.0 x 5.0 mm ceramic lcc package. rohs compliant. typical performance c e n t e r 3 2 5 m h z i f b w 7 0 k h z s p a n 1 0 0 m h z 1 0 . 0 0 0 . 0 0 0 - 1 0 . 0 0 - 2 0 . 0 0 - 3 0 . 0 0 - 4 0 . 0 0 - 5 0 . 0 0 - 6 0 . 0 0 - 7 0 . 0 0 - 8 0 . 0 0 - 9 0 . 0 0 frequency c e n t e r 3 2 5 m h z i f b w 7 0 k h z s p a n 3 0 m h z - 7 . 0 0 - 9 . 0 0 - 1 1 . 0 0 - 1 3 . 0 0 - 1 5 . 0 0 - 1 7 . 0 0 - 1 9 . 0 0 - 2 1 . 0 0 - 2 3 . 0 0 - 2 5 . 0 0 - 2 7 . 0 0 1 . 0 . 9 . 8 . 7 . 6 . 5 . 4 . 3 . 2 . 1 0 passband and group delay ripple db db usec
325 mhz saw filter 10 mhz bandwidth part number SF00325BA02642S idt saw products 324 clark street, worcester, ma 01606, usa ph 1-508-852-5400 fax 1-508-852-8456 www.idt.com dssf00325a02642 s rev x2 21-aug-2009 page 2 of 3 specification parameter min typ max units center frequency, f c 1 - 325 - mhz maximum insertion loss 2 - 8.5 14 db 3db low frequency - 317.6 320.0 mhz 3db upper frequency 330.0 334.5 - mhz 40db low frequency 307.5 313.4 - mhz 40db upper frequency - 338.5 342.5 mhz passband ripple at any 200khz within (80% of bw3) - 0.6 1 db group delay ripple (80% of bw3) - 75 100 ns phase linearity (80% of bw3) - 4.0 - deg, rms temp coefficient - -23 ppm/?c attenuation: 10 mhz ~ 220 mhz 50 57 - db 220 mhz ~ 300 mhz 42 49 - db 350 mhz ~ 355 mhz 35 44 - db 355 mhz ~ 375 mhz 30 38 - db 375 mhz ~ 380 mhz 35 42 db 380 mhz ~ 405 mhz 35 44 db 405 mhz ~ 500 mhz 38 44 db notes: 1. reference frequency. computed as mean of the 3 db frequencies. 2. all db values are referenced to the insertion l oss value. maximum ratings parameter min max units storage temperature range -40 85 ?c operating temperature range -10 60 ?c input power level - 10 dbm matching circuit 5 , 6 , 7 , 9 , 1 0 2 8 1 , 3 , 4 , 1 1 , 1 2 c 1 5 0 o h m 5 0 o h m l 1 l 2 c 2 l1=18 nh, c1=15 pf, c2=10 pf, l2=18 nh notes: recommend 2% or better tolerance matching componen ts. typical inductor q=40. optimum values may change depending on board layou t. values shown are intended as a guide only.
325 mhz saw filter 10 mhz bandwidth part number SF00325BA02642S idt saw products 324 clark street, worcester, ma 01606, usa ph 1-508-852-5400 fax 1-508-852-8456 www.idt.com dssf00325a02642 s rev x2 21-aug-2009 page 3 of 3 iso 9001 registered package outline suggested footprint all specifications are believed to be accurate and reliable. however, mnc reserves the right to make changes without notice. ? 200 8 all rights reserved. package material: body: al 2 o 3 ceramic lid: kovar, ni plated terminations: au plating 1 m min, over a 1.3-8.9 m ni plating units: mm tolerances are typically 0.15 mm except where indicated. pad configuration: input : 2 output : 8 ground: all other pads idt 2642s yyddd date code (yy=year, ddd=day) long pad location


▲Up To Search▲   

 
Price & Availability of SF00325BA02642S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X