ksd-t5c053-002 1 SBT2907A pnp silicon transistor pin connection sot-23 descriptions ? general purpose application ? switching application features ? low leakage current ? low collector saturation voltage enabling low voltage operation ? complementary pair with sbt2222a ordering information type no. marking package code SBT2907A 2f sot-23 device code year&week code absolute maximum ratings ta =2 5 c characteristic symbol ratings unit collector-base voltage v cbo -60 v collector-emitter voltage v ceo -60 v emitter-base voltage v ebo -5 v collector current i c -0.6 a(dc) i cp * -1.2 a(pulse) collector dissipation p c ** 350 mw junction temperature t j 150 c storage temperature range t stg -55~150 c * : single pulse, tp= 300 ? ** : package mounted on 99.5% alumina 10 8 0.6mm 1 2 3
ksd-t5c053-002 2 SBT2907A electrical characteristics ta=25 c characteristic symbol test co ndition min. typ. max. unit collector-base breakdown voltage bv cbo i c =-10 a, i e =0 -60 - - v collector-emitter breakdown voltage bv ceo i c =-1ma, i b =0 -60 - - v emitter-base breakdown voltage bv ebo i e =-10 a, i c =0 -5 - - v collector cut-off current i cbo v cb =-60v, i e =0 - - -20 na collector cut-off current i cex v ce =-30v, v eb =-0.5v - - -50 na dc current gain h fe v ce =-10v, i c =-10ma 100 - - - collector-emitter saturation voltage v ce(sat) i c =-150ma, i b =-15ma - - -0.4 v transition frequency f t v ce =-5.0v, i c =-20ma, f=100mhz 200 - - mhz collector output capacitance c ob v cb =-10v, i e =0, f=1mhz - - 8 pf tu r n - o n t i m e t on v cc =-30v dc ,i c =-150ma dc , i b1 =-15ma dc - - 45 ns delay time t d - - 10 ns rise time t r - - 40 ns turn-off time t off v cc =-6.0v dc ,i c =-150ma dc , i b1 =i b2 =-15ma dc - - 100 ns storage time t s - - 80 ns fall time t f - - 30 ns
ksd-t5c053-002 3 SBT2907A ? electrical characteristic curves fig. 2 h fe - i c fig. 3 i c - v ce(sat) fig. 4 i c ? v be(sat) co fig. 1 p c - t a fig. 5 c ob -v cb
ksd-t5c053-002 4 SBT2907A outline dimension recommend pcb solder land [unit: mm]
ksd-t5c053-002 5 SBT2907A the auk corp. products are intended for the use as components in general electronic equipment (office and co mmunication equipment, m easuring equipment, home appliance, etc.). please make sure that you consult with us before you use these auk corp. products in equipments which require high quality and / or reliability, and in equipments which could have major impact to th e welfare of human life(atomi c energy control, airplane, spaceship, transportation, co mbustion control, all types of safety device, etc.). auk corp. cannot accept liability to any damage which may occur in case these auk corp. products were used in the mentioned equipm ents without prior consultation with auk corp.. specifications mentioned in this publicati on are subject to change without notice.
|