Part Number Hot Search : 
1N5755B X1N958U MPC8544E 5325F7 SMAJ45A CDRH5D28 MB90F9 KRF7319
Product Description
Full Text Search
 

To Download RJ22 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1.52 (.060) 2.54 (.100) 1.52 (.060) 4.75 (.187) 5.59 (.220) 3 1 2 2 1 3 2 1 3 12.7 (.500) typ. 12.7 (.500) typ. 1.98 (.078) dia. thru (2 places) typ. 13.21 (.520) 2.54 (.100) 2.54 (.100) 6.35 (.250) 6.35 (.250) 13.34 .64 (.525 .025) .71 .08 (.028 .003) dia. typ. 1.78 (.070) typ. 5.59 (.220) 2.54 (.100) 2.54 (.100) 2.79 (.110) 6.35 (.250) 6.35 (.250) 13.21 (.520) 2.36 (.093) 1.52 (.060) .89 (.035) typ. typ. 12.70 (.500) 12.70 (.500) 152.4 (6.00) length min. 2.54 (.100) 2.54 (.100) 1.78 (.070) 5.59 (.220) adj. slot 2.03 .38 (.080 .015) .64 (.025) .50 (.020) wide x x deep dia. features multiturn / cermet / sealed listed on the qpl per mil-prf-22097 panel mount option available for trimmer applications/processing guidelines, click here RJ22 - 1/2 ? square trimpot ? trimming potentiometer *rohs directive 2002/95/ec jan. 27, 2003 including annex and rohs recast 2011/65/eu june 8, 2011. ?trimpot? is a registered trademark of bourns, inc. speci? cations are subject to change without notice. customers should verify actual device performance in their speci? c applications. electrical characteristics standard resistance range ........................ 10 ohms to 1 megohm (see standard resistance table) resistance tolerance ............ ?0 % std. absolute minimum resistance ......................................... 1 ohm max. contact resistance variation ............................ 2 % or 2 ohms max. (whichever is greater) adjustability voltage ...................................?.01 % resistance .............................?.05 % resolution.................................... in nite insulation resistance ............... 500 vdc. 1,000 megohms min. dielectric strength sea level ............................ 1,000 vac 80,000 feet ............................ 400 vac effective travel .................25 turns nom. environmental characteristics power rating @ 85 ? (400 volts max.) ............................................. 0.50 watt power rating @ 150 ? ............... 0 watt temperature range ....-65 ? to +150 ? temperature coef cient ....?00 ppm/? seal test ...................... 85 ? fluorinert* (pin styles only) humidity .................. mil-std-202 method 106 (1 % tr; 10 megohms ir) vibration ....... 20 g (1 % tr; 1 % vr) shock.......... 100 g (1 % tr; 1 % vr) load life .1,000 hours 0.5 watt @ 85 ? (2 % tr; 1 % vr) rotational life........................200 cycles 2 % tr physical characteristics torque............................. 5.0 oz-in. max. mechanical stops ................. wiper idles terminals ..... mil-std-202; method 208 flexible leads ..... (7 strands of 30 awg) weight ..................................... 0.065 oz. wiper ............... 50 % (actual tr) ?0 % flammability ..........................u.l. 94v-0 machine screw mounting torque.............................. 12 oz-in. max. marking ................. mil-spec part number standard packaging x, p & w styles ......... 25 pcs. per tube l style ........................ 25 pcs. per bag adjustment tool .............................. h-90 product dimensions 1 3 gree n cw clockwise yellow ccw 2 wiper red how to order RJ22 f w 103 model characteristic f = ?00 ppm/? temp. coeff. max. terminal style resistance code rev. 12/12 tolerances: 0.25 except where noted (.010) RJ22fp common dimensions (pin styles) RJ22fw dimensions: mm (inches) mil-prf-22097 standard resistance table resistance resistance (ohms) code 10 100 20 200 50 500 100 101 200 201 500 501 1,000 102 2,000 202 5,000 502 10,000 103 20,000 203 25,000 253 50,000 503 100,000 104 250,000 254 500,000 504 1,000,000 105 RJ22fl RJ22fx


▲Up To Search▲   

 
Price & Availability of RJ22

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X