Part Number Hot Search : 
4D44ADR ANTXV1N N5255 10K275 IRFP460P W79E803 HC3225 AOD7S65
Product Description
Full Text Search
 

To Download ONSEMICONDUCTOR-MBR60L45CTG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2007 march, 2007 ? rev. 0 1 publication order number: mbr60l45ct/d mbr60l45ctg, mbr60l45wtg switchmode ? power rectifier 45 v, 60 a features and benefits ? low forward voltage ? low power loss/high efficiency ? high surge capacity ? 175 c operating junction temperature ? 60 a total (30 a per diode leg) ? guard ? ring for stress protection applications ? power supply ? output rectification ? power management ? instrumentation mechanical characteristics: ? case: epoxy, molded ? epoxy meets ul 94 v ? 0 @ 0.125 in ? weight (approximately): 1.9 grams (to ? 220) weight (approximately): 4.3 grams (to ? 247) ? finish: all external surfaces corrosion resistant and terminal leads are readily solderable ? lead temperature for soldering purposes: 260 c max. for 10 seconds ? shipped 50 units per plastic tube for to ? 220 and 30 units per plastic tube for to ? 247 ? this is a pb ? free device maximum ratings please see the table on the following page schottky barrier rectifiers 60 amperes, 45 volts 1 3 2, 4 http://onsemi.com device package shipping ordering information mbr60l45ctg to ? 220 (pb ? free) 50 units/rail marking diagrams b60l45 = device code a = assembly location y = year ww = work week aka = polarity designator g= pb ? free device to ? 247 case 340l plastic aywwg b60l45 a k a to ? 220 case 221a plastic 3 1 2 4 ayww b60l45g a k a mbr60l45wtg to ? 247 (pb ? free) 30 units/rail
mbr60l45ctg, mbr60l45wtg http://onsemi.com 2 maximum ratings (per diode leg) rating symbol value unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 45 v average rectified forward current (rated v r ) t c = 145 c for mbr60l45ctg (rated v r ) t c = 165 c for mbr60l45wtg i f(av) 30 a peak repetitive forward current (rated v r , square wave, 20 khz) i frm 60 a nonrepetitive peak surge current (surge applied at rated load conditions halfwave, single phase, 60 hz) i fsm 200 a operating junction temperature (note 1) t j ? 65 to +175 c storage temperature t stg ? 65 to +175 c voltage rate of change (rated v r ) dv/dt 10,000 v/  s esd ratings: machine model = c human body model = 3b > 400 > 8000 v thermal characteristics maximum thermal resistance (mbr60l45ctg) ? junction ? to ? case (mbr60l45wtg) ? junction ? to ? case r  jc r  jc 1.9 0.59 c/w electrical characteristics (per diode leg) maximum instantaneous forward voltage (note 2) (i f = 30 a, t c = 25 c) (i f = 30 a, t c = 125 c) (i f = 60 a, t c = 25 c) (i f = 60 a, t c = 125 c) v f 0.55 0.53 0.73 0.76 v maximum instantaneous reverse current (note 2) (rated dc voltage, t c = 25 c) (rated dc voltage, t c = 125 c) i r 1.2 275 ma stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above t he recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may af fect device reliability. 1. the heat generated must be less than the thermal conductivity from junction ? to ? ambient: dp d /dt j < 1/r  ja . 2. pulse test: pulse width = 300  s, duty cycle 2.0%.
mbr60l45ctg, mbr60l45wtg http://onsemi.com 3 typical characteristics figure 1. typical forward voltage figure 2. maximum forward voltage v f , instantaneous forward voltage (v) v f , maximum forward voltage (v) 1.6 1.4 1.2 1.0 0.6 0.4 0.2 0 0.1 1 10 1000 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 0.1 1 10 100 1000 figure 3. typical reverse current figure 4. maximum reverse current v r , reverse voltage (v) v r , reverse voltage (v) 50 35 30 25 15 10 5 0 1e ? 05 1e ? 04 1e ? 03 1e ? 02 1e ? 01 1e+00 45 35 30 25 20 10 5 0 1e ? 05 figure 5. current derating for mbr60l45ctg figure 6. current derating for mbr60l45wtg t c , case temperature ( c) 180 170 160 130 120 100 90 80 0 5 15 20 25 35 40 50 i f , instantaneous forward current (a) i f , instantaneous forward current (a) i r , reverse current (a) i r , maximum reverse current (a) i f , average forward current (a) 0.8 100 150 c 125 c 25 c 1.6 150 c 125 c 25 c 20 40 45 150 c 125 c 25 c 1e ? 04 1e ? 03 1e ? 02 1e ? 01 1e+00 150 c 125 c 25 c 140 110 150 10 30 45 square wave t c , case temperature ( c) 180 170 160 130 120 100 90 80 0 5 15 20 25 35 40 50 i f , average forward current (a) 140 110 150 10 30 45 square wave 15 40 50 dc dc
mbr60l45ctg, mbr60l45wtg http://onsemi.com 4 typical characteristics figure 7. forward power dissipation figure 8. capacitance i o , average forward current (a) v r , reverse voltage (v) 40 35 30 25 15 10 5 0 0 4 8 30 40 35 25 20 15 10 5 0 100 1000 10000 figure 9. thermal response junction ? to ? case for mbr60l45ctg t 1 , time (sec) 1000 1 0.1 0.01 0.0001 0.00001 0.000001 0.001 0.01 0.1 10 p fo , average power dissipation (w) c, capacitance (pf) r(t) transient thermal resistance 20 24 square wave 45 0.001 10 100 12 16 20 28 dc 2 6 22 10 14 18 26 30 25 c figure 10. thermal response junction ? to ? case for mbr60l45wtg t 1 , time (sec) 1000 1 0.1 0.01 0.0001 0.00001 0.000001 0.001 0.01 0.1 1 r(t) transient thermal resistance 0.001 10 100 p (pk) t 1 t 2 duty cycle, d = t 1 /t 2 d = 0.5 single pulse 0.2 0.1 0.05 0.01 p (pk) t 1 t 2 duty cycle, d = t 1 /t 2 d = 0.5 single pulse 0.2 0.1 0.05 0.01 1
mbr60l45ctg, mbr60l45wtg http://onsemi.com 5 package dimensions to ? 220 case 221a ? 09 issue ad notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. dimension z defines a zone where all body and lead irregularities are allowed. dim min max min max millimeters inches a 0.570 0.620 14.48 15.75 b 0.380 0.405 9.66 10.28 c 0.160 0.190 4.07 4.82 d 0.025 0.035 0.64 0.88 f 0.142 0.147 3.61 3.73 g 0.095 0.105 2.42 2.66 h 0.110 0.155 2.80 3.93 j 0.018 0.025 0.46 0.64 k 0.500 0.562 12.70 14.27 l 0.045 0.060 1.15 1.52 n 0.190 0.210 4.83 5.33 q 0.100 0.120 2.54 3.04 r 0.080 0.110 2.04 2.79 s 0.045 0.055 1.15 1.39 t 0.235 0.255 5.97 6.47 u 0.000 0.050 0.00 1.27 v 0.045 ??? 1.15 ??? z ??? 0.080 ??? 2.04 b q h z l v g n a k f 123 4 d seating plane ? t ? c s t u r j to ? 247 case 340l ? 02 issue d n p a k w f d g u e 0.25 (0.010) m yq s j h c 4 123 ? t ? ? b ? ? y ? notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 2 pl 3 pl 0.63 (0.025) m tb m ? q ? l dim min max min max inches millimeters a 20.32 21.08 0.800 8.30 b 15.75 16.26 0.620 0.640 c 4.70 5.30 0.185 0.209 d 1.00 1.40 0.040 0.055 e 2.20 2.60 0.087 0.102 f 1.65 2.13 0.065 0.084 g 5.45 bsc 0.215 bsc h 1.50 2.49 0.059 0.098 j 0.40 0.80 0.016 0.031 k 20.06 20.83 0.790 0.820 l 5.40 6.20 0.212 0.244 n 4.32 5.49 0.170 0.216 p ??? 4.50 ??? 0.177 q 3.55 3.65 0.140 0.144 u 6.15 bsc 0.242 bsc w 2.87 3.12 0.113 0.123 on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its of ficers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81 ? 3 ? 5773 ? 3850 mbr60l45ct/d switchmode is a trademark of semiconductor components industries, llc. literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 toll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative


▲Up To Search▲   

 
Price & Availability of ONSEMICONDUCTOR-MBR60L45CTG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X